Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT54SX32-1CG256B Datasheet(PDF) 10 Page - Actel Corporation

Part # RT54SX32-1CG256B
Description  SX Family FPGAs RadTolerant and HiRel
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

RT54SX32-1CG256B Datasheet(HTML) 10 Page - Actel Corporation

Back Button RT54SX32-1CG256B Datasheet HTML 6Page - Actel Corporation RT54SX32-1CG256B Datasheet HTML 7Page - Actel Corporation RT54SX32-1CG256B Datasheet HTML 8Page - Actel Corporation RT54SX32-1CG256B Datasheet HTML 9Page - Actel Corporation RT54SX32-1CG256B Datasheet HTML 10Page - Actel Corporation RT54SX32-1CG256B Datasheet HTML 11Page - Actel Corporation RT54SX32-1CG256B Datasheet HTML 12Page - Actel Corporation RT54SX32-1CG256B Datasheet HTML 13Page - Actel Corporation RT54SX32-1CG256B Datasheet HTML 14Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 46 page
background image
SX Family FPGAs RadTolerant and HiRel
1- 6
v2.1
Routing Resources
Clusters and SuperClusters can be connected through the
use of two innovative local routing resources called
FastConnect and DirectConnect that enable extremely
fast and predictable interconnections of modules within
Clusters and SuperClusters (see Figure 1-6 and Figure 1-7
on page 1-7). This routing architecture also dramatically
reduces the number of antifuses required to complete a
circuit, ensuring the highest possible performance.
DirectConnect is a horizontal routing resource that
provides connections from a C-cell to its neighboring
R-cell in a given SuperCluster. DirectConnect uses a
hardwired signal path requiring no programmable
interconnection to achieve its fast signal propagation
time of less than 0.1 ns.
FastConnect enables horizontal routing between any
two logic modules within a given SuperCluster, and
vertical routing to the SuperCluster immediately below
it. Only one programmable connection is used in a
FastConnect path, delivering a maximum pin-to-pin
propagation of 0.4 ns.
In addition to DirectConnect and FastConnect, the
architecture makes use of two globally oriented routing
resources known as segmented routing and high-drive
routing. Actel’s segmented routing structure provides a
variety of track lengths for extremely fast routing
between SuperClusters. The exact combination of track
lengths and antifuses within each path is chosen by the
100% automatic place-and-route software to minimize
signal propagation delays.
Figure 1-6 • DirectConnect and FastConnect for Type 1 SuperClusters
Type 1 SuperClusters
Routing Segments
• Typically Two Antifuses
• Max. Five Antifuses
FastConnect
• One Antifuse
DirectConnect
• No Antifuses


Similar Part No. - RT54SX32-1CG256B

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
RT54SX32S ACTEL-RT54SX32S Datasheet
686Kb / 84P
   RTSX-S RadTolerant FPGAs
RT54SX32S-1CC256B ACTEL-RT54SX32S-1CC256B Datasheet
686Kb / 84P
   RTSX-S RadTolerant FPGAs
RT54SX32S-1CC256E ACTEL-RT54SX32S-1CC256E Datasheet
686Kb / 84P
   RTSX-S RadTolerant FPGAs
RT54SX32S-1CC256M ACTEL-RT54SX32S-1CC256M Datasheet
686Kb / 84P
   RTSX-S RadTolerant FPGAs
RT54SX32S-1CG256B ACTEL-RT54SX32S-1CG256B Datasheet
686Kb / 84P
   RTSX-S RadTolerant FPGAs
More results

Similar Description - RT54SX32-1CG256B

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
A54SX32A-1CQ208M ACTEL-A54SX32A-1CQ208M Datasheet
455Kb / 50P
   HiRel SX-A Family FPGAs
A54SX08 ACTEL-A54SX08 Datasheet
503Kb / 64P
   SX Family FPGAs
A54SX32-TQ144 ACTEL-A54SX32-TQ144 Datasheet
504Kb / 64P
   SX Family FPGAs
A54SX08-TQ176 ACTEL-A54SX08-TQ176 Datasheet
504Kb / 64P
   SX Family FPGAs
A54SX16-P2PQG208 ACTEL-A54SX16-P2PQG208 Datasheet
504Kb / 64P
   SX Family FPGAs
A54SX08A-FTQG144 ACTEL-A54SX08A-FTQG144 Datasheet
823Kb / 108P
   SX-A Family FPGAs
A54SX08A-FTQ144 ACTEL-A54SX08A-FTQ144 Datasheet
828Kb / 108P
   SX-A Family FPGAs
logo
List of Unclassifed Man...
A54SX08A ETC1-A54SX08A Datasheet
720Kb / 108P
   SX-A Family FPGAs
logo
Actel Corporation
A54SX72A-CQ256 ACTEL-A54SX72A-CQ256 Datasheet
823Kb / 108P
   SX-A Family FPGAs
A54SX16A2PQG208 ACTEL-A54SX16A2PQG208 Datasheet
818Kb / 108P
   SX-A Family FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com