Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC-ACT-UL2LINK-NET Datasheet(PDF) 6 Page - Actel Corporation

Part # MC-ACT-UL2LINK-NET
Description  Function compatible with ATM Forum af-phy-0017.000 & af-phy-0039.000
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

MC-ACT-UL2LINK-NET Datasheet(HTML) 6 Page - Actel Corporation

  MC-ACT-UL2LINK-NET Datasheet HTML 1Page - Actel Corporation MC-ACT-UL2LINK-NET Datasheet HTML 2Page - Actel Corporation MC-ACT-UL2LINK-NET Datasheet HTML 3Page - Actel Corporation MC-ACT-UL2LINK-NET Datasheet HTML 4Page - Actel Corporation MC-ACT-UL2LINK-NET Datasheet HTML 5Page - Actel Corporation MC-ACT-UL2LINK-NET Datasheet HTML 6Page - Actel Corporation MC-ACT-UL2LINK-NET Datasheet HTML 7Page - Actel Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Timing
Since the ATM Forum specification fully defines the line side of the UTOPIA Level 2 interface, timing for that is not replicated here. Instead, only user (FIFO) interface
timing information is presented here. The figure below shows the functional timing for FIFO reads and writes.
Figure 3: FIFO Timing
D0
D1
A53
A52
...
A0
A53
A52
...
A1
RD_CLK
RD_ADDR
RD_ENB
RD_DATA
DECREMENT
D0
D1
A53
A52
...
A0
A53
A52
...
A1
WR_CLK
WR_ADDR
WR_ENB
WR_DATA
INCREMENT
D0
D1
D53
D52
...
A0
A53
A52
...
A1
RD_CLK
RD_ADDR
RD_ENB
RD_DATA
DECREMENT
D0
D1
D53
D52
...
A0
A53
A52
...
A1
WR_CLK
WR_ADDR
WR_ENB
WR_DATA
INCREMENT


Similar Part No. - MC-ACT-UL2LINK-NET

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
MC-ACT-UL2PHY ACTEL-MC-ACT-UL2PHY Datasheet
231Kb / 4P
   ATM cell processors ATM switch fabrics
More results

Similar Description - MC-ACT-UL2LINK-NET

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
MC-ACT-UL3LINK-NET ACTEL-MC-ACT-UL3LINK-NET Datasheet
270Kb / 5P
   Function compatible with ATM Forum Asynchronous/synchronous FIFO using RAM
logo
Maxim Integrated Produc...
DS26101 MAXIM-DS26101 Datasheet
560Kb / 62P
   8-Port TDM-to-ATM PHY
REV: 032503
DS26102 MAXIM-DS26102 Datasheet
607Kb / 64P
   16-Port TDM-to-ATM PHY
REV: 021403
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-59F1Z AVAGO-AFBR-59F1Z Datasheet
367Kb / 8P
   Electrically compatible with 100BaseFX PHY ICs
logo
PMC-Sierra, Inc
PM7375-1 PMC-PM7375-1 Datasheet
65Kb / 2P
   ATM SAR and PHY Processor for PCI Bus
PM7375 PMC-PM7375 Datasheet
119Kb / 4P
   ATM SAR and PHY Processor for PCI Bus
logo
Integrated Device Techn...
IDT77V106L25 IDT-IDT77V106L25 Datasheet
216Kb / 27P
   3.3V ATM PHY for 25.6 and 51.2 Mbps
IDT77105 IDT-IDT77105 Datasheet
335Kb / 24P
   PHY (TC-PMD) for 25.6 Mbps ATM Networks
logo
PMC-Sierra, Inc
PM7342 PMC-PM7342 Datasheet
65Kb / 2P
   32 Link Inverse Multiplexer for ATM (IMA) / UNI PHY
logo
Nuvotem Talema
UTM-3000-J TALEMA-UTM-3000-J Datasheet
82Kb / 1P
   ATM 25MBPS Pulse Transformer for Novacom & SEEQ PHY Interface
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com