Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT3PE3000L-LG484B Datasheet(PDF) 1 Page - Actel Corporation

Part # RT3PE3000L-LG484B
Description  Radiation-Tolerant ProASIC3 Low-Power Space- Flight Flash FPGAs
Download  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

RT3PE3000L-LG484B Datasheet(HTML) 1 Page - Actel Corporation

  RT3PE3000L-LG484B Datasheet HTML 1Page - Actel Corporation RT3PE3000L-LG484B Datasheet HTML 2Page - Actel Corporation RT3PE3000L-LG484B Datasheet HTML 3Page - Actel Corporation RT3PE3000L-LG484B Datasheet HTML 4Page - Actel Corporation RT3PE3000L-LG484B Datasheet HTML 5Page - Actel Corporation RT3PE3000L-LG484B Datasheet HTML 6Page - Actel Corporation RT3PE3000L-LG484B Datasheet HTML 7Page - Actel Corporation RT3PE3000L-LG484B Datasheet HTML 8Page - Actel Corporation RT3PE3000L-LG484B Datasheet HTML 9Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 144 page
background image
September 2008
I
© 2008 Actel Corporation
Radiation-Tolerant ProASIC3 Low-Power Space-
Flight Flash FPGAs
with Flash*Freeze Technology
Features and Benefits
MIL-STD-883 Class B Qualified Packaging
• Ceramic Column Grid Array with Six Sigma Copper-
Wrapped Lead-Tin Columns
• Land Grid Array
Low Power
• Dramatic Reduction in Dynamic and Static Power
• 1.2 V to 1.5 V Core and I/O Voltage Support for Low
Power
• Low Power Consumption in Flash*Freeze Mode Enables
Instantaneous
Entry
To
/
Exit
From
Low-Power
Flash*Freeze Mode
• Supports Single-Voltage System Operation
• Low-Impedance Switches
Radiation Tolerant
• 15 krad Total Ionizing Dose (TID)
• Wafer-Lot-Specific TID Reports
High Capacity
• 600 k to 3 M System Gates
• Up to 504 kbits of True Dual-Port SRAM
• Up to 620 User I/Os
Reprogrammable Flash Technology
• 130-nm, 7-Layer Metal (6 Copper), Flash-Based CMOS
Process
• Live-at-Power-Up (LAPU) Level 0 Support
• Single-Chip Solution
• Retains Programmed Design when Powered Off
High Performance
• 350 MHz (1.5 V) and 250 MHz (1.2 V) System Performance
• 3.3 V, 66 MHz, 66-Bit PCI (1.5 V); 66 MHz, 32-Bit PCI (1.2 V)
In-System Programming (ISP) and Security
• Secure ISP Using On-Chip 128-Bit Advanced Encryption
Standard (AES) Decryption via JTAG (IEEE 1532–compliant)
•FlashLock® to Secure FPGA Contents
High-Performance Routing Hierarchy
• Segmented, Hierarchical Routing and Clock Structure
• High-Performance, Low-Skew Global Network
• Architecture Supports Ultra-High Utilization
Advanced and Pro (Professional) I/Os
• 700 Mbps DDR, LVDS-Capable I/Os
• 1.2 V,
1.5 V,
1.8 V,
2.5 V,
and
3.3 V
Mixed-Voltage
Operation
• Bank-Selectable I/O Voltages—up to 8 Banks per Chip
• Single-Ended I/O Standards: LVTTL, LVCMOS 3.3 V /
2.5 V / 1.8 V / 1.5 V / 1.2 V, 3.3 V PCI / 3.3 V PCI-X, and
LVCMOS 2.5 V / 5.0 V Input
• Differential I/O Standards: LVPECL, LVDS, B-LVDS, and M-LVDS
• Voltage-Referenced I/O Standards: GTL+ 2.5 V / 3.3 V, GTL
2.5 V / 3.3 V, HSTL Class I and II, SSTL2 Class I and II, SSTL3
Class I and II (RT3PE3000L only)
• I/O Registers on Input, Output, and Enable Paths
• Hot-Swappable and Cold-Sparing I/Os
• Programmable Output Slew Rate and Drive Strength
• Programmable Input Delay (RT3PE3000L only)
• Schmitt
Trigger
Option
on
Single-Ended
Inputs
(RT3PE3000L)
• Weak Pull-Up/-Down
• IEEE 1149.1 (JTAG) Boundary Scan Test
• Pin-Compatible Packages across the Radiation-Tolerant
ProASIC®3 Family
Clock Conditioning Circuit (CCC) and PLL
• Six CCC Blocks, All with Integrated PLL (RT ProASIC3)
• Configurable
Phase
Shift,
Multiply/Divide,
Delay
Capabilities, and External Feedback
• Wide Input Frequency Range 1.5 MHz to 250 MHz (1.2 V
systems) and 350 MHz (1.5 V systems)
SRAMs and FIFOs
• Variable-Aspect-Ratio 4,608-Bit RAM Blocks (×1, ×2, ×4,
×9, and ×18 organizations available)
• True Dual-Port SRAM (except ×18)
• 24 SRAM and FIFO Blocks with Synchronous Operation:
– 250 MHz: For 1.2 V Systems
– 350 MHz: For 1.5 V Systems
®
Table I-1 • Radiation-Tolerant (RT) ProASIC3 Low-Power Space-Flight FPGAs
RT ProASIC3 Devices
RT3PE600L
RT3PE3000L
System Gates
600 k
3 M
VersaTiles (D-flip-flops)
13,824
75,264
RAM kbits (1,024 bits)
108
504
4,608-Bit Blocks
24
112
FlashROM Bits
1 k
1 k
Secure (AES) ISP
Yes
Yes
Integrated PLL in CCCs
66
VersaNet Globals
18
18
I/O Banks
88
Maximum User I/Os
270
620
Package Pins
CCGA/LGA
CG/LG484
CG/LG484, CG/LG896
Advance v0.1


Similar Part No. - RT3PE3000L-LG484B

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
RT3PEEM ISAHAYA-RT3PEEM Datasheet
179Kb / 3P
   Composite Transistor With Resistor For Switching Application Silicon Epitaxial Type
More results

Similar Description - RT3PE3000L-LG484B

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A3P250-2FG256I MICROSEMI-A3P250-2FG256I Datasheet
10Mb / 212P
   Military ProASIC3/EL Low Power Flash FPGAs
A3PN015-QNG68 MICROSEMI-A3PN015-QNG68 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
A3PN030-ZVQG100 MICROSEMI-A3PN030-ZVQG100 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
logo
Actel Corporation
A3P1000-1FGG144I ACTEL-A3P1000-1FGG144I Datasheet
5Mb / 206P
   ProASIC3 Flash Family FPGAs
logo
Microsemi Corporation
A3P250-1PQ208 MICROSEMI-A3P250-1PQ208 Datasheet
10Mb / 220P
   ProASIC3 Flash Family FPGAs
A3PN125-ZVQG100 MICROSEMI-A3PN125-ZVQG100 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
A3PN125-VQG100I MICROSEMI-A3PN125-VQG100I Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
logo
Actel Corporation
A3PN010 ACTEL-A3PN010 Datasheet
3Mb / 106P
   ProASIC3 nano Flash FPGAs
A3P1000-1FGG144M ACTEL-A3P1000-1FGG144M Datasheet
5Mb / 181P
   Military ProASIC3/EL Low-Power Flash FPGAs
logo
Microsemi Corporation
A3PN030-ZQNG48 MICROSEMI-A3PN030-ZQNG48 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com