Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RH1020-CQ172V Datasheet(PDF) 11 Page - Actel Corporation

Part # RH1020-CQ172V
Description  Radiation-Hardened FPGAs
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

RH1020-CQ172V Datasheet(HTML) 11 Page - Actel Corporation

Back Button RH1020-CQ172V Datasheet HTML 7Page - Actel Corporation RH1020-CQ172V Datasheet HTML 8Page - Actel Corporation RH1020-CQ172V Datasheet HTML 9Page - Actel Corporation RH1020-CQ172V Datasheet HTML 10Page - Actel Corporation RH1020-CQ172V Datasheet HTML 11Page - Actel Corporation RH1020-CQ172V Datasheet HTML 12Page - Actel Corporation RH1020-CQ172V Datasheet HTML 13Page - Actel Corporation RH1020-CQ172V Datasheet HTML 14Page - Actel Corporation RH1020-CQ172V Datasheet HTML 15Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
Radiation-Hardened FPGAs
v3.1
1-7
Package Thermal Characteristics
The device junction to case thermal characteristics is
θ
jc,
and the junction to ambient air characteristics is
θ
ja. The
thermal
characteristics
for
θ
ja
are
listed
with
two different air flow rates, as shown in Table 1-3.
Maximum junction temperature is 150°C.
A sample calculation of the maximum power dissipation
for an 84-pin ceramic quad flat pack at commercial
temperature is shown in EQ 1-2.
EQ 1-2
Power Dissipation
General Power Equation
P = [ICCstandby + ICCactive] × VCC + IOL × VOL ×
N + IOH × (VCC – VOH) × M
EQ 1-3
where
ICCstandby is the current flowing when no inputs or
outputs are changing.
ICCactive is the current flowing due to CMOS
switching.
IOL, IOH are TTL sink/source currents.
VOL, VOH are TTL level output voltages.
N equals the number of outputs driving TTL loads to
VOL.
M equals the number of outputs driving TTL loads to
VOH.
Accurate values for N and M are difficult to determine
because they depend on the family type, design details,
and on the system I/O. The power can be divided into
two components: static and active.
Static Power Components
Actel FPGAs have small static power components that
result in lower power dissipation than PALs or PLDs. By
integrating multiple PALs/PLDs into one FPGA, an even
greater reduction in board-level power dissipation can
be achieved.
The power due to standby current is typically a small
component of the overall power. Standby power is
calculated below for military, worst case conditions.
ICC
VCC
Power
25 mA 5.5 V
138 mW (max)
1 mA
5.5 V
5.5 mW (typ)
Active Power Components
Power dissipation in CMOS devices is usually dominated
by
the
active
(dynamic)
power
dissipation.
This
component is frequency-dependent and a function of
the logic and the external I/O. Active power dissipation
results from charging internal chip capacitances of the
interconnect, unprogrammed antifuses, module inputs,
and module outputs, plus external capacitance due to PC
board traces and load device inputs. An additional
component of the active power dissipation is the
totempole current in CMOS transistor pairs. The net
effect can be associated with an equivalent capacitance
that can be combined with frequency and voltage to
represent active power dissipation.
The power dissipated by a CMOS circuit can be expressed
by EQ 1-4:
Power (uW) = CEQ × VCC
2 × F
EQ 1-4
Table 1-3 • Thermal Characteristics
Package Type
Pin Count
θ
jc
θ
ja
Units
Still Air
1.0 m/s
200 ft. / min.
2.5 m/s
500 ft. / min.
Ceramic Quad Flat Pack
84
2.0
40.0
33.0
30.0
°C/W
Ceramic Quad Flat Pack
172
2.0
28.0
23.1
21.0
°C/W
Note:
θ
jc for CQFP packages refers to the thermal resistance between the junction and the bottom of the package.
Max. Junction Temperature
°C
() Max. Commercial Temperature °C
()
θ
ja(°C/W)
--------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------
150
°C70°C
40°C/W
------------------------------------
2.0 W
==


Similar Part No. - RH1020-CQ172V

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
RH102 SECOS-RH102 Datasheet
166Kb / 2P
   Voltage 100V ~ 800V 0.8 Amp Silicon Bridge Rectifiers
logo
Linear Technology
RH1021-10 LINER-RH1021-10 Datasheet
139Kb / 4P
   Precision 10V Reference
RH1021-10 LINER-RH1021-10 Datasheet
82Kb / 4P
   Precision 10V Reference
RH1021-10 LINER-RH1021-10 Datasheet
196Kb / 8P
   Quad Precision Operational Amplifier
RH1021-10 LINER-RH1021-10_15 Datasheet
82Kb / 4P
   Precision 10V Reference
More results

Similar Description - RH1020-CQ172V

ManufacturerPart #DatasheetDescription
logo
Xilinx, Inc
DS071 XILINX-DS071 Datasheet
172Kb / 20P
   Radiation-hardened FPGAs for space and satellite
DS692 XILINX-DS692 Datasheet
1Mb / 41P
   Radiation-Hardened
logo
Microsemi Corporation
2N3498 MICROSEMI-2N3498_1 Datasheet
111Kb / 3P
   RADIATION HARDENED
2N2906A MICROSEMI-2N2906A_1 Datasheet
105Kb / 6P
   RADIATION HARDENED
2N3634 MICROSEMI-2N3634_1 Datasheet
233Kb / 5P
   RADIATION HARDENED
2N2221A MICROSEMI-2N2221A_1 Datasheet
144Kb / 7P
   RADIATION HARDENED
logo
International Rectifier
IRHLUB7970Z4 IRF-IRHLUB7970Z4_10 Datasheet
231Kb / 11P
   RADIATION HARDENED
logo
Actel Corporation
RTAX2000D-CG1152B ACTEL-RTAX2000D-CG1152B Datasheet
592Kb / 8P
   RTAX-DSP Radiation-Tolerant FPGAs
logo
Aeroflex Circuit Techno...
UT69RH051 AEROFLEX-UT69RH051 Datasheet
347Kb / 19P
   Radiation-Hardened MicroController
logo
List of Unclassifed Man...
UT69RH051 ETC2-UT69RH051 Datasheet
182Kb / 18P
   Radiation-Hardened MicroController
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com