Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT54SX32S-1CC256E Datasheet(PDF) 11 Page - Actel Corporation

Part # RT54SX32S-1CC256E
Description  RTSX-S RadTolerant FPGAs
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

RT54SX32S-1CC256E Datasheet(HTML) 11 Page - Actel Corporation

Back Button RT54SX32S-1CC256E Datasheet HTML 7Page - Actel Corporation RT54SX32S-1CC256E Datasheet HTML 8Page - Actel Corporation RT54SX32S-1CC256E Datasheet HTML 9Page - Actel Corporation RT54SX32S-1CC256E Datasheet HTML 10Page - Actel Corporation RT54SX32S-1CC256E Datasheet HTML 11Page - Actel Corporation RT54SX32S-1CC256E Datasheet HTML 12Page - Actel Corporation RT54SX32S-1CC256E Datasheet HTML 13Page - Actel Corporation RT54SX32S-1CC256E Datasheet HTML 14Page - Actel Corporation RT54SX32S-1CC256E Datasheet HTML 15Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 84 page
background image
RTSX-S RadTolerant FPGAs
v2.2
1-5
Global Resources
Actel’s high-drive routing structure provides three clock
networks: hardwired clocks (HCLK), routed clocks (CLKA,
CLKB), and quadrant clocks (QCLKA, QCLKB, QCLKC,
QCLKD).
The first clock, called HCLK, is hardwired from the HCLK
buffer to the clock select MUX in each R-cell. HCLK
cannot be connected to combinational logic. This
provides a fast propagation path for the clock signal,
enabling
the
9.5 ns
clock-to-out
(pad-to-pad)
performance of the RTSX-S devices.
The second type of clock, routed clocks, (CLKA, CLKB) are
global clocks that can be sourced from either external
pins or internal logic signals within the device. CLKA and
CLKB may be connected to sequential cells (R-cells) or to
combinational logic (C-cells).
The last type of clock, quadrant clocks, are only found in
the RT54SX72S. Similar to the routed clocks, the four
quadrant clocks (QCLKA, QCLKB, QCLKC, QCLKD) can be
sourced from external pins or from internal logic signals
within the device. Each of these clocks can individually
drive up to a quarter of the chip, or they can be grouped
together to drive multiple quadrants.
Design Environment
The RTSX-S family of FPGAs is fully supported by both
Actel's Libero™ Integrated Design Environment (IDE)
and Designer FPGA Development software. Actel Libero
IDE is a design management environment, seamlessly
integrating design tools while guiding the user through
the design flow, managing all design and log files, and
passing necessary design data among tools. Additionally,
Libero IDE allows users to integrate both schematic and
HDL synthesis into a single flow and verify the entire
design in a single environment. Libero IDE includes
Synplify® for Actel from Synplicity®, ViewDraw for Actel
from Mentor Graphics, ModelSim™ HDL Simulator from
Mentor
Graphics®,
WaveFormer
Lite™
from
SynaptiCAD™, and Designer software from Actel. Refer
to the Libero IDE flow (located on Actel’s website)
diagram for more information.
Actel's Designer software is a place-and-route tool and
provides a comprehensive suite of backend support tools
for FPGA development. The Designer software includes
timing-driven
place-and-route,
and
a
world-class
integrated static timing analyzer and constraints editor.
With the Designer software, a user can select and lock
package pins while only minimally impacting the results
of place-and-route. Additionally, the back-annotation
flow is compatible with all the major simulators and the
simulation results can be cross-probed with Silicon
Explorer II, Actel’s integrated verification and logic
analysis tool. Another tool included in the Designer
software is the ACTgen macro builder, which easily
creates popular and commonly used logic functions for
implementation into your schematic or HDL design.
Actel's Designer software is compatible with the most
popular FPGA design entry and verification tools from
companies such as Mentor Graphics, Synplicity, Synopsys,
and Cadence Design Systems. The Designer software is
available for both the Windows and UNIX operating
systems.
Programming
Programming support is provided through Actel's Silicon
Sculptor II, a single-site programmer driven via a PC-
based GUI. Factory programming is available as well.
Low-Cost Prototyping Solution
Since the enhanced radiation characteristics of radiation-
tolerant devices are not required during the prototyping
phase of the design, Actel has developed a prototyping
solution for RTSX-S that utilizes commercial SX-A devices.
The prototyping solution consists of two parts:
A well-documented design flow that allows the
customer to target an RTSX-S design to the
equivalent commercial SX-A device
Either footprint-compatible packages or protoyping
sockets to adapt commercial SX-A packages to the
RTAX-S package footprints
This methodology provides the user with a cost-effective
solution while maintaining the short time-to-market
associated with Actel FPGAs. Please see the application
note Prototyping for the RTSX-S Enhanced Aerospace
FPGA for more details
Table 1-1 • RTSX-S Global Resources
RT54SX32S
RT54SX72S
Routed Clocks (CLKA, CLKB)
2
2
Hardwired Clocks (HCLK)
1
1
Quadrant Clocks (QCLKA,
QCLKB, QCLKC, QCLKD)
04


Similar Part No. - RT54SX32S-1CC256E

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
RT54SX32-1CG256 ACTEL-RT54SX32-1CG256 Datasheet
393Kb / 46P
   SX Family FPGAs RadTolerant and HiRel
RT54SX32-1CG256B ACTEL-RT54SX32-1CG256B Datasheet
393Kb / 46P
   SX Family FPGAs RadTolerant and HiRel
RT54SX32-1CG256E ACTEL-RT54SX32-1CG256E Datasheet
393Kb / 46P
   SX Family FPGAs RadTolerant and HiRel
RT54SX32-1CG256M ACTEL-RT54SX32-1CG256M Datasheet
393Kb / 46P
   SX Family FPGAs RadTolerant and HiRel
RT54SX32-1CQ256B ACTEL-RT54SX32-1CQ256B Datasheet
393Kb / 46P
   SX Family FPGAs RadTolerant and HiRel
More results

Similar Description - RT54SX32S-1CC256E

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
RTSX72SU-1CQ256B ACTEL-RTSX72SU-1CQ256B Datasheet
767Kb / 83P
   RTSX-SU RadTolerant FPGAs (UMC)
RTAX-S ACTEL-RTAX-S Datasheet
2Mb / 170P
   RTAX-S/SL RadTolerant FPGAs
RT54SX32-1CQ256B ACTEL-RT54SX32-1CQ256B Datasheet
393Kb / 46P
   SX Family FPGAs RadTolerant and HiRel
logo
Aeroflex Circuit Techno...
UT8Q512K32E AEROFLEX-UT8Q512K32E Datasheet
226Kb / 21P
   UT8Q512K32E 16 Megabit RadTolerant SRAM MCM
logo
Actel Corporation
A1010B-PQ100C ACTEL-A1010B-PQ100C Datasheet
1Mb / 98P
   HiRel FPGAs
A32100DX ACTEL-A32100DX Datasheet
1Mb / 98P
   HiRel FPGAs
A1010B-1PL68C ACTEL-A1010B-1PL68C Datasheet
1Mb / 98P
   HiRel FPGAs
A1010B-PLG68C ACTEL-A1010B-PLG68C Datasheet
1Mb / 98P
   HiRel FPGAs
A14100A-1CQ256B ACTEL-A14100A-1CQ256B Datasheet
1Mb / 98P
   HiRel FPGAs
logo
Aeroflex Circuit Techno...
UT9Q512K32E AEROFLEX-UT9Q512K32E Datasheet
201Kb / 20P
   UT9Q512K32E 16 Megabit RadTolerant SRAM MCM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com