Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RTSX32SU-CQ256E Datasheet(PDF) 1 Page - Actel Corporation

Part # RTSX32SU-CQ256E
Description  RTSX-SU RadTolerant FPGAs (UMC)
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

RTSX32SU-CQ256E Datasheet(HTML) 1 Page - Actel Corporation

  RTSX32SU-CQ256E Datasheet HTML 1Page - Actel Corporation RTSX32SU-CQ256E Datasheet HTML 2Page - Actel Corporation RTSX32SU-CQ256E Datasheet HTML 3Page - Actel Corporation RTSX32SU-CQ256E Datasheet HTML 4Page - Actel Corporation RTSX32SU-CQ256E Datasheet HTML 5Page - Actel Corporation RTSX32SU-CQ256E Datasheet HTML 6Page - Actel Corporation RTSX32SU-CQ256E Datasheet HTML 7Page - Actel Corporation RTSX32SU-CQ256E Datasheet HTML 8Page - Actel Corporation RTSX32SU-CQ256E Datasheet HTML 9Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 83 page
background image
March 2006
i
© 2006 Actel Corporation
See the Actel website for the latest version of the datasheet
RTSX-SU RadTolerant FPGAs (UMC)
Designed for Space
SEU-Hardened Registers Eliminate the Need to
Implement Triple-Module Redundancy (TMR)
Immune to Single-Event Upsets (SEU) to LETth
> 40 MeV-cm2/mg,
SEU Rate < 10–10 Upset/Bit-Day in Worst-Case
Geosynchronous Orbit
Up to 100 krad (Si) Total Ionizing Dose (TID)
Parametric Performance Supported with Lot-
Specific Test Data
Single-Event Latch-Up (SEL) Immunity
TM1019.5 Test Data Available
QML Certified Devices
High Performance
230 MHz System Performance
310 MHz Internal Performance
9.5 ns Input Clock to Output Pad
Specifications
0.25 µm Metal-to-Metal Antifuse Process (UMC)
48,000 to 108,000 Available System Gates
Up to 2,012 SEU-Hardened Flip-Flops
Up to 360 User-Programmable I/O Pins
Features
Very Low Power Consumption (Up to 68 mW at
Standby)
3.3V and 5V Mixed Voltage
Configurable I/O Support for 3.3V/5V PCI, LVTTL,
TTL, and CMOS
5V Input Tolerance and 5V Drive Strength
Slow Slew Rate Option
Configurable Weak Resistor Pull-Up/Down for
Tristated Outputs at Power-Up
Hot-Swap
Compliant
with
Cold-Sparing
Support
Secure Programming Technology Prevents Reverse
Engineering and Design Theft
100% Circuit Resource Utilization with 100% Pin
Locking
Unique In-System Diagnostic and Verification
Capability with Silicon Explorer II
Low-Cost Prototyping Option
Deterministic, User-Controllable Timing
JTAG Boundary Scan Testing in Compliance with
IEEE Standard 1149.1 – Dedicated JTAG Reset
(TRST) Pin
e
u
Table 1 • RTSX-SU Product Profile
Device
RTSX32SU
RTSX72SU
Capacity
Typical Gates
System Gates
32,000
48,000
72,000
108,000
Logic Modules
Combinatorial Cells
SEU-Hardened Register Cells (Dedicated Flip-Flops)
2,880
1,800
1,080
6,036
4,024
2,012
Maximum Flip-Flops
1,980
4,024
Maximum User I/Os
227
360
Clocks
33
Quadrant Clocks
04
Speed Grades
Std., –1
Std., –1
Package (by pin count)
CQFP
CCGA
CCLG
84, 208, 256
256
208, 256
624
v2.2


Similar Part No. - RTSX32SU-CQ256E

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
RTSX-S ACTEL-RTSX-S Datasheet
686Kb / 84P
   RTSX-S RadTolerant FPGAs
More results

Similar Description - RTSX32SU-CQ256E

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
RTSX-S ACTEL-RTSX-S Datasheet
686Kb / 84P
   RTSX-S RadTolerant FPGAs
RTAX-S ACTEL-RTAX-S Datasheet
2Mb / 170P
   RTAX-S/SL RadTolerant FPGAs
RT54SX32-1CQ256B ACTEL-RT54SX32-1CQ256B Datasheet
393Kb / 46P
   SX Family FPGAs RadTolerant and HiRel
logo
Kemet Corporation
SU7VC-02120 KEMET-SU7VC-02120 Datasheet
350Kb / 4P
   SU Coils, SU 7VC Type
SU9V-R2140 KEMET-SU9V-R2140 Datasheet
367Kb / 5P
   SU Coils, SU 9V/9H Type
SU7VC-2120 KEMET-SU7VC-2120 Datasheet
362Kb / 4P
   SU Coils, SU 7VC Type
SU16VD-3040 KEMET-SU16VD-3040 Datasheet
284Kb / 4P
   SU Coils, SU 16VD High Frequency Type
SU10VD-1020 KEMET-SU10VD-1020 Datasheet
288Kb / 4P
   SU Coils, SU 10VD High Frequency Type
SU9VF-2100 KEMET-SU9VF-2100 Datasheet
306Kb / 4P
   SU Coils, SU 9VF/9HF Type
SU10VFC-R3370 KEMET-SU10VFC-R3370 Datasheet
298Kb / 4P
   SU Coils, SU 10VFC-R Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com