Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT54SX32S-1CG256E Datasheet(PDF) 2 Page - Actel Corporation

Part # RT54SX32S-1CG256E
Description  RTSX-S RadTolerant FPGAs
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

RT54SX32S-1CG256E Datasheet(HTML) 2 Page - Actel Corporation

  RT54SX32S-1CG256E Datasheet HTML 1Page - Actel Corporation RT54SX32S-1CG256E Datasheet HTML 2Page - Actel Corporation RT54SX32S-1CG256E Datasheet HTML 3Page - Actel Corporation RT54SX32S-1CG256E Datasheet HTML 4Page - Actel Corporation RT54SX32S-1CG256E Datasheet HTML 5Page - Actel Corporation RT54SX32S-1CG256E Datasheet HTML 6Page - Actel Corporation RT54SX32S-1CG256E Datasheet HTML 7Page - Actel Corporation RT54SX32S-1CG256E Datasheet HTML 8Page - Actel Corporation RT54SX32S-1CG256E Datasheet HTML 9Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 84 page
background image
RTSX-S RadTolerant FPGAs
ii
v2.2
Ordering Information
Temperature Grade and Application Offering
Ceramic Device Resources
User I/Os (including clock buffers)
Device
CQFP
208-Pin
CQFP
256-Pin
CCLG
256-Pin
CCGA
624-Pin
RT54SX32S
173
227
202
RT54SX72S
170
212
360
Note: The 256-Pin CCLG available in Mil-Temp only.
Package
RT54SX32S
RT54SX72S
CQ208
B, E
B, E
CQ256
B, E
B, E
CC256
M
CG624
B, E
Note: M = Military Temperature
B = MIL-STD-883 Class B
E = E-Flow
RT54SX72S
CQ
Part Number
Package Type
CQ = Ceramic Quad Flat Pack
CG = Ceramic Column Grid Aray
256
B
Package Lead Count
Application (Temperature Range)
B = MIL-STD-883 Class B
E = E-Flow (Actel Space Level Flow)
M = Military Temperature
Speed Grade
RT54SX32S =
Standard Speed
Blank =
1
Approximately 15% Faster than Standard
=
1
72,000 RadTolerant Typical Gates
32,000 RadTolerant Typical Gates
RT54SX72S =
CC = Ceramic Chip Carrier Land Grid


Similar Part No. - RT54SX32S-1CG256E

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
RT54SX32-1CG256 ACTEL-RT54SX32-1CG256 Datasheet
393Kb / 46P
   SX Family FPGAs RadTolerant and HiRel
RT54SX32-1CG256B ACTEL-RT54SX32-1CG256B Datasheet
393Kb / 46P
   SX Family FPGAs RadTolerant and HiRel
RT54SX32-1CG256E ACTEL-RT54SX32-1CG256E Datasheet
393Kb / 46P
   SX Family FPGAs RadTolerant and HiRel
RT54SX32-1CG256M ACTEL-RT54SX32-1CG256M Datasheet
393Kb / 46P
   SX Family FPGAs RadTolerant and HiRel
RT54SX32-1CQ256B ACTEL-RT54SX32-1CQ256B Datasheet
393Kb / 46P
   SX Family FPGAs RadTolerant and HiRel
More results

Similar Description - RT54SX32S-1CG256E

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
RTSX72SU-1CQ256B ACTEL-RTSX72SU-1CQ256B Datasheet
767Kb / 83P
   RTSX-SU RadTolerant FPGAs (UMC)
RTAX-S ACTEL-RTAX-S Datasheet
2Mb / 170P
   RTAX-S/SL RadTolerant FPGAs
RT54SX32-1CQ256B ACTEL-RT54SX32-1CQ256B Datasheet
393Kb / 46P
   SX Family FPGAs RadTolerant and HiRel
logo
Aeroflex Circuit Techno...
UT8Q512K32E AEROFLEX-UT8Q512K32E Datasheet
226Kb / 21P
   UT8Q512K32E 16 Megabit RadTolerant SRAM MCM
logo
Actel Corporation
A1010B-PQ100C ACTEL-A1010B-PQ100C Datasheet
1Mb / 98P
   HiRel FPGAs
A32100DX ACTEL-A32100DX Datasheet
1Mb / 98P
   HiRel FPGAs
A1010B-1PL68C ACTEL-A1010B-1PL68C Datasheet
1Mb / 98P
   HiRel FPGAs
A1010B-PLG68C ACTEL-A1010B-PLG68C Datasheet
1Mb / 98P
   HiRel FPGAs
A14100A-1CQ256B ACTEL-A14100A-1CQ256B Datasheet
1Mb / 98P
   HiRel FPGAs
logo
Aeroflex Circuit Techno...
UT9Q512K32E AEROFLEX-UT9Q512K32E Datasheet
201Kb / 20P
   UT9Q512K32E 16 Megabit RadTolerant SRAM MCM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com