Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY-CQ132 Datasheet(PDF) 2 Page - Actel Corporation

Part # SY-CQ132
Description  Yamaichi CQ132/172/196 Socket
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

SY-CQ132 Datasheet(HTML) 2 Page - Actel Corporation

  SY-CQ132 Datasheet HTML 1Page - Actel Corporation SY-CQ132 Datasheet HTML 2Page - Actel Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Similar Part No. - SY-CQ132

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
SY-12-K FUJITSU-SY-12-K Datasheet
337Kb / 7P
   MINIATURE RELAY 1 POLE-1 to 2A (FOR SIGNAL SWITCHING)
SY-12W-K FUJITSU-SY-12W-K Datasheet
337Kb / 7P
   MINIATURE RELAY 1 POLE-1 to 2A (FOR SIGNAL SWITCHING)
SY-24-K FUJITSU-SY-24-K Datasheet
189Kb / 8P
   MINIATURE RELAY 1 POLE - 1 to 2 A (For Signal Switching)
logo
FOTEK CONTROLS CO., LTD...
SY-2D FOTEK-SY-2D Datasheet
214Kb / 1P
   DIGITAL POWER ON DELAY TIMER
SY-3D FOTEK-SY-3D Datasheet
214Kb / 1P
   DIGITAL POWER ON DELAY TIMER
More results

Similar Description - SY-CQ132

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
IC149-100-114-B5 ACTEL-IC149-100-114-B5 Datasheet
153Kb / 1P
   SY-PQG100, yamaichi lead free prototype socket drawing for PQG100 and PQG100 packages
IC149-114-145-B5 ACTEL-IC149-114-145-B5 Datasheet
199Kb / 1P
   SY-TQG144, yamaichi lead free prototype socket drawing for TQG144 and TQG144 packages
IC149-064-175-B5 ACTEL-IC149-064-175-B5 Datasheet
399Kb / 3P
   SY-TQG64, yamaichi lead free prototype socket drawing for TQG64 and TQG64 packages
IC149-208-161-B5 ACTEL-IC149-208-161-B5 Datasheet
181Kb / 1P
   SY-PQG208, yamaichi lead free prototype socket drawing for PQ208 and PQG208 packages
IC149-176-166-B5 ACTEL-IC149-176-166-B5 Datasheet
204Kb / 1P
   SY-TQG176, yamaichi lead free prototype socket drawing for TQG176 and TQG176 packages
IC149-144K-11453-1B ACTEL-IC149-144K-11453-1B Datasheet
171Kb / 1P
   SY-PQG144, yamaichi lead free prototype socket drawing for PQG144 and PQG144 packages
IC149-240-167-B5 ACTEL-IC149-240-167-B5 Datasheet
214Kb / 1P
   SY-PQG240, yamaichi lead free prototype socket drawing for PQ240 and PQG240 packages
IC149-160-123-B5 ACTEL-IC149-160-123-B5 Datasheet
174Kb / 1P
   SY-PQG166, yamaichi lead free prototype socket drawing for PQG166 and PQG166 packages
IC149-100-125-B5 ACTEL-IC149-100-125-B5 Datasheet
146Kb / 1P
   SY-VQG100, yamaichi lead free prototype socket drawing for VQG100 and VQG100 packages
logo
KR Electronics, Inc.
3348-SMA KR-3348-SMA Datasheet
113Kb / 3P
   172 MHz Bandpass Filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com