Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A54SX32P-2PL208 Datasheet(PDF) 28 Page - Actel Corporation

Part # A54SX32P-2PL208
Description  SX Family FPGAs
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A54SX32P-2PL208 Datasheet(HTML) 28 Page - Actel Corporation

Back Button A54SX32P-2PL208 Datasheet HTML 24Page - Actel Corporation A54SX32P-2PL208 Datasheet HTML 25Page - Actel Corporation A54SX32P-2PL208 Datasheet HTML 26Page - Actel Corporation A54SX32P-2PL208 Datasheet HTML 27Page - Actel Corporation A54SX32P-2PL208 Datasheet HTML 28Page - Actel Corporation A54SX32P-2PL208 Datasheet HTML 29Page - Actel Corporation A54SX32P-2PL208 Datasheet HTML 30Page - Actel Corporation A54SX32P-2PL208 Datasheet HTML 31Page - Actel Corporation A54SX32P-2PL208 Datasheet HTML 32Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 64 page
background image
SX Family FPGAs
1- 24
v3.2
A54SX08 Timing Characteristics
Table 1-17 • A54SX08 Timing Characteristics
(Worst-Case Commercial Conditions, VCCR = 4.75 V, VCCA,VCCI = 3.0 V, TJ = 70°C)
Parameter
Description
'–3' Speed
'–2' Speed
'–1' Speed
'Std' Speed
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Units
C-Cell Propagation Delays1
tPD
Internal Array Module
0.6
0.7
0.8
0.9
ns
Predicted Routing Delays2
tDC
FO = 1 Routing Delay, Direct Connect
0.1
0.1
0.1
0.1
ns
tFC
FO = 1 Routing Delay, Fast Connect
0.3
0.4
0.4
0.5
ns
tRD1
FO = 1 Routing Delay
0.3
0.4
0.4
0.5
ns
tRD2
FO = 2 Routing Delay
0.6
0.7
0.8
0.9
ns
tRD3
FO = 3 Routing Delay
0.8
0.9
1.0
1.2
ns
tRD4
FO = 4 Routing Delay
1.0
1.2
1.4
1.6
ns
tRD8
FO = 8 Routing Delay
1.9
2.2
2.5
2.9
ns
tRD12
FO = 12 Routing Delay
2.8
3.2
3.7
4.3
ns
R-Cell Timing
tRCO
Sequential Clock-to-Q
0.8
1.1
1.2
1.4
ns
tCLR
Asynchronous Clear-to-Q
0.5
0.6
0.7
0.8
ns
tPRESET
Asynchronous Preset-to-Q
0.7
0.8
0.9
1.0
ns
tSUD
Flip-Flop Data Input Set-Up
0.5
0.5
0.7
0.8
ns
tHD
Flip-Flop Data Input Hold
0.0
0.0
0.0
0.0
ns
tWASYN
Asynchronous Pulse Width
1.4
1.6
1.8
2.1
ns
Input Module Propagation Delays
tINYH
Input Data Pad-to-Y HIGH
1.5
1.7
1.9
2.2
ns
tINYL
Input Data Pad-to-Y LOW
1.5
1.7
1.9
2.2
ns
Input Module Predicted Routing Delays2
tIRD1
FO = 1 Routing Delay
0.3
0.4
0.4
0.5
ns
tIRD2
FO = 2 Routing Delay
0.6
0.7
0.8
0.9
ns
tIRD3
FO = 3 Routing Delay
0.8
0.9
1.0
1.2
ns
tIRD4
FO = 4 Routing Delay
1.0
1.2
1.4
1.6
ns
tIRD8
FO = 8 Routing Delay
1.9
2.2
2.5
2.9
ns
tIRD12
FO = 12 Routing Delay
2.8
3.2
3.7
4.3
ns
Note:
1. For dual-module macros, use tPD + tRD1 + tPDn, tRCO + tRD1 + tPDn, or tPD1 + tRD1 + tSUD, whichever is appropriate.
2. Routing delays are for typical designs across worst-case operating conditions. These parameters should be used for estimating
device performance. Post-route timing analysis or simulation is required to determine actual worst-case performance. Post-route
timing is based on actual routing delay measurements performed on the device prior to shipment.


Similar Part No. - A54SX32P-2PL208

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A54SX32P-2PL208 ETC1-A54SX32P-2PL208 Datasheet
415Kb / 57P
   54SX Family FPGAs
A54SX32P-2PL208I ETC1-A54SX32P-2PL208I Datasheet
415Kb / 57P
   54SX Family FPGAs
A54SX32P-2PL208M ETC1-A54SX32P-2PL208M Datasheet
415Kb / 57P
   54SX Family FPGAs
A54SX32P-2PL208PP ETC1-A54SX32P-2PL208PP Datasheet
415Kb / 57P
   54SX Family FPGAs
More results

Similar Description - A54SX32P-2PL208

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
A54SX32-TQ144 ACTEL-A54SX32-TQ144 Datasheet
504Kb / 64P
   SX Family FPGAs
A54SX08-TQ176 ACTEL-A54SX08-TQ176 Datasheet
504Kb / 64P
   SX Family FPGAs
A54SX16-P2PQG208 ACTEL-A54SX16-P2PQG208 Datasheet
504Kb / 64P
   SX Family FPGAs
A54SX08A-FTQG144 ACTEL-A54SX08A-FTQG144 Datasheet
823Kb / 108P
   SX-A Family FPGAs
A54SX08A-FTQ144 ACTEL-A54SX08A-FTQ144 Datasheet
828Kb / 108P
   SX-A Family FPGAs
logo
List of Unclassifed Man...
A54SX08A ETC1-A54SX08A Datasheet
720Kb / 108P
   SX-A Family FPGAs
logo
Actel Corporation
A54SX72A-CQ256 ACTEL-A54SX72A-CQ256 Datasheet
823Kb / 108P
   SX-A Family FPGAs
A54SX16A2PQG208 ACTEL-A54SX16A2PQG208 Datasheet
818Kb / 108P
   SX-A Family FPGAs
A54SX16A-TQ100 ACTEL-A54SX16A-TQ100 Datasheet
824Kb / 108P
   SX-A Family FPGAs
A54SX32A-1CQ208M ACTEL-A54SX32A-1CQ208M Datasheet
455Kb / 50P
   HiRel SX-A Family FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com