Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BPV22 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # BPV22
Description  Silicon PIN Photodiode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BPV22 Datasheet(HTML) 3 Page - Vishay Siliconix

  BPV22 Datasheet HTML 1Page - Vishay Siliconix BPV22 Datasheet HTML 2Page - Vishay Siliconix BPV22 Datasheet HTML 3Page - Vishay Siliconix BPV22 Datasheet HTML 4Page - Vishay Siliconix BPV22 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BPV22F
Vishay Telefunken
3 (5)
Rev. 2, 20-May-99
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 81508
Typical Characteristics (Tamb = 25_C unless otherwise specified)
20
40
60
80
1
10
100
1000
Tamb – Ambient Temperature ( °C )
100
94 8403
VR=10V
Figure 1. Reverse Dark Current vs. Ambient Temperature
020
40
60
80
0.6
0.8
1.0
1.2
1.4
Tamb – Ambient Temperature ( °C )
100
94 8409
VR=5V
l=950nm
Figure 2. Relative Reverse Light Current vs.
Ambient Temperature
0.01
0.1
1
0.1
1
10
100
1000
Ee – Irradiance ( mW / cm2 )
10
94 8411
VR=5V
l=950nm
Figure 3. Reverse Light Current vs. Irradiance
0.1
1
10
1
10
100
VR – Reverse Voltage ( V )
100
94 8412
0.5 mW/cm2
0.05 mW/cm2
0.2 mW/cm2
0.02 mW/cm2
0.1 mW/cm2
1 mW/cm2
l=950nm
Figure 4. Reverse Light Current vs. Reverse Voltage
0.1
1
10
0
20
40
60
80
VR – Reverse Voltage ( V )
100
94 8407
E=0
f=1MHz
Figure 5. Diode Capacitance vs. Reverse Voltage
750
850
950
1050
0
0.2
0.4
0.6
0.8
1.2
l – Wavelength ( nm )
1150
94 8408
1.0
Figure 6. Relative Spectral Sensitivity vs. Wavelength


Similar Part No. - BPV22

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BPV22 VISHAY-BPV22 Datasheet
105Kb / 6P
   Silicon PIN Photodiode
Rev. 3, 16-Nov-99
BPV22F VISHAY-BPV22F Datasheet
123Kb / 5P
   Silicon PIN Photodiode, RoHS Compliant
Rev. 1.5, 08-Sep-08
BPV22F VISHAY-BPV22F Datasheet
122Kb / 5P
   Silicon PIN Photodiode
Rev. 1.6, 24-Aug-11
BPV22F VISHAY-BPV22F Datasheet
120Kb / 5P
   Silicon PIN Photodiode
01-Jan-2022
BPV22F VISHAY-BPV22F Datasheet
120Kb / 5P
   Silicon PIN Photodiode
01-Jan-2023
More results

Similar Description - BPV22

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
BPW41N TEMIC-BPW41N Datasheet
99Kb / 5P
   Silicon PIN Photodiode
logo
OPTEK Technologies
OP910 OPTEK-OP910 Datasheet
127Kb / 2P
   PIN SILICON PHOTODIODE
logo
Vishay Siliconix
BPV23NF VISHAY-BPV23NF Datasheet
105Kb / 6P
   Silicon PIN Photodiode
Rev. 3, 16-Nov-99
VEMD11940FX01 VISHAY-VEMD11940FX01 Datasheet
220Kb / 6P
   Silicon PIN Photodiode
Rev. 1.0, 09-Jan-14
VBPW34FAS VISHAY-VBPW34FAS_11 Datasheet
164Kb / 8P
   Silicon PIN Photodiode
Rev. 1.2, 24-Aug-11
TEFD4300 VISHAY-TEFD4300_14 Datasheet
93Kb / 5P
   Silicon PIN Photodiode
Rev. 1.2, 04-Aug-14
BPV23NF VISHAY-BPV23NF_11 Datasheet
126Kb / 5P
   Silicon PIN Photodiode
Rev. 1.8, 24-Aug-11
T1110P6 VISHAY-T1110P6_14 Datasheet
79Kb / 4P
   Silicon PIN Photodiode
Rev. 1.5, 21-May-14
T1180P6 VISHAY-T1180P6 Datasheet
87Kb / 5P
   Silicon PIN Photodiode
Rev. 1.2, 07-Dec-15
T1187P6 VISHAY-T1187P6 Datasheet
101Kb / 5P
   Silicon PIN Photodiode
Rev. 1.1, 14-Apr-15
VEMD6060X01 VISHAY-VEMD6060X01 Datasheet
168Kb / 8P
   Silicon PIN Photodiode
Rev. 1.0, 14-Jan-16
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com