Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M1AFS1500-1FG256ES Datasheet(PDF) 4 Page - Actel Corporation

Part # M1AFS1500-1FG256ES
Description  Actel Fusion Mixed-Signal FPGAs
Download  318 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

M1AFS1500-1FG256ES Datasheet(HTML) 4 Page - Actel Corporation

  M1AFS1500-1FG256ES Datasheet HTML 1Page - Actel Corporation M1AFS1500-1FG256ES Datasheet HTML 2Page - Actel Corporation M1AFS1500-1FG256ES Datasheet HTML 3Page - Actel Corporation M1AFS1500-1FG256ES Datasheet HTML 4Page - Actel Corporation M1AFS1500-1FG256ES Datasheet HTML 5Page - Actel Corporation M1AFS1500-1FG256ES Datasheet HTML 6Page - Actel Corporation M1AFS1500-1FG256ES Datasheet HTML 7Page - Actel Corporation M1AFS1500-1FG256ES Datasheet HTML 8Page - Actel Corporation M1AFS1500-1FG256ES Datasheet HTML 9Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 318 page
background image
Actel Fusion Mixed-Signal FPGAs
IV
Prel i m i n ar y v1. 7
Temperature Grade Offerings
Speed Grade and Temperature Grade Matrix
Contact your local Actel representative for device availability (http://www.actel.com/contact/offices/index.html).
Fusion Devices
AFS090
AFS250
AFS600
AFS1500
ARM-Enabled Devices
CoreMP7
M7AFS600
Cortex-M1
M1AFS250
M1AFS600
M1AFS1500
QN108
C, I
QN180
C, I
C, I
PQ208
C, I
C, I
FG256
C, I
C, I
C, I
C, I
FG484
C, I
C, I
FG676
C, I
Notes:
1. C = Commercial Temperature Range: 0°C to 70°C Ambient
2. I = Industrial Temperature Range: –40°C to 85°C Ambient
–F1
Std.
–1
–2
C2
✓✓✓✓
I3
✓✓✓
Notes:
1. DC and switching characteristics for –F speed grade targets are based only on simulation. The characteristics provided
for the –F speed grade are subject to change after establishing FPGA specifications. Some restrictions might be added
and will be reflected in future revisions of this document. The –F speed grade is only supported in the commercial
temperature range.
2. C = Commercial Temperature Range: 0°C to 70°C Ambient
3. I = Industrial Temperature Range: –40°C to 85°C Ambient


Similar Part No. - M1AFS1500-1FG256ES

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
M1AFS1500-1FG256ES MICROSEMI-M1AFS1500-1FG256ES Datasheet
18Mb / 334P
   Fusion Family of Mixed Signal FPGAs
More results

Similar Description - M1AFS1500-1FG256ES

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
U1AFS600-FGG256I ACTEL-U1AFS600-FGG256I Datasheet
8Mb / 17P
   Actel Fusion Mixed-Signal FPGA
logo
Microsemi Corporation
M1AFS600-PQ208 MICROSEMI-M1AFS600-PQ208 Datasheet
18Mb / 334P
   Fusion Family of Mixed Signal FPGAs
AFS600-FGG484 MICROSEMI-AFS600-FGG484 Datasheet
18Mb / 334P
   Fusion Family of Mixed Signal FPGAs
AFS1500-FGG484 MICROSEMI-AFS1500-FGG484 Datasheet
18Mb / 334P
   Fusion Family of Mixed Signal FPGAs
AFS090 MICROSEMI-AFS090 Datasheet
17Mb / 334P
   Fusion Family of Mixed Signal FPGAs
logo
Texas Instruments
MSP430F11X TI-MSP430F11X Datasheet
473Kb / 29P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X31X TI-MSP430X31X Datasheet
399Kb / 30P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLERS
MSP430F249-EP TI-MSP430F249-EP Datasheet
1Mb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_11 Datasheet
981Kb / 99P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42X TI-MSP430FE42X_10 Datasheet
975Kb / 51P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com