Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SA1185 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # 2SA1185
Description  Silicon PNP Power Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SA1185 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  2SA1185 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SA1185 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2SA1185 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
2SA1185
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
V(BR)CEO
Collector-emitter breakdown voltage
IC=-0.1A ;IB=0
-50
V
VCEsat
Collector-emitter saturation voltage
IC=-7A; IB=-0.7A
-0.8
V
VBE
Base-emitter on voltage
IC=-7A ; VCE=-5V
-1.5
V
ICBO
Collector cut-off current
VCB=-50V; IE=0
-1
mA
IEBO
Emitter cut-off current
VEB=-5V; IC=0
-2
mA
hFE-1
DC current gain
IC=-1A ; VCE=-5V
60
320
hFE-2
DC current gain
IC=-7A ; VCE=-5V
20
Cob
Output capacitance
IE=0 ; VCB=-10V;f=1MHz
250
pF
fT
Transition frequency
IC=-0.5A ; VCE=-5V
100
MHz
hFE-1 Classifications
Q
P
O
60-120
100-200
160-320
2


Similar Part No. - 2SA1185

ManufacturerPart #DatasheetDescription
logo
Savantic, Inc.
2SA1185 SAVANTIC-2SA1185 Datasheet
138Kb / 3P
   Silicon PNP Power Transistors
logo
Quanzhou Jinmei Electro...
2SA1185 JMNIC-2SA1185 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
logo
New Jersey Semi-Conduct...
2SA1185 NJSEMI-2SA1185 Datasheet
227Kb / 1P
   New Jersey Semi-Conductor Products,
logo
Quanzhou Jinmei Electro...
2SA1185 JMNIC-2SA1185 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
2SA1185 JMNIC-2SA1185_15 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
More results

Similar Description - 2SA1185

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
2N3789 BOCA-2N3789 Datasheet
124Kb / 3P
   SILICON PNP POWER TRANSISTORS
logo
Microsemi Corporation
2N3720 MICROSEMI-2N3720 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N6303 MICROSEMI-2N6303 Datasheet
56Kb / 3P
   Silicon PNP Power Transistors
logo
ON Semiconductor
MJE5730 ONSEMI-MJE5730 Datasheet
139Kb / 6P
   POWER TRANSISTORS PNP SILICON
REV 1
logo
Power Innovations Ltd
BD246 POINN-BD246 Datasheet
91Kb / 6P
   PNP SILICON POWER TRANSISTORS
logo
Quanzhou Jinmei Electro...
2N4898 JMNIC-2N4898 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N4901 JMNIC-2N4901 Datasheet
49Kb / 3P
   Silicon PNP Power Transistors
2N6491 JMNIC-2N6491 Datasheet
103Kb / 3P
   Silicon PNP Power Transistors
2SA1050 JMNIC-2SA1050 Datasheet
151Kb / 3P
   Silicon PNP Power Transistors
2SA1072 JMNIC-2SA1072 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
2SA1073 JMNIC-2SA1073 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com