Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1064-4 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1064-4
Description  Low Noise, 8th Order, Clock Sweepable Cauer Lowpass Filter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1064-4 Datasheet(HTML) 5 Page - Linear Technology

  LTC1064-4 Datasheet HTML 1Page - Linear Technology LTC1064-4 Datasheet HTML 2Page - Linear Technology LTC1064-4 Datasheet HTML 3Page - Linear Technology LTC1064-4 Datasheet HTML 4Page - Linear Technology LTC1064-4 Datasheet HTML 5Page - Linear Technology LTC1064-4 Datasheet HTML 6Page - Linear Technology LTC1064-4 Datasheet HTML 7Page - Linear Technology LTC1064-4 Datasheet HTML 8Page - Linear Technology LTC1064-4 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
LTC1064-4
5
10644fb
Table 2. Gain/Phase, Pin 10 at V+, Typical Response
fCUTOFF = 1kHz, VS = ±5V, TA = 25°C, fCLK = 50kHz, Ratio = 50:1
Table 3. Gain/Delay, Pin 10 at V+, Typical Response
fCUTOFF = 1kHz, VS = ±5V, TA = 25°C, fCLK = 50kHz, Ratio = 50:1
FREQUENCY(kHz)
GAIN (dB)
PHASE (deg)
0.200
– 0.075
–59.990
0.400
– 0.050
–122.400
0.600
0.020
169.300
0.800
0.060
88.500
1.000
0.090
–26.100
1.200
– 15.640
–175.100
1.400
– 34.700
126.500
1.600
– 51.700
87.600
1.800
– 68.600
38.400
2.000
– 84.110
–47.860
FREQUENCY(kHz)
GAIN (dB)
DELAY (ms)
0.200
– 0.074
0.844
0.300
– 0.070
0.867
0.400
– 0.050
0.899
0.500
– 0.020
0.949
0.600
0.020
1.021
0.700
0.050
1.122
0.800
0.060
1.275
0.900
0.120
1.592
1.000
0.090
2.160
1.100
– 5.020
2.070
1.200
– 15.650
1.288
Table 4. Gain/Phase, Pin 10 at V, Typical Response
f –3dB = 1kHz, VS = ±5V, TA = 25°C, fCLK = 100kHz, Ratio = 100:1
FREQUENCY(kHz)
GAIN (dB)
PHASE (deg)
0.200
– 0.179
–60.090
0.400
– 0.440
–122.000
0.600
– 0.810
170.800
0.800
– 1.480
91.900
1.000
– 3.500
–16.300
1.200
– 17.720
–140.500
1.400
– 35.700
164.800
1.600
– 52.700
135.000
1.800
– 71.900
114.000
2.000
– 96.160
–49.670
Table 5. Gain/Delay, Pin 10 at V, Typical Response
f –3dB = 1kHz, VS = ±5V, TA = 25°C, fCLK = 100kHz, Ratio = 100:1
Table 6. Gain/Phase, Pin 10 at GND
VS = ±5V, TA = 25°C
FREQUENCY(kHz)
GAIN (dB)
PHASE (deg)
0.200
– 0.383
–47.140
0.400
– 1.000
–92.000
0.600
– 1.300
–134.300
0.800
– 0.280
–178.800
1.000
2.670
109.200
1.200
– 3.500
6.000
1.400k
– 12.510
–47.400
1.600
– 20.000
–88.800
1.800
– 27.300
–127.800
2.000
– 35.000
–164.200
FREQUENCY(kHz)
GAIN (dB)
DELAY (ms)
0.200
– 0.174
0.842
0.300
– 0.300
0.861
0.400
– 0.440
0.888
0.500
– 0.610
0.933
0.600
– 0.810
0.999
0.700
– 1.090
1.095
0.800
– 1.480
1.242
0.900
– 2.080
1.503
1.000
– 3.500
1.832
1.100
– 8.720
1.724
1.200
– 17.720
1.183
TYPICAL PERFOR A CE CHARACTERISTICS


Similar Part No. - LTC1064-4

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1064-4 LINER-LTC1064-4 Datasheet
660Kb / 8P
   Low Noise,8th Order, Clock Sweepable Cauer Lowpass Filter???
LTC1064-4 LINER-LTC1064-4 Datasheet
145Kb / 12P
   Low Noise, 8th Order, Clock Sweepable Cauer Lowpass Filter
LTC1064-4C LINER-LTC1064-4C Datasheet
660Kb / 8P
   Low Noise,8th Order, Clock Sweepable Cauer Lowpass Filter???
LTC1064-4CJ LINER-LTC1064-4CJ Datasheet
660Kb / 8P
   Low Noise,8th Order, Clock Sweepable Cauer Lowpass Filter???
LTC1064-4CN LINER-LTC1064-4CN Datasheet
660Kb / 8P
   Low Noise,8th Order, Clock Sweepable Cauer Lowpass Filter???
More results

Similar Description - LTC1064-4

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1064-4 LINER-LTC1064-4 Datasheet
660Kb / 8P
   Low Noise,8th Order, Clock Sweepable Cauer Lowpass Filter???
LTC1064-4 LINER-LTC1064-4_15 Datasheet
145Kb / 12P
   Low Noise, 8th Order, Clock Sweepable Cauer Lowpass Filter
LTC1064-1 LINER-LTC1064-1 Datasheet
528Kb / 8P
   Low Noise,8th Order Clock Sweepable Elliptic Lowpass Filter?
LTC1064-1 LINER-LTC1064-1_09 Datasheet
175Kb / 8P
   Low Noise, 8th Order, Clock Sweepable Elliptic Lowpass Filter
LTC1064-1 LINER-LTC1064-1_15 Datasheet
181Kb / 8P
   Low Noise, 8th Order, Clock Sweepable Elliptic Lowpass Filter
LTC1064-2 LINER-LTC1064-2 Datasheet
547Kb / 8P
   Low Noise, High Frequency, 8th Order Butterworth Lowpass Filter???
LTC1064-2 LINER-LTC1064-2_15 Datasheet
130Kb / 12P
   Low Noise, High Frequency, 8th Order Butterworth Lowpass Filter
LTC1064-2 LINER-LTC1064-2_09 Datasheet
124Kb / 12P
   Low Noise, High Frequency, 8th Order Butterworth Lowpass Filter
LTC1064-3 LINER-LTC1064-3_09 Datasheet
150Kb / 12P
   Low Noise, High Frequency, 8th Order Linear Phase Lowpass Filter
logo
Linear Dimensions Semic...
LTC1064-3CSW-TR LINEAR_DIMENSIONS-LTC1064-3CSW-TR Datasheet
155Kb / 12P
   Low Noise, High Frequency, 8th Order Linear Phase Lowpass Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com