Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1061CSW Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1061CSW
Description  High Performance Triple Universal Filter Building Block
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1061CSW Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1061CSW Datasheet HTML 2Page - Linear Technology LTC1061CSW Datasheet HTML 3Page - Linear Technology LTC1061CSW Datasheet HTML 4Page - Linear Technology LTC1061CSW Datasheet HTML 5Page - Linear Technology LTC1061CSW Datasheet HTML 6Page - Linear Technology LTC1061CSW Datasheet HTML 7Page - Linear Technology LTC1061CSW Datasheet HTML 8Page - Linear Technology LTC1061CSW Datasheet HTML 9Page - Linear Technology LTC1061CSW Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LTC1061
6
1061fe
Figure 1. The 6th Order LP Butterworth Filter of Figure 5
Operating with a Single 5V Supply
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
R3
VOUT
R1
VIN
0.1
µF
1061 F01
LTC1061
+
R2
R1
R3
R2
R4
R1
R3
R2
T2L CLOCK
IN
fCLK < 1MHz
1
µF
5V
2.49k
2.49k
CIN
Clock Feedthrough
This is defined as the amplitude of the clock frequency
appearing at the output pins of the device, Figure 2. Clock
feedthrough is measured with all three sides of the LTC1061
connected as filters. The clock feedthrough mainly de-
pends on the magnitude of the power supplies and it is
independent from the input clock levels, clock frequency
and modes of operation.
The Table 2 illustrates the typical clock feedthrough num-
bers for various power supplies.
50/100/Hold (Pin 7)
By tying Pin 7 to V+, the filter operates with a clock-to-
center frequency internally set at 50:1. When Pin 7 is at
mid-supplies, the filter operates with a 100:1 clock-to-
center frequency ratio. Table 1 shows the allowable varia-
tion of the potential at Pin 7 when the 100:1 mode is
sought.
When Pin 7 is shorted to the negative supply pin, the filter
operation is stopped and the bandpass and lowpass
output act as a sample-and-hold circuit holding the last
sample of the input voltage. The hold step is around 2mV
and the droop rate is 150
µV/sec.
Table 1
TOTAL POWER SUPPLY
VOLTAGE RANGE OF PIN 7
(V)
FOR 100:1 OPERATION (V)
5
2.5
± 0.5
10
5
±1
15
7.5
±1.5
Figure 2. Typical Clock Feedthrogh of the LTC1061 Operating
with
±5V Supplies. Top Trace is the Input Clock Swinging 0V to
5V and Bottom Trace is One of the Lowpass Outputs with Zero or
DC Input Signals.
A = 2V/DIV
B = 10mV/DIV
HORIZONTAL = 10
µs/DIV
POWER SUPPLY (V)
CLOCK FEEDTHROUGH (VRMS)
±2.5
0.2
±5
0.4
±8
0.8
Table 2
Definition of Filter Functions
Refer to LTC1060 data sheet.
1061 F02
DESCRIPTIO A D
PI
APPLICATIO
HI TS


Similar Part No. - LTC1061CSW

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1061CS LINER-LTC1061CS Datasheet
352Kb / 16P
   High Performance Triple Universal Filter Building Block
LTC1061CS LINER-LTC1061CS Datasheet
212Kb / 3P
   High Performance Triple Universal Filter Building Block?
More results

Similar Description - LTC1061CSW

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1061 LINER-LTC1061 Datasheet
352Kb / 16P
   High Performance Triple Universal Filter Building Block
LTC1061CS LINER-LTC1061CS Datasheet
212Kb / 3P
   High Performance Triple Universal Filter Building Block?
LTC1061 LINER-LTC1061_15 Datasheet
335Kb / 16P
   High Performance Triple Universal Filter Building Block
LTC1060CS LINER-LTC1060CS Datasheet
173Kb / 3P
   Universal Dual Filter Building Block?
LTC1060 LINER-LTC1060_15 Datasheet
269Kb / 20P
   Universal Dual Filter Building Block
LTC1060 LINER-LTC1060_09 Datasheet
263Kb / 20P
   Universal Dual Filter Building Block
LTC1060 LINER-LTC1060 Datasheet
1Mb / 20P
   Universal Dual Filter Building Block
LTC1264 LINER-LTC1264_05 Datasheet
231Kb / 16P
   High Speed, Quad Universal Filter Building Block
LTC1264 LINER-LTC1264 Datasheet
343Kb / 16P
   High Speed, Quad Universal Filter Building Block
LTC1264 LINER-LTC1264_15 Datasheet
240Kb / 16P
   High Speed, Quad Universal Filter Building Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com