Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1059MJ Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1059MJ
Description  High Performance Switched Capacitor Universal Filter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1059MJ Datasheet(HTML) 7 Page - Linear Technology

  LTC1059MJ Datasheet HTML 1Page - Linear Technology LTC1059MJ Datasheet HTML 2Page - Linear Technology LTC1059MJ Datasheet HTML 3Page - Linear Technology LTC1059MJ Datasheet HTML 4Page - Linear Technology LTC1059MJ Datasheet HTML 5Page - Linear Technology LTC1059MJ Datasheet HTML 6Page - Linear Technology LTC1059MJ Datasheet HTML 7Page - Linear Technology LTC1059MJ Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
LTC1059
7
1059fd
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
The LTC1059 is compatible with the LTC1060. All the
LTC1059 pins are functionally equivalent to the LTC1060
pins bearing the same title. For a detailed pin description
and definition of various modes of operation refer to the
LTC1060 data sheet. The LTC1059 is typically “faster” than
the LTC1060 especially under single 5V (or ±2.5V) supply
operation. This becomes apparent through the Typical
Performance Characteristics of the part. All the graphs
shown in this data sheet have been drawn under the same
test conditions as in the LTC1060 data sheet; they are also
numbered in the same order. For complete discussion of
the filter characteristics see the LTC1060 data sheet.
AGND
CLK
INV1
+
+
LEVEL
SHIFT
8
LSh 7
50/100/HOLD 9
11
3
+
12
13
V
V+
BP
LP
N/AP/HP S1
2
4
6
1
14
5
NON-OVERLAP
CLOCK
CONTROL
AGND
INV2
VO2
10
1059 BD
SA
BLOCK DIAGRA
APPLICATIO S I FOR ATIO
PACKAGE DESCRIPTIO
J14 0801
.045 – .065
(1.143 – 1.651)
.100
(2.54)
BSC
.014 – .026
(0.360 – 0.660)
.200
(5.080)
MAX
.015 – .060
(0.381 – 1.524)
.125
(3.175)
MIN
.300 BSC
(7.62 BSC)
.008 – .018
(0.203 – 0.457)
0° – 15°
1
23
4
56
7
.220 – .310
(5.588 – 7.874)
.785
(19.939)
MAX
.005
(0.127)
MIN
14
11
8
9
10
13
12
.025
(0.635)
RAD TYP
NOTE: LEAD DIMENSIONS APPLY TO SOLDER DIP/PLATE
OR TIN PLATE LEADS
J Package
14-Lead CERDIP (Narrow .300 Inch, Hermetic)
(Reference LTC DWG # 05-08-1110)
OBSOLETE PACKAGE


Similar Part No. - LTC1059MJ

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1059MJ LINER-LTC1059MJ Datasheet
462Kb / 8P
   High Performance Switched Capacitor Universal Filter
More results

Similar Description - LTC1059MJ

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1059 LINER-LTC1059 Datasheet
462Kb / 8P
   High Performance Switched Capacitor Universal Filter
LTC1059CS LINER-LTC1059CS Datasheet
175Kb / 3P
   High Performance Switched Capacitor Universal Filter?
LT1059 LINER-LT1059 Datasheet
458Kb / 8P
   HIGH PERFORMANCE SWITCHED CAPACITOR UNIVERSAL FILTER
LTC1059 LINER-LTC1059_15 Datasheet
126Kb / 8P
   High Performance Switched Capacitor Universal Filter
logo
Texas Instruments
MF5 TI1-MF5 Datasheet
542Kb / 18P
[Old version datasheet]   Universal Monolithic Switched Capacitor Filter
logo
National Semiconductor ...
LMF100 NSC-LMF100 Datasheet
868Kb / 28P
   High Performance Dual Switched Capacitor Filter
logo
Maxim Integrated Produc...
MF10 MAXIM-MF10 Datasheet
683Kb / 16P
   Kual Universal Switched Capacitor Filter
19-1067; Rev 1; 7/96
logo
National Semiconductor ...
MF10 NSC-MF10 Datasheet
706Kb / 20P
   Universal Monolithic Dual Switched Capacitor Filter
logo
Texas Instruments
MF10-N TI1-MF10-N_17 Datasheet
2Mb / 36P
[Old version datasheet]   Universal Monolithic Dual Switched Capacitor Filter
logo
National Semiconductor ...
MF5CN NSC-MF5CN Datasheet
293Kb / 16P
   MF5 Universal Monolithic Switched Capacitor Filter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com