Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1050MH Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1050MH
Description  Precision Zero-Drift Operational Amplifier with Internal Capacitors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1050MH Datasheet(HTML) 4 Page - Linear Technology

  LTC1050MH Datasheet HTML 1Page - Linear Technology LTC1050MH Datasheet HTML 2Page - Linear Technology LTC1050MH Datasheet HTML 3Page - Linear Technology LTC1050MH Datasheet HTML 4Page - Linear Technology LTC1050MH Datasheet HTML 5Page - Linear Technology LTC1050MH Datasheet HTML 6Page - Linear Technology LTC1050MH Datasheet HTML 7Page - Linear Technology LTC1050MH Datasheet HTML 8Page - Linear Technology LTC1050MH Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LTC1050
1050fb
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
Offset Voltage
vs Sampling Frequency
10HzP-P Noise
vs Sampling Frequency
Common Mode Input Range
vs Supply Voltage
Supply Current vs Temperature
Supply Current vs Supply Voltage
Short-Circuit Output Current
vs Supply Voltage
SAMPLING FREQUENCY, fS (kHz)
2.0
6
8
10
4.0
1050 G01
4
2
0
2.5
3.0
3.5
4.5
VS = ± 5V
SAMPLING FREQUENCY, fS (Hz)
100
0
2
4
8
1k
10k
1050 G02
6
1
3
7
5
VS = ± 5V
SUPPLY VOLTAGE (V)
0
0
4
± 8
1050 G03
–4
–8
± 2
± 4
± 6
±1
± 3
± 5
± 7
8
–2
2
–6
6
VCM = V
Sampling Frequency
vs Supply Voltage
Sampling Frequency
vs Temperature
Overload Recovery
TOTAL SUPPLY VOLTAGE, V+ TO V (V)
4
1.5
2.0
2.5
3.0
3.5
68
10
12
1050 G04
14
16
TA = 25°C
AMBIENT TEMPERATURE, TA (°C)
–50
0
2
5
0
50
75
1050 G05
1
4
3
–25
25
100
125
VS = ± 5V
TOTAL SUPPLY VOLTAGE, V + TO V (V)
4
0
0.25
0.50
0.75
1.00
1.50
6
810
12
1050 G07
14
16
1.25
TA = 25°C
AMBIENT TEMPERATURE, TA (°C)
–50
0
0.2
0.6
0.8
1.0
2.0
1.4
0
50
75
1050 G08
0.4
1.6
1.8
1.2
–25
25
100
125
VS = ± 5V
TOTAL SUPPLY VOLTAGE, V + TO V (V)
4
–30
–20
–10
0
2
6
6
810
12
1050 G09
14
16
4
ISOURCE
VOUT = V
ISINK
VOUT = V
+
200mV
0V
0V
–5V
INPUT
OUTPUT
AV = –100
0.5ms/DIV
VS = ±5V
1050 G6


Similar Part No. - LTC1050MH

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1050MH LINER-LTC1050MH Datasheet
814Kb / 16P
   Precision Chopper Stabilized Operational Amplifier with Internal Capacitors
More results

Similar Description - LTC1050MH

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1050 LINER-LTC1050_15 Datasheet
232Kb / 16P
   Precision Zero-Drift Operational Amplifier with Internal Capacitors
LTC1150 LINER-LTC1150_03 Datasheet
230Kb / 16P
   짹15V Zero-Drift Operational Amplifier with Internal Capacitors
LTC1150 LINER-LTC1150_15 Datasheet
244Kb / 16P
   15V Zero-Drift Operational Amplifier with Internal Capacitors
LTC1047 LINER-LTC1047_15 Datasheet
163Kb / 12P
   Dual Micropower Zero-Drift Operational Amplifier with Internal Capacitors
LTC1049 LINER-LTC1049_15 Datasheet
203Kb / 12P
   Low Power Zero-Drift Operational Amplifier with Internal Capacitors
LTC1049 LINER-LTC1049_09 Datasheet
160Kb / 12P
   Low Power Zero-Drift Operational Amplifier with Internal Capacitors
LTC1047 LINER-LTC1047_09 Datasheet
157Kb / 12P
   Dual Micropower Zero-Drift Operational Amplifier with Internal Capacitors
LTC1051 LINER-LTC1051_15 Datasheet
304Kb / 16P
   Dual/Quad Precision Zero-Drift Operational Amplifiers With Internal Capacitors
LTC1053 LINER-LTC1053_15 Datasheet
304Kb / 16P
   Dual/Quad Precision Zero-Drift Operational Amplifiers With Internal Capacitors
LTC1051 LINER-LTC1051_1 Datasheet
295Kb / 16P
   Dual/Quad Precision Zero-Drift Operational Amplifiers With Internal Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com