Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BFR92AW Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BFR92AW
Description  Silicon NPN Planar RF Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BFR92AW Datasheet(HTML) 2 Page - Vishay Siliconix

  BFR92AW Datasheet HTML 1Page - Vishay Siliconix BFR92AW Datasheet HTML 2Page - Vishay Siliconix BFR92AW Datasheet HTML 3Page - Vishay Siliconix BFR92AW Datasheet HTML 4Page - Vishay Siliconix BFR92AW Datasheet HTML 5Page - Vishay Siliconix BFR92AW Datasheet HTML 6Page - Vishay Siliconix BFR92AW Datasheet HTML 7Page - Vishay Siliconix BFR92AW Datasheet HTML 8Page - Vishay Siliconix BFR92AW Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
www.vishay.com
2
Document Number 85033
Rev. 1.4, 29-Apr-05
BFR92A / BFR92AR / BFR92AW
Vishay Semiconductors
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
Maximum Thermal Resistance
1) on glass fibre printed board (25 x 20 x 1.5) mm3 plated with 35
μm Cu
Electrical DC Characteristics
Tamb = 25 °C, unless otherwise specified
Electrical AC Characteristics
Tamb = 25 °C, unless otherwise specified
Parameter
Test condition
Symbol
Value
Unit
Collector-base voltage
VCBO
20
V
Collector-emitter voltage
VCEO
15
V
Emitter-base voltage
VEBO
2V
Collector current
IC
30
mA
Total power dissipation
Tamb ≤ 60 °C
Ptot
200
mW
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
- 65 to + 150
°C
Parameter
Test condition
Symbol
Value
Unit
Junction ambient
1)
RthJA
450
K/W
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Collector-emitter cut-off current
VCE = 20 V, VBE = 0
ICES
100
μA
Collector-base cut-off current
VCB = 10 V, IE = 0
ICBO
100
nA
Emitter-base cut-off current
VEB = 2 V, IC = 0
IEBO
10
μA
Collector-emitter breakdown
voltage
IC = 1 mA, IB = 0
V(BR)CEO
15
V
DC forward current transfer ratio VCE = 10 V, IC = 14 mA
hFE
65
100
150
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Transition frequency
VCE = 10 V, IC = 14 mA,
f = 500 MHz
fT
6GHz
Collector-base capacitance
VCB = 10 V, f = 1 MHz
Ccb
0.3
pF
Collector-emitter capacitance
VCE = 10 V, f = 1 MHz
Cce
0.15
pF
Emitter-base capacitance
VEB = 0.5 V, f = 1 MHz
Ceb
0.65
pF
Noise figure
VCE = 10 V, IC = 2 mA,
ZS = 50 Ω, f = 800 MHz
F1.8
dB
Power gain
VCE = 10 V, ZS = 50 Ω,
ZL = ZLopt, IC = 14 mA,
f = 800 MHz
Gpe
16
dB
Linear output voltage - two tone
intermodulation test
VCE = 10 V, IC = 14 mA,
dIM = 60 dB, f1 = 806 MHz,
f2 = 810 MHz, ZS = ZL = 50 Ω
V1 = V2
120
mV
Third order intercept point
VCE = 10 V, IC = 14 mA,
f = 800 MHz
IP3
24
dBm


Similar Part No. - BFR92AW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFR92AW PHILIPS-BFR92AW Datasheet
91Kb / 12P
   NPN 5 GHz wideband transistor
1995 Sep 18
logo
Vishay Siliconix
BFR92AW VISHAY-BFR92AW Datasheet
261Kb / 10P
   Silicon NPN Planar RF Transistor
Rev. 1.5, 08-Sep-08
logo
NXP Semiconductors
BFR92AW NXP-BFR92AW Datasheet
277Kb / 13P
   NPN 5 GHz wideband transistor
Rev. 03-12 March 2008
BFR92AW NXP-BFR92AW Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
logo
Vishay Siliconix
BFR92AW-GS08 VISHAY-BFR92AW-GS08 Datasheet
261Kb / 10P
   Silicon NPN Planar RF Transistor
Rev. 1.5, 08-Sep-08
More results

Similar Description - BFR92AW

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BFP81 VISHAY-BFP81_08 Datasheet
167Kb / 11P
   Silicon NPN Planar RF Transistor
Rev. 1.5, 05-Sep-08
BFR91A VISHAY-BFR91A_08 Datasheet
168Kb / 8P
   Silicon NPN Planar RF Transistor
Rev. 1.6, 08-Sep-08
S852TF VISHAY-S852TF Datasheet
147Kb / 4P
   Silicon NPN Planar RF Transistor
Rev. 1.3, 02-May-05
BFP93A VISHAY-BFP93A Datasheet
212Kb / 9P
   Silicon NPN Planar RF Transistor
Rev. 1.4, 03-Sep-04
BFG67 VISHAY-BFG67 Datasheet
38Kb / 4P
   Silicon NPN Planar RF Transistor
Rev. 1, 11-Nov-99
BFR96TS VISHAY-BFR96TS Datasheet
129Kb / 9P
   Silicon NPN Planar RF Transistor
Rev. 4, 20-Jan-99
TSDF1220 VISHAY-TSDF1220 Datasheet
81Kb / 6P
   Silicon NPN Planar RF Transistor
Rev. 6, 30-Jun-00
logo
Zetex Semiconductors
ZTX325 ZETEX-ZTX325 Datasheet
52Kb / 2P
   NPN SILICON PLANAR RF TRANSISTOR
logo
Vishay Siliconix
BFR181TF VISHAY-BFR181TF Datasheet
171Kb / 5P
   Silicon NPN Planar RF Transistor
Rev. 1.3, 28-Apr-05
BFW92A VISHAY-BFW92A_08 Datasheet
153Kb / 7P
   Silicon NPN Planar RF Transistor
Rev. 1.5, 08-Sep-08
BFQ67F VISHAY-BFQ67F Datasheet
87Kb / 5P
   Silicon NPN Planar RF Transistor
Rev. 1.4, 05-Sep-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com