Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT6660KCDC-10 Datasheet(PDF) 5 Page - Linear Technology

Part # LT6660KCDC-10
Description  Tiny Micropower Precision Series References in 2mm2mm DFN
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6660KCDC-10 Datasheet(HTML) 5 Page - Linear Technology

  LT6660KCDC-10 Datasheet HTML 1Page - Linear Technology LT6660KCDC-10 Datasheet HTML 2Page - Linear Technology LT6660KCDC-10 Datasheet HTML 3Page - Linear Technology LT6660KCDC-10 Datasheet HTML 4Page - Linear Technology LT6660KCDC-10 Datasheet HTML 5Page - Linear Technology LT6660KCDC-10 Datasheet HTML 6Page - Linear Technology LT6660KCDC-10 Datasheet HTML 7Page - Linear Technology LT6660KCDC-10 Datasheet HTML 8Page - Linear Technology LT6660KCDC-10 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
LT6660
5
6660fa
FREQUENCY (Hz)
100
1000
10
1k
10k
6660 G10
100
100k
200
µs/DIV
CLOAD = 0µF
20
10
1
0.1
6660 G09
TIME (2 SEC/DIV)
6660 G11
TEMPERATURE (
°C)
–50
2.501
2.502
2.503
25
75
6660 G04
2.500
2.499
–25
0
50
100
125
2.498
2.497
THREE TYPICAL PARTS
INPUT VOLTAGE (V)
0
100
150
125
°C
25
°C
–55
°C
20
6660 G05
50
0
5
10
15
250
200
INPUT VOLTAGE (V)
0
2.502
2.501
2.500
2.499
2.498
2.497
2.496
2.495
2.494
16
6660 G06
4
8
12
20
14
2
6
10
18
25
°C
125
°C
–55
°C
FREQUENCY (kHz)
20
40
50
70
80
0.1
10
100
1000
6660 G07
0
1
60
30
10
FREQUENCY (kHz)
1
10
100
1000
0.01
1
10
100
0.1
0.1
1000
6660 G08
CL = 0µF
CL = 0.1µF
CL = 1µF
Characteristic curves are similar for all voltage
options of the LT6660. Curves from the LT6660-2.5 and the LT6660-10 represent the extremes of the voltage options. Characteristic
curves for other output voltages fall between these curves, and can be estimated based on their voltage output.
TYPICAL PERFOR A CE CHARACTERISTICS
2.5V Output Voltage
Temperature Drift
2.5V Supply Current
vs Input Voltage
2.5V Line Regulation
2.5V Power Supply Rejection
Ratio vs Frequency
2.5V Output Impedance
vs Frequency
2.5V Transient Response
2.5V Output Voltage
Noise Spectrum
2.5V Output Noise 0.1Hz to 10Hz


Similar Part No. - LT6660KCDC-10

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6660 LINER-LT6660 Datasheet
206Kb / 20P
   Easy-to-Use, Ultra-Tiny 16-Bit ADC
LT6660 LINER-LT6660 Datasheet
290Kb / 16P
   Easy-to-Use, Ultra-Tiny, Differential, 16-Bit ADC With I2C Interface
LT6660 LINER-LT6660 Datasheet
844Kb / 18P
   SOT-23 Precision Wide Supply High Output Drive Low Noise Reference
LT6660 LINER-LT6660 Datasheet
507Kb / 22P
   Ultra-Tiny, Differential, 16-Bit ADC with SPI Interface SPI Interface
LT6660 LINER-LT6660 Datasheet
410Kb / 12P
   Tiny Micropower Precision Series References in 2mm 2mm DFN
More results

Similar Description - LT6660KCDC-10

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6660 LINER-LT6660_15 Datasheet
410Kb / 12P
   Tiny Micropower Precision Series References in 2mm 2mm DFN
LTC4095 LINER-LTC4095 Datasheet
230Kb / 16P
   Standalone USB Li-Ion/Polymer Battery Charger in 2mm 횞 2mm DFN
LT3491 LINER-LT3491 Datasheet
267Kb / 16P
   White LED Driver with Integrated Schottky in SC70 and 2mm 횞 2mm DFN
LT3502 LINER-LT3502 Datasheet
386Kb / 24P
   1.1MHz/2.2MHz, 500mA Step-Down Regulators in 2mm 횞 2mm DFN and MS10
LTC3526L LINER-LTC3526L Datasheet
271Kb / 16P
   550mA 1MHz Synchronous Step-Up DC/DC Converters in 2mm 횞 2mm DFN
LT3048 LINER-LT3048_15 Datasheet
236Kb / 16P
   Low Noise Bias Generator in 2mm 2mm DFN
LTC3427 LINER-LTC3427 Datasheet
208Kb / 12P
   500mA, 1.25MHz Synchronous Step-Up DC/DC Converter in 2mm 횞 2mm DFN Package
LTC3549 LINER-LTC3549 Datasheet
360Kb / 16P
   250mA Low VIN Buck Regulator in 2mm 횞 3mm DFN
LTC3672B-2 LINER-LTC3672B-2 Datasheet
149Kb / 12P
   Monolithic Fixed-Output 400mA Buck Regulator with Dual 150mA LDOs in 2mm 횞 2mm DFN
LTC3672B-1 LINER-LTC3672B-1 Datasheet
174Kb / 12P
   Monolithic Fixed-Output 400mA Buck Regulator with Dual 150mA LDOs in 2mm 횞 2mm DFN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com