Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A10V20B-3VQ84M Datasheet(PDF) 11 Page - Actel Corporation

Part # A10V20B-3VQ84M
Description  ACT 1 Series FPGAs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A10V20B-3VQ84M Datasheet(HTML) 11 Page - Actel Corporation

Back Button A10V20B-3VQ84M Datasheet HTML 7Page - Actel Corporation A10V20B-3VQ84M Datasheet HTML 8Page - Actel Corporation A10V20B-3VQ84M Datasheet HTML 9Page - Actel Corporation A10V20B-3VQ84M Datasheet HTML 10Page - Actel Corporation A10V20B-3VQ84M Datasheet HTML 11Page - Actel Corporation A10V20B-3VQ84M Datasheet HTML 12Page - Actel Corporation A10V20B-3VQ84M Datasheet HTML 13Page - Actel Corporation A10V20B-3VQ84M Datasheet HTML 14Page - Actel Corporation A10V20B-3VQ84M Datasheet HTML 15Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
1-293
ACT 1 Series FPGAs
Timing Derating
A best case timing derating factor of 0.45 is used to reflect
best case processing. Note that this factor is relative to the
“standard speed” timing parameters, and must be multiplied
by the appropriate voltage and temperature derating factors
for a given application.
Timing Derating Factor (Temperature and Voltage)
Industrial
Military
Min.
Max.
Min.
Max.
(Commercial Minimum/Maximum Specification) x
0.69
1.11
0.67
1.23
Timing Derating Factor for Designs at Typical Temperature (T J = 25°C) and
Voltage (5.0 V)
(Commercial Maximum Specification) x
0.85
Temperature and Voltage Derating Factors
(normalized to Worst-Case Commercial, T J = 4.75 V, 70°C)
–55
–40
0
25
70
85
125
4.50
0.75
0.79
0.86
0.92
1.06
1.11
1.23
4.75
0.71
0.75
0.82
0.87
1.00
1.05
1.16
5.00
0.69
0.72
0.80
0.85
0.97
1.02
1.13
5.25
0.68
0.69
0.77
0.82
0.95
0.98
1.09
5.50
0.67
0.69
0.76
0.81
0.93
0.97
1.08
Note:
This derating factor applies to all routing and propagation delays.
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
4.50
4.75
5.00
5.25
5.50
Voltage (V)
125°C
85°C
70°C
25°C
0°C
–40°C
–55°C
Junction Temperature and Voltage Derating Curves
(normalized to Worst-Case Commercial, TJ = 4.75 V, 70°C)


Similar Part No. - A10V20B-3VQ84M

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
A10V20B-PL84C ACTEL-A10V20B-PL84C Datasheet
1Mb / 98P
   Highly Predictable Performance with 100 Automatic Placement and Routing
More results

Similar Description - A10V20B-3VQ84M

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
A1020B-PL84C ACTEL-A1020B-PL84C Datasheet
172Kb / 24P
   ACT??1 Series FPGAs
logo
Microsemi Corporation
A1020B-PL68I MICROSEMI-A1020B-PL68I Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
logo
Actel Corporation
A1010B-2PL44I ACTEL-A1010B-2PL44I Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
A1020B-CQ84M ACTEL-A1020B-CQ84M Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
A1010B-2PLG6 ACTEL-A1010B-2PLG6 Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
A1010B-PL68C ACTEL-A1010B-PL68C Datasheet
172Kb / 24P
   ACT??1 Series FPGAs
A14100A-RQ208C ACTEL-A14100A-RQ208C Datasheet
479Kb / 68P
   Accelerator Series FPGAs - ACT 3Family
logo
Microsemi Corporation
A1280A-PL84C MICROSEMI-A1280A-PL84C Datasheet
2Mb / 54P
   ACT 2 Family FPGAs
A1240A-1PG132C MICROSEMI-A1240A-1PG132C Datasheet
2Mb / 54P
   ACT 2 Family FPGAs
A1280A-1PQ160I MICROSEMI-A1280A-1PQ160I Datasheet
2Mb / 54P
   ACT 2 Family FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com