Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT8410IDC-PBF Datasheet(PDF) 1 Page - Linear Technology

Part # LT8410IDC-PBF
Description  Ultralow Power Boost Converter with Output Disconnect
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8410IDC-PBF Datasheet(HTML) 1 Page - Linear Technology

  LT8410IDC-PBF Datasheet HTML 1Page - Linear Technology LT8410IDC-PBF Datasheet HTML 2Page - Linear Technology LT8410IDC-PBF Datasheet HTML 3Page - Linear Technology LT8410IDC-PBF Datasheet HTML 4Page - Linear Technology LT8410IDC-PBF Datasheet HTML 5Page - Linear Technology LT8410IDC-PBF Datasheet HTML 6Page - Linear Technology LT8410IDC-PBF Datasheet HTML 7Page - Linear Technology LT8410IDC-PBF Datasheet HTML 8Page - Linear Technology LT8410IDC-PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LT8410/LT8410-1
1
84101f
APPLICATIONS
n Sensor Power
n RF Mems Relay Power
n General Purpose Bias
TYPICAL APPLICATION
DESCRIPTION
Ultralow Power Boost
Converter with Output
Disconnect
TheLT®8410/LT8410-1areultralowpowerboostconverters
with integrated power switch, Schottky diode and output
disconnect circuitry. The parts control power delivery by
varying both the peak inductor current and switch off-
time. This control scheme results in low output voltage
ripple as well as high efficiency over a wide load range.
The quiescent current is a low 8.5μA, which is further
reduced to 0μA in shutdown. The internal disconnect
circuitry allows the output voltage to be blocked from
the input during shutdown. High value (12.4M/0.4M)
resistors are integrated on chip for output voltage detection,
significantly reducing input referred quiescent current.
The LT8410/-1 also features a comparator built into the
SHDN pin, over voltage protection for the CAP and VOUT
pins, built in soft-start and comes in a tiny 8-pin 2mm ×
2mm DFN package.
General Purpose Bias with Wide Input Voltage
L, LT, LTC and LTM are registered trademarks of Linear Technology Corporation. Hot Swap
is a trademark of Linear Technology Corporation. All other trademarks are the property of their
respective owners. Protected by U.S. Patents including 5481178, 6580258, 6304066, 6127815,
6498466, 6611131.
FEATURES
n Ultralow Quiescent Current
8.5μA in Active Mode
0μA in Shutdown Mode
n Comparator Built into SHDN pin
n Low Noise Control Scheme
n Adjustable FB reference voltage
n Wide Input Range: 2.5V to 16V
n Wide Output Range : Up to 40V
n Integrated Power NPN Switch
25mA Current Limit (LT8410)
8mA Current Limit (LT8410-1)
n Integrated Schottky Diode
n Integrated Output Disconnect
n High Value (12.4M/0.4M) Feedback Resistors
Integrated
n Built in Soft-Start (Optional Capacitor from VREF to
GND)
n Overvoltage Protection for CAP and VOUT pins
n Tiny 8-Pin 2mm × 2mm DFN package
SW
CAP
GND
CHIP
ENABLE
FBP
8410-1 TA01a
LT8410
2.2μF
0.1μF
100μH
0.1μF
0.1μF*
VOUT = 16V
VIN
2.5V to 16V
VCC
VOUT
VREF
SHDN
604K
412K
*HIGHER VALUE CAPACITOR IS REQUIRED
WHEN THE VIN IS HIGHER THAN 5V
LOAD CURRENT (mA)
0.01
10
8
2
6
4
0
8410-1 TA02
10
1
0.1
VIN = 3.6V
LOAD CURRENT (mA)
0.01
100
50
60
70
80
90
40
8410-1 TA03
100
10
0.1
1
VIN = 12V
VIN = 5V
VIN = 3.6V
Output Voltage Ripple
vs Load Current
Efficiency vs Load Current


Similar Part No. - LT8410IDC-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT8410 LINER-LT8410 Datasheet
237Kb / 22P
   Ultralow Voltage Step-Up Converter
LT8410 LINER-LT8410 Datasheet
258Kb / 24P
   Ultralow Voltage Step-Up Converter
LT8410 LINER-LT8410 Datasheet
244Kb / 24P
   Auto-Polarity, Ultralow Voltage Step-Up Converter
LT8410 LINER-LT8410 Datasheet
319Kb / 16P
   Ultralow Power Boost Converter with Output Disconnect
LT8410-1 LINER-LT8410-1 Datasheet
237Kb / 22P
   Ultralow Voltage Step-Up Converter
More results

Similar Description - LT8410IDC-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT8410 LINER-LT8410_15 Datasheet
319Kb / 16P
   Ultralow Power Boost Converter with Output Disconnect
LT8410-1 LINER-LT8410-1_15 Datasheet
319Kb / 16P
   Ultralow Power Boost Converter with Output Disconnect
logo
Power IC Ltd.
PS0100 PICSEMI-PS0100 Datasheet
979Kb / 13P
   600mA Synchronous Boost Converter with Output Disconnect
logo
Shenzhen Huazhimei Semi...
HM7065 HMSEMI-HM7065 Datasheet
329Kb / 7P
   5A, 500KHz Synchronous Boost Converter with Output Disconnect
logo
Leshan Radio Company
LR8406 LRC-LR8406 Datasheet
618Kb / 22P
   1.2A, 1.2MHz Synchronous Boost Converter with Output Disconnect
logo
Power IC Ltd.
PS0020 PICSEMI-PS0020 Datasheet
156Kb / 10P
   Low Iq Synchronous Boost Converter with Output Disconnect
logo
Leshan Radio Company
LR8425 LRC-LR8425 Datasheet
164Kb / 7P
   5A, 500KHz Synchronous Boost Converter with Output Disconnect
logo
Monolithic Power System...
MP3120 MPS-MP3120 Datasheet
712Kb / 10P
   1.2A, 1.1MHz Synchronous Boost Converter with Output Disconnect
logo
Leshan Radio Company
LR8421 LRC-LR8421 Datasheet
179Kb / 7P
   5A, 500KHz Synchronous Boost Converter with Output Disconnect
logo
Linear Technology
LTC3429 LINER-LTC3429_15 Datasheet
204Kb / 12P
   600mA, 500kHz Micropower Synchronous Boost Converter with Output Disconnect
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com