Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT6600IS8-15-TR Datasheet(PDF) 4 Page - Linear Technology

Part # LT6600IS8-15-TR
Description  Very Low Noise, Differential Amplifi er and 15MHz Lowpass Filter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6600IS8-15-TR Datasheet(HTML) 4 Page - Linear Technology

  LT6600IS8-15-TR Datasheet HTML 1Page - Linear Technology LT6600IS8-15-TR Datasheet HTML 2Page - Linear Technology LT6600IS8-15-TR Datasheet HTML 3Page - Linear Technology LT6600IS8-15-TR Datasheet HTML 4Page - Linear Technology LT6600IS8-15-TR Datasheet HTML 5Page - Linear Technology LT6600IS8-15-TR Datasheet HTML 6Page - Linear Technology LT6600IS8-15-TR Datasheet HTML 7Page - Linear Technology LT6600IS8-15-TR Datasheet HTML 8Page - Linear Technology LT6600IS8-15-TR Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LT6600-15
4
660015fa
TYPICAL PERFORMANCE CHARACTERISTICS
Passband Gain and Delay
Output Impedance
Common Mode Rejection Ratio
Power Supply Rejection Ratio
Distortion vs Frequency
Distortion vs Signal Level
Amplitude Response
Passband Gain and Phase
Passband Gain and Delay
FREQUENCY (MHz)
0.1
–20
–10
0
10
1
10
100
66005 G01
–30
–40
–50
–60
VS = 5V
GAIN = 1
TA = 25°C
FREQUENCY (MHz)
0
–3
–1
1
20
660015 G02
–5
–7
–4
–2
0
–6
–8
–9
45
135
225
–45
–135
0
90
180
–90
–180
–225
5
10
15
25
VS = 5V
GAIN = 1
TA = 25°C
GAIN
PHASE
FREQUENCY (MHz)
0
–3
–1
1
20
660015 G03
–5
–7
–4
–2
0
–6
–8
–9
30
40
50
20
10
25
35
45
15
5
0
5
10
15
25
VS = 5V
GAIN = 1
TA = 25°C
GAIN
DELAY
FREQUENCY (MHz)
0
6
10
14
20
660015 G04
2
–2
4
8
12
0
–4
–6
30
40
50
20
10
25
35
45
15
5
0
5
10
15
25
VS = 5V
GAIN = 4
TA = 25°C
GAIN
DELAY
FREQUENCY (MHz)
1
10
0.1
10
100
660015 G05
0.1
1
100
VS = 5V
GAIN = 1
TA = 25°C
FREQUENCY (MHz)
0.1
60
70
80
1
10
100
660015 G06
50
40
30
65
75
55
45
35
VIN = 1VP-P
VS = 5V
GAIN = 1
TA = 25°C
FREQUENCY (MHz)
0.1
50
60
70
80
1
10
100
600015 G07
40
30
20
10
0
VS = 3V
VIN = 200mVP-P
TA = 25°C
V+ TO DIFFOUT
FREQUENCY (MHz)
0.1
–100
–110
–60
–50
1
10
100
660015 G08
–70
–80
–90
DIFFERENTIAL INPUT, 2ND HARMONIC
DIFFERENTIAL INPUT, 3RD HARMONIC
SINGLE-ENDED INPUT, 2ND HARMONIC
SINGLE-ENDED INPUT, 3RD HARMONIC
VIN = 2VP-P
VS = 3V
RL = 800Ω AT
EACH OUTPUT
GAIN = 1
TA = 25°C
INPUT LEVEL (VP-P)
0
–60
–50
–40
4
660015 G09
–70
–80
123
5
–90
–100
–110
VS = 3V
RL = 800Ω AT
EACH OUTPUT
GAIN = 1
TA = 25°C
2ND
HARMONIC
10MHz INPUT
2ND
HARMONIC
1MHz INPUT
3RD HARMONIC
10MHz INPUT
3RD
HARMONIC
1MHz INPUT


Similar Part No. - LT6600IS8-15-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6600IS8-10 LINER-LT6600IS8-10 Datasheet
221Kb / 12P
   Very Low Noise, Differential Amplifier and 10MHz Lowpass Filter
More results

Similar Description - LT6600IS8-15-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6604-15 LINER-LT6604-15 Datasheet
202Kb / 16P
   Dual Very Low Noise, Differential Amplifi er and 15MHz Lowpass Filter
LT6600-10 LINER-LT6600-10_15 Datasheet
204Kb / 16P
   Very Low Noise, Differential Amplifi er and 10MHz Lowpass Filter
LT6600-5 LINER-LT6600-5_15 Datasheet
160Kb / 12P
   Very Low Noise, Differential Amplifi er and 5MHz Lowpass Filter
LT6600-2.5 LINER-LT6600-2.5_09 Datasheet
193Kb / 16P
   Very Low Noise, Differential Amplifi er and 2.5MHz Lowpass Filter
LT6600-2.5 LINER-LT6600-2.5_15 Datasheet
233Kb / 16P
   Very Low Noise, Differential Amplifi er and 2.5MHz Lowpass Filter
LT6600-20 LINER-LT6600-20_15 Datasheet
180Kb / 12P
   Very Low Noise, Differential Amplifi er and 20MHz Lowpass Filter
LT6600-5 LINER-LT6600-5 Datasheet
153Kb / 12P
   Very Low Noise, Differential Amplifi er and 5MHz Lowpass Filter
LT6604-2.5 LINER-LT6604-2.5 Datasheet
200Kb / 16P
   Dual Very Low Noise, Differential Amplifi er and 2.5MHz Lowpass Filter
LT6604-5 LINER-LT6604-5 Datasheet
182Kb / 16P
   Dual Very Low Noise, Differential Amplifi er and 5MHz Lowpass Filter
LT6604-10 LINER-LT6604-10 Datasheet
204Kb / 16P
   Dual Very Low Noise, Differential Amplifi er and 10MHz Lowpass Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com