Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT6600CS8-2.5-TRPBF Datasheet(PDF) 10 Page - Linear Technology

Part # LT6600CS8-2.5-TRPBF
Description  Very Low Noise, Differential Amplifi er and 2.5MHz Lowpass Filter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6600CS8-2.5-TRPBF Datasheet(HTML) 10 Page - Linear Technology

Back Button LT6600CS8-2.5-TRPBF Datasheet HTML 6Page - Linear Technology LT6600CS8-2.5-TRPBF Datasheet HTML 7Page - Linear Technology LT6600CS8-2.5-TRPBF Datasheet HTML 8Page - Linear Technology LT6600CS8-2.5-TRPBF Datasheet HTML 9Page - Linear Technology LT6600CS8-2.5-TRPBF Datasheet HTML 10Page - Linear Technology LT6600CS8-2.5-TRPBF Datasheet HTML 11Page - Linear Technology LT6600CS8-2.5-TRPBF Datasheet HTML 12Page - Linear Technology LT6600CS8-2.5-TRPBF Datasheet HTML 13Page - Linear Technology LT6600CS8-2.5-TRPBF Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
LT6600-2.5
10
660025fb
APPLICATIONS INFORMATION
Use Figure 4 to determine the interface between the
LT6600-2.5 and a current output DAC. The gain, or “trans-
impedance,” is defined as A = VOUT/IIN. To compute the
transimpedance, use the following equation:
A =
1580•R1
R1+ R2
()
Ω
()
By setting R1 + R2 = 1580Ω, the gain equation reduces
to A = R1(Ω).
The voltage at the pins of the DAC is determined by R1,
R2, the voltage on VMID and the DAC output current.
Consider Figure 4 with R1 = 49.9Ω and R2 = 1540Ω. The
voltage at VMID, for VS = 3.3V, is 1.65V. The voltage at the
DAC pins is given by:
VDAC = VPIN7
R1
R1+ R2 + 1580
+IIN
R1•R2
R1+ R2
= 26mV +IIN •48.3Ω
IIN is IIN+ or IIN–. The transimpedance in this example is
49.6Ω.
Evaluating the LT6600-2.5
The low impedance levels and high frequency operation
of the LT6600-2.5 require some attention to the matching
networks between the LT6600-2.5 and other devices. The
previous examples assume an ideal (0Ω) source imped-
ance and a large (1kΩ) load resistance. Among practical
examples where impedance must be considered is the
evaluation of the LT6600-2.5 with a network analyzer.
Figure 5 is a laboratory setup that can be used to charac-
terize the LT6600-2.5 using single-ended instruments with
50Ω source impedance and 50Ω input impedance. For a
12dB gain configuration the LT6600-2.5 requires a402Ω
source resistance yet the network analyzer output is
calibrated for a 50Ω load resistance. The 1:1 transformer,
53.6Ω and 388Ω resistors satisfy the two constraints
above. The transformer converts the single-ended source
into a differential stimulus. Similarly, the output of the
LT6600-2.5 will have lower distortion with larger load
resistance yet the analyzer input is typically 50Ω. The 4:1
turns (16:1 impedance) transformer and the two 402Ω
resistors of Figure 5, present the output of the LT6600-2.5
with a 1600Ω differential load, or the equivalent of 800Ω
to ground at each output. The impedance seen by the
network analyzer input is still 50Ω, reducing reflections in
the cabling between the transformer and analyzer input.
Differential and Common Mode Voltage Ranges
The rail-to-rail output stage of the LT6600-2.5 can process
large differential signal levels. On a 3V supply, the output
signal can be 5.1VP-P. Similarly, a 5V supply can support
signals as large as 8.8VP-P. To prevent excessive power
dissipation in the internal circuitry, the user must limit
differential signal levels to 9VP-P.
The two amplifiers inside the LT6600-2.5 have indepen-
dent control of their output common mode voltage (see
the “Block Diagram” section). The following guidelines
will optimize the performance of the filter.
Figure 4. (S8 Pin Numbers)
Figure 5. (S8 Pin Numbers)
+
0.1μF
3.3V
+
LT6600-2.5
3
4
1
0.01μF
CURRENT
OUTPUT
DAC
7
2
8
5
VOUT
+
VOUT
660025 F04
6
R2
R1
IIN
IIN
+
R2
R1
=
VOUT
+ – VOUT–
IIN
+ – IIN–
1580 • R1
R1 + R2
+
0.1μF
0.1μF
2.5V
–2.5V
+
LT6600-2.5
3
4
1
7
2
8
5
6
660025 F05
402Ω
402Ω
NETWORK
ANALYZER
INPUT
50Ω
COILCRAFT
TTWB-16A
4:1
NETWORK
ANALYZER
SOURCE
COILCRAFT
TTWB-1010
1:1
50Ω
53.6Ω
388Ω
388Ω


Similar Part No. - LT6600CS8-2.5-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6600CS8-2.5 LINER-LT6600CS8-2.5 Datasheet
173Kb / 12P
   Very Low Noise, Differential Amplifier and 2.5MHz Lowpass Filter
More results

Similar Description - LT6600CS8-2.5-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6600-2.5 LINER-LT6600-2.5_15 Datasheet
233Kb / 16P
   Very Low Noise, Differential Amplifi er and 2.5MHz Lowpass Filter
LT6604-2.5 LINER-LT6604-2.5 Datasheet
200Kb / 16P
   Dual Very Low Noise, Differential Amplifi er and 2.5MHz Lowpass Filter
LT6600-10 LINER-LT6600-10_15 Datasheet
204Kb / 16P
   Very Low Noise, Differential Amplifi er and 10MHz Lowpass Filter
LT6600-5 LINER-LT6600-5_15 Datasheet
160Kb / 12P
   Very Low Noise, Differential Amplifi er and 5MHz Lowpass Filter
LT6600-15 LINER-LT6600-15 Datasheet
156Kb / 12P
   Very Low Noise, Differential Amplifi er and 15MHz Lowpass Filter
LT6600-20 LINER-LT6600-20_15 Datasheet
180Kb / 12P
   Very Low Noise, Differential Amplifi er and 20MHz Lowpass Filter
LT6600-5 LINER-LT6600-5 Datasheet
153Kb / 12P
   Very Low Noise, Differential Amplifi er and 5MHz Lowpass Filter
LT6604-5 LINER-LT6604-5 Datasheet
182Kb / 16P
   Dual Very Low Noise, Differential Amplifi er and 5MHz Lowpass Filter
LT6604-15 LINER-LT6604-15 Datasheet
202Kb / 16P
   Dual Very Low Noise, Differential Amplifi er and 15MHz Lowpass Filter
LT6604-10 LINER-LT6604-10 Datasheet
204Kb / 16P
   Dual Very Low Noise, Differential Amplifi er and 10MHz Lowpass Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com