Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT6604CUFF-15-PBF Datasheet(PDF) 2 Page - Linear Technology

Part # LT6604CUFF-15-PBF
Description  Dual Very Low Noise, Differential Amplifi er and 15MHz Lowpass Filter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6604CUFF-15-PBF Datasheet(HTML) 2 Page - Linear Technology

  LT6604CUFF-15-PBF Datasheet HTML 1Page - Linear Technology LT6604CUFF-15-PBF Datasheet HTML 2Page - Linear Technology LT6604CUFF-15-PBF Datasheet HTML 3Page - Linear Technology LT6604CUFF-15-PBF Datasheet HTML 4Page - Linear Technology LT6604CUFF-15-PBF Datasheet HTML 5Page - Linear Technology LT6604CUFF-15-PBF Datasheet HTML 6Page - Linear Technology LT6604CUFF-15-PBF Datasheet HTML 7Page - Linear Technology LT6604CUFF-15-PBF Datasheet HTML 8Page - Linear Technology LT6604CUFF-15-PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LT6604-15
2
660415fa
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Total Supply Voltage .................................................11V
Operating Temperature Range (Note 6).... –40°C to 85°C
Specified Temperature Range (Note 7) .... –40°C to 85°C
Junction Temperature ........................................... 150°C
Storage Temperature Range................... –65°C to 150°C
Input Voltage
+IN, –IN, VOCM, VMID (Note 8) ..............................±VS
Input Current
+IN, –IN, VOCM, VMID (Note 8) .........................±10mA
Lead Temperature (Soldering, 10 sec) .................. 300°C
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Filter Gain Either Channel, VS = 3V
VIN = 2VP-P, fIN = DC to 260kHz
VIN = 2VP-P, fIN =1.5MHz (Gain Relative to 260kHz)
VIN = 2VP-P, fIN = 7.5MHz (Gain Relative to 260kHz)
VIN = 2VP-P, fIN = 12MHz (Gain Relative to 260kHz)
VIN = 2VP-P, fIN = 15MHz (Gain Relative to 260kHz)
VIN = 2VP-P, fIN = 45MHz (Gain Relative to 260kHz)
VIN = 2VP-P, fIN = 75MHz (Gain Relative to 260kHz)
l
l
l
l
l
l
–0.5
–0.1
–0.3
–0.3
–0.7
0.1
0
0
0.2
0
–29
–46
0.5
0.1
0.4
1.0
1.0
–25
dB
dB
dB
dB
dB
dB
dB
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
SPECIFIED TEMPERATURE RANGE
LT6604CUFF-15#PBF
LTC6604CUFF-15#TRPBF
60415
34-Lead (4mm × 7mm) Plastic QFN
0°C to 70°C
LT6604IUFF-15#PBF
LTC6604IUFF-15#TRPBF
60415
34-Lead (4mm × 7mm) Plastic QFN
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
ELECTRICAL CHARACTERISTICS The l denotes specifications that apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. Unless otherwise specified VS = 5V (V+ = 5V, V= 0V), RIN = 536Ω, and RLOAD = 1k.
30 NC
29 –OUTA
28 NC
27 +OUTA
26 NC
25 V+A
24 V
23 NC
22 NC
21 –OUTB
20 NC
19 +OUTB
18 NC
NC 1
+INA 2
NC 3
–INA 4
NC 5
VOCMA 6
V7
VMIDB 8
NC 9
+INB 10
NC 11
–INB 12
NC 13
TOP VIEW
UFF PACKAGE
34-LEAD (4mm × 7mm) PLASTIC QFN
35
TJMAX = 150°C, θJA = 34°C/W, θJC = 2.7°C/W
EXPOSED PAD (PIN 35) IS V, MUST BE SOLDERED TO PCB


Similar Part No. - LT6604CUFF-15-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6604CUFF-10-PBF LINER-LT6604CUFF-10-PBF Datasheet
204Kb / 16P
   Dual Very Low Noise, Differential Amplifi er and 10MHz Lowpass Filter
More results

Similar Description - LT6604CUFF-15-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6600-15 LINER-LT6600-15 Datasheet
156Kb / 12P
   Very Low Noise, Differential Amplifi er and 15MHz Lowpass Filter
LT6604-2.5 LINER-LT6604-2.5 Datasheet
200Kb / 16P
   Dual Very Low Noise, Differential Amplifi er and 2.5MHz Lowpass Filter
LT6604-5 LINER-LT6604-5 Datasheet
182Kb / 16P
   Dual Very Low Noise, Differential Amplifi er and 5MHz Lowpass Filter
LT6604-10 LINER-LT6604-10 Datasheet
204Kb / 16P
   Dual Very Low Noise, Differential Amplifi er and 10MHz Lowpass Filter
LT6600-10 LINER-LT6600-10_15 Datasheet
204Kb / 16P
   Very Low Noise, Differential Amplifi er and 10MHz Lowpass Filter
LT6600-5 LINER-LT6600-5_15 Datasheet
160Kb / 12P
   Very Low Noise, Differential Amplifi er and 5MHz Lowpass Filter
LT6600-2.5 LINER-LT6600-2.5_09 Datasheet
193Kb / 16P
   Very Low Noise, Differential Amplifi er and 2.5MHz Lowpass Filter
LT6600-2.5 LINER-LT6600-2.5_15 Datasheet
233Kb / 16P
   Very Low Noise, Differential Amplifi er and 2.5MHz Lowpass Filter
LT6600-20 LINER-LT6600-20_15 Datasheet
180Kb / 12P
   Very Low Noise, Differential Amplifi er and 20MHz Lowpass Filter
LT6600-5 LINER-LT6600-5 Datasheet
153Kb / 12P
   Very Low Noise, Differential Amplifi er and 5MHz Lowpass Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com