Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M1AFS600-FGG256I Datasheet(PDF) 11 Page - Actel Corporation

Part # M1AFS600-FGG256I
Description  Actel Fusion Mixed-Signal FPGAs
Download  318 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

M1AFS600-FGG256I Datasheet(HTML) 11 Page - Actel Corporation

Back Button M1AFS600-FGG256I Datasheet HTML 7Page - Actel Corporation M1AFS600-FGG256I Datasheet HTML 8Page - Actel Corporation M1AFS600-FGG256I Datasheet HTML 9Page - Actel Corporation M1AFS600-FGG256I Datasheet HTML 10Page - Actel Corporation M1AFS600-FGG256I Datasheet HTML 11Page - Actel Corporation M1AFS600-FGG256I Datasheet HTML 12Page - Actel Corporation M1AFS600-FGG256I Datasheet HTML 13Page - Actel Corporation M1AFS600-FGG256I Datasheet HTML 14Page - Actel Corporation M1AFS600-FGG256I Datasheet HTML 15Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 318 page
background image
Actel Fusion Mixed-Signal FPGAs
Pr el iminar y v1 .7
1-7
tools. Comprehensive programming file support is also included to allow for easy programming of
large numbers of parts with differing FlashROM contents.
SRAM and FIFO
Fusion devices have embedded SRAM blocks along the north and south sides of the device. Each
variable-aspect-ratio SRAM block is 4,608 bits in size. Available memory configurations are 256×18,
512×9, 1k×4, 2k×2, and 4k×1 bits. The individual blocks have independent read and write ports that
can be configured with different bit widths on each port. For example, data can be written
through a 4-bit port and read as a single bitstream. The SRAM blocks can be initialized from the
flash memory blocks or via the device JTAG port (ROM emulation mode), using the UJTAG macro.
In addition, every SRAM block has an embedded FIFO control unit. The control unit allows the
SRAM block to be configured as a synchronous FIFO without using additional core VersaTiles. The
FIFO width and depth are programmable. The FIFO also features programmable Almost Empty
(AEMPTY) and Almost Full (AFULL) flags in addition to the normal EMPTY and FULL flags. The
embedded FIFO control unit contains the counters necessary for the generation of the read and
write address pointers. The SRAM/FIFO blocks can be cascaded to create larger configurations.
Clock Resources
PLLs and Clock Conditioning Circuits (CCCs)
Fusion devices provide designers with very flexible clock conditioning capabilities. Each member of
the Fusion family contains six CCCs. In the two larger family members, two of these CCCs also
include a PLL; the smaller devices support one PLL.
The inputs of the CCC blocks are accessible from the FPGA core or from one of several inputs with
dedicated CCC block connections.
The CCC block has the following key features:
Wide input frequency range (fIN_CCC) = 1.5 MHz to 350 MHz
Output frequency range (fOUT_CCC) = 0.75 MHz to 350 MHz
Clock phase adjustment via programmable and fixed delays from –6.275 ns to +8.75 ns
Clock skew minimization (PLL)
Clock frequency synthesis (PLL)
On-chip analog clocking resources usable as inputs:
100 MHz on-chip RC oscillator
Crystal oscillator
Additional CCC specifications:
Internal phase shift = 0°, 90°, 180°, and 270°
Output duty cycle = 50% ± 1.5%
Low output jitter. Samples of peak-to-peak period jitter when a single global network is
used:
70 ps at 350 MHz
90 ps at 100 MHz
180 ps at 24 MHz
Worst case < 2.5% × clock period
Maximum acquisition time = 150 µs
Low power consumption of 5 mW
Global Clocking
Fusion devices have extensive support for multiple clocking domains. In addition to the CCC and
PLL support described above, there are on-chip oscillators as well as a comprehensive global clock
distribution network.
The integrated RC oscillator generates a 100 MHz clock. It is used internally to provide a known
clock source to the flash memory read and write control. It can also be used as a source for the PLLs.


Similar Part No. - M1AFS600-FGG256I

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
M1AFS600-PQ208 MICROSEMI-M1AFS600-PQ208 Datasheet
18Mb / 334P
   Fusion Family of Mixed Signal FPGAs
More results

Similar Description - M1AFS600-FGG256I

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
U1AFS600-FGG256I ACTEL-U1AFS600-FGG256I Datasheet
8Mb / 17P
   Actel Fusion Mixed-Signal FPGA
logo
Microsemi Corporation
M1AFS600-PQ208 MICROSEMI-M1AFS600-PQ208 Datasheet
18Mb / 334P
   Fusion Family of Mixed Signal FPGAs
AFS600-FGG484 MICROSEMI-AFS600-FGG484 Datasheet
18Mb / 334P
   Fusion Family of Mixed Signal FPGAs
AFS1500-FGG484 MICROSEMI-AFS1500-FGG484 Datasheet
18Mb / 334P
   Fusion Family of Mixed Signal FPGAs
AFS090 MICROSEMI-AFS090 Datasheet
17Mb / 334P
   Fusion Family of Mixed Signal FPGAs
logo
Texas Instruments
MSP430F11X TI-MSP430F11X Datasheet
473Kb / 29P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X31X TI-MSP430X31X Datasheet
399Kb / 30P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLERS
MSP430F249-EP TI-MSP430F249-EP Datasheet
1Mb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_11 Datasheet
981Kb / 99P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42X TI-MSP430FE42X_10 Datasheet
975Kb / 51P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com