Part Name
         Description
LT6604-2.5

 Dual Very Low Noise, Differential Amplifi er and 2.5MHz Lowpass Filter ( 16 Page)


LINER
100% 
Zoom Out Zoom In
 6 page
background image
LT6604-2.5
6
660425f
INPUT LEVEL (VP-P)
0
–110
–100
–90
–80
–70
–60
–50
–40
1234
660425 G11
9
8
7
6
5
VS = 5V
F = 1MHz
RL = 800Ω AT
EACH OUTPUT
GAIN = 1
2ND HARMONIC,
DIFFERENTIAL INPUT
3RD HARMONIC,
DIFFERENTIAL INPUT
2ND HARMONIC,
SINGLE-ENDED INPUT
3RD HARMONIC,
SINGLE-ENDED INPUT
TYPICAL PERFORMANCE CHARACTERISTICS
Distortion vs Signal Level
Distortion vs Signal Level
Distortion vs Signal Level
Distortion vs Input Common
Mode Level
Distortion vs Input Common
Mode Level
Distortion vs Output
Common Mode Level
Single Channel Supply Current vs
Total Supply Voltage
INPUT LEVEL (VP-P)
0
–110
–100
–90
–80
–70
–60
–50
–40
1234
660425 G10
6
5
VS = 3V
F = 1MHz
RL = 800Ω AT
EACH OUTPUT
GAIN = 1
2ND HARMONIC,
DIFFERENTIAL INPUT
3RD HARMONIC,
DIFFERENTIAL INPUT
2ND HARMONIC,
SINGLE-ENDED INPUT
3RD HARMONIC,
SINGLE-ENDED INPUT
INPUT LEVEL (VP-P)
0
–110
–100
–90
–80
–70
–60
–50
–40
1234
660425 G12
9
8
7
6
5
2ND HARMONIC,
DIFFERENTIAL INPUT
3RD HARMONIC,
DIFFERENTIAL INPUT
2ND HARMONIC,
SINGLE-ENDED INPUT
3RD HARMONIC,
SINGLE-ENDED INPUT
VS = 5V
F = 1MHz
RL = 800Ω AT
EACH OUTPUT
GAIN = 1
INPUT COMMON MODE VOLTAGE RELATIVE TO VMID (V)
–3
–110
–100
–90
–80
–70
–60
–50
–40
–2
–1
0
1
2
660425 G13
3
2VP-P 1MHz INPUT
RIN = 1580Ω
GAIN = 1
2ND HARMONIC,
VS = 3V
3RD HARMONIC,
VS = 3V
2ND HARMONIC,
VS = 5V
3RD HARMONIC,
VS = 5V
INPUT COMMON MODE VOLTAGE RELATIVE TO VMID (V)
–3
–110
–100
–90
–80
–70
–60
–50
–40
–2
–1
0
1
2
660425 G14
3
2VP-P 1MHz INPUT, RIN = 402Ω, GAIN = 4
2ND HARMONIC,
VS = 3V
3RD HARMONIC,
VS = 3V
2ND HARMONIC,
VS = 5V
3RD HARMONIC,
VS = 5V
VOLTAGE VOCM TO VMID (V)
–70
–60
–50
0.5
1.0
1.5
660425 G15
–80
–90
–1.5 –1.0 –0.5
0
2.5
2.0
–100
–110
–40
2VP-P 1MHz INPUT, RIN = 1580Ω, GAIN = 1
2ND HARMONIC,
VS = 3V
3RD HARMONIC,
VS = 3V
2ND HARMONIC,
VS = 5V
3RD HARMONIC,
VS = 5V
2ND HARMONIC,
VS = 5V
3RD HARMONIC,
VS = 5V
TOTAL SUPPLY VOLTAGE (V)
16
24
22
20
28
32
18
26
30
2468
660425 G16
10
3579
TA = –40°C
TA = 25°C
TA = 85°C



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LT6600-2.5_09Very Low Noise Differential Amplifi er and 2.5MHz Lowpass Filter 1 2 3 4 5 MoreLinear Technology
LT6600-5Very Low Noise Differential Amplifi er and 5MHz Lowpass Filter 1 2 3 4 5 MoreLinear Technology
LT6600-15Very Low Noise Differential Amplifi er and 15MHz Lowpass Filter 1 2 3 4 5 MoreLinear Technology
ISL9000_06Dual LDO with Low Noise Very High PSRR and Low IQ 1 2 3 4 5 MoreIntersil Corporation
ISL9000AMRNCEPDual LDO with Low Noise Very High PSRR and Low IQ 1 2 Intersil Corporation
LT6402-6300MHz Low Distortion Low Noise Differential Amplifi er/ ADC Driver AV = 6dB 1 2 3 4 5 MoreLinear Technology
LT6402-12300MHz Low Distortion Low Noise Differential Amplifi er/ ADC Driver AV = 12dB 1 2 3 4 5 MoreLinear Technology
HA-5102_04Dual and Quad 8MHz Low Noise Operational Amplifiers 1 2 3 4 5 MoreIntersil Corporation
EL2227_07Dual Very Low Noise Amplifier 1 2 3 4 5 MoreIntersil Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl