Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description

LT6604-2.5 Datasheet(PDF) 5 Page - Linear Technology

Part No. LT6604-2.5
Description  Dual Very Low Noise, Differential Amplifi er and 2.5MHz Lowpass Filter
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LINER [Linear Technology]
Homepage  http://www.linear.com
Logo 
 
 5 page
background image
LT6604-2.5
5
660425f
FREQUENCY (Hz)
1k
40
80
90
110
100
100k
10k
1M
10M
100M
660425 G05
70
60
50
VIN = 1VP-P
VS = 5V
RIN = 1580Ω
GAIN = 1
TYPICAL PERFORMANCE CHARACTERISTICS
Frequency Response
Passband Gain and Group Delay
Passband Gain and Group Delay
Output Impedance vs Frequency
(OUT+ or OUT–)
Common Mode Rejection Ratio
Power Supply Rejection Ratio
Distortion vs Frequency
Distortion vs Frequency
Distortion vs Frequency
FREQUENCY (Hz)
100k
–36
–24
–12
0
12
1M
10M
50M
660425 G01
–48
–60
–84
–96
–72
VS = 2.5V
RIN = 1580Ω
GAIN = 1
FREQUENCY (MHz)
0.5
–3
–1
1
2.5
660425 G02
–5
–7
–4
–2
0
–6
–8
–9
240
280
320
200
160
220
260
300
180
140
120
1.0
1.5
2.0
0.75
2.75
1.25
1.75
2.25
3.0
VS = 5V
RIN = 1580Ω
GAIN = 1
TA = 25 C
GAIN
GROUP DELAY
8
10
12
660425 G03
6
4
7
9
11
5
3
2
FREQUENCY (MHz)
0.5
2.5
240
280
320
200
160
220
260
300
180
140
120
1.0
1.5
2.0
0.75
2.75
1.25
1.75
2.25
3.0
VS = 5V
RIN = 402Ω
GAIN = 4
TA = 25 C
GAIN
GROUP DELAY
FREQUENCY (Hz)
1
10
100k
10M
100M
660425 G04
0.1
1M
100
FREQUENCY (Hz)
1k
100k
10k
1M
10M
100M
660425 G06
40
50
60
70
80
30
20
10
0
90
V+ TO
DIFFERENTIAL OUT
VS = 3V
FREQUENCY (MHz)
0.1
–110
–70
–60
110
660425 G07
–80
–90
–100
DIFFERENTIAL INPUT,
2ND HARMONIC
DIFFERENTIAL INPUT,
3RD HARMONIC
SINGLE-ENDED INPUT,
2ND HARMONIC
SINGLE-ENDED INPUT,
3RD HARMONIC
VIN = 2VP-P
VS = 3V
RL = 800Ω AT
EACH OUTPUT
GAIN = 1
FREQUENCY (MHz)
0.1
–110
–70
–60
110
660425 G08
–80
–90
–100
DIFFERENTIAL INPUT,
2ND HARMONIC
DIFFERENTIAL INPUT,
3RD HARMONIC
SINGLE-ENDED INPUT,
2ND HARMONIC
SINGLE-ENDED INPUT,
3RD HARMONIC
VIN = 2VP-P
VS = 5V
RL = 800Ω AT
EACH OUTPUT
GAIN = 1
FREQUENCY (MHz)
0.1
–110
–70
–60
110
660425 G09
–80
–90
–100
DIFFERENTIAL INPUT,
2ND HARMONIC
DIFFERENTIAL INPUT,
3RD HARMONIC
SINGLE-ENDED INPUT,
2ND HARMONIC
SINGLE-ENDED INPUT,
3RD HARMONIC
VIN = 2VP-P
VS = 5V
RL = 800Ω AT
EACH OUTPUT
GAIN = 1




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LT6600-2.5_09Very Low Noise Differential Amplifi er and 2.5MHz Lowpass Filter 1 2 3 4 5 MoreLinear Technology
LT6600-5Very Low Noise Differential Amplifi er and 5MHz Lowpass Filter 1 2 3 4 5 MoreLinear Technology
LT6600-15Very Low Noise Differential Amplifi er and 15MHz Lowpass Filter 1 2 3 4 5 MoreLinear Technology
ISL9000_06Dual LDO with Low Noise Very High PSRR and Low IQ 1 2 3 4 5 MoreIntersil Corporation
ISL9000AMRNCEPDual LDO with Low Noise Very High PSRR and Low IQ 1 2 Intersil Corporation
LT6402-6300MHz Low Distortion Low Noise Differential Amplifi er/ ADC Driver AV = 6dB 1 2 3 4 5 MoreLinear Technology
LT6402-12300MHz Low Distortion Low Noise Differential Amplifi er/ ADC Driver AV = 12dB 1 2 3 4 5 MoreLinear Technology
HA-5102_04Dual and Quad 8MHz Low Noise Operational Amplifiers 1 2 3 4 5 MoreIntersil Corporation
EL2227_07Dual Very Low Noise Amplifier 1 2 3 4 5 MoreIntersil Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2015    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl