Part Name
         Description
LT6604-2.5

 Dual Very Low Noise, Differential Amplifi er and 2.5MHz Lowpass Filter ( 16 Page)


LINER
100% 
Zoom Out Zoom In
 
 2 page
background image
LT6604-2.5
2
660425f
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Total Supply Voltage .................................................11V
Operating Temperature Range (Note 6).... –40°C to 85°C
Specified Temperature Range (Note 7) .... –40°C to 85°C
Junction Temperature ........................................... 150°C
Storage Temperature Range................... –65°C to 150°C
Input Voltage
+IN, –IN, VOCM, VMID (Note 8) ..............................±VS
Input Current
+IN, –IN, VOCM, VMID (Note 8) ........................±10mA
(Note 1)
35
30 NC
29 –OUTA
28 NC
27 +OUTA
26 NC
25 V+A
24 V
23 NC
22 NC
21 –OUTB
20 NC
19 +OUTB
18 NC
NC 1
+INA 2
NC 3
–INA 4
NC 5
VOCMA 6
V7
VMIDB 8
NC 9
+INB 10
NC 11
–INB 12
NC 13
TOP VIEW
UFF PACKAGE
34-LEAD (4mm
7mm) PLASTIC QFN
TJMAX = 150°C, θJA = 43°C/W, θJC = 4°C/W
EXPOSED PAD (PIN 35) IS V, MUST BE SOLDERED TO PCB
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
SPECIFIED TEMPERATURE RANGE
LT6604CUFF-2.5#PBF
LT6604CUFF-2.5#TRPBF
60425
34-Lead (4mm
× 7mm) Plastic QFN
0°C to 70°C
LT6604IUFF-2.5#PBF
LT6604IUFF-2.5#TRPBF
60425
34-Lead (4mm
× 7mm) Plastic QFN
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. Unless otherwise specified VS = 5V (V+ = 5V, V= 0V), RIN = 1580Ω, and
RLOAD = 1k.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Filter Gain Either Channel, VS = 3V
VIN = 2VP-P, fIN = DC to 260kHz
VIN = 2VP-P, fIN = 700kHz (Gain Relative to 260kHz)
VIN = 2VP-P, fIN = 1.9MHz (Gain Relative to 260kHz)
VIN = 2VP-P, fIN = 2.2MHz (Gain Relative to 260kHz)
VIN = 2VP-P, fIN = 2.5MHz (Gain Relative to 260kHz)
VIN = 2VP-P, fIN = 7.5MHz (Gain Relative to 260kHz)
VIN = 2VP-P, fIN = 12.5MHz (Gain Relative to 260kHz)
l
l
l
l
l
l
–0.5
–0.15
–0.2
–0.6
–2.1
0.1
0
0.2
0.1
–0.9
–34
–51
0.4
0.1
0.6
0.5
0
– 31
dB
dB
dB
dB
dB
dB
dB



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LT6600-2.5_09Very Low Noise Differential Amplifi er and 2.5MHz Lowpass Filter 1 2 3 4 5 MoreLinear Technology
LT6600-5Very Low Noise Differential Amplifi er and 5MHz Lowpass Filter 1 2 3 4 5 MoreLinear Technology
LT6600-15Very Low Noise Differential Amplifi er and 15MHz Lowpass Filter 1 2 3 4 5 MoreLinear Technology
ISL9000_06Dual LDO with Low Noise Very High PSRR and Low IQ 1 2 3 4 5 MoreIntersil Corporation
ISL9000AMRNCEPDual LDO with Low Noise Very High PSRR and Low IQ 1 2 Intersil Corporation
LT6402-6300MHz Low Distortion Low Noise Differential Amplifi er/ ADC Driver AV = 6dB 1 2 3 4 5 MoreLinear Technology
LT6402-12300MHz Low Distortion Low Noise Differential Amplifi er/ ADC Driver AV = 12dB 1 2 3 4 5 MoreLinear Technology
HA-5102_04Dual and Quad 8MHz Low Noise Operational Amplifiers 1 2 3 4 5 MoreIntersil Corporation
EL2227_07Dual Very Low Noise Amplifier 1 2 3 4 5 MoreIntersil Corporation

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl