Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT6604-2.5 Datasheet(PDF) 14 Page - Linear Technology

Part # LT6604-2.5
Description  Dual Very Low Noise, Differential Amplifi er and 2.5MHz Lowpass Filter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6604-2.5 Datasheet(HTML) 14 Page - Linear Technology

Back Button LT6604-2.5 Datasheet HTML 8Page - Linear Technology LT6604-2.5 Datasheet HTML 9Page - Linear Technology LT6604-2.5 Datasheet HTML 10Page - Linear Technology LT6604-2.5 Datasheet HTML 11Page - Linear Technology LT6604-2.5 Datasheet HTML 12Page - Linear Technology LT6604-2.5 Datasheet HTML 13Page - Linear Technology LT6604-2.5 Datasheet HTML 14Page - Linear Technology LT6604-2.5 Datasheet HTML 15Page - Linear Technology LT6604-2.5 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
LT6604-2.5
14
660425f
TYPICAL APPLICATIONS
Frequency Response
Transient Response Gain = 1
Dual, Matched 5th Order, 2.5MHz Lowpass Filter, Gain = 1
VOUT
+
50mV/DIV
DIFFERENTIAL
INPUT
200mV/DIV
500ns/DIV
660425 TA03c
FREQUENCY (Hz)
100k
–30
–20
–10
0
10
1M
10M 20M
660425 TA03b
–40
–50
–60
–80
–90
–70
VS = ±2.5V
GAIN = 1
R = 787Ω
TA = 25°C
R
787Ω
R
787Ω
R
787Ω
R
787Ω
C
82pF
C =
0.1μF
1/2
LT6604-2.5
V+
V
0.1μF
+
+
VIN
+
VIN
QOUT
25
27
4
1
2π • R • 2.5MHz
34
6
2
29
7
GAIN =
1580Ω
2R
R
787Ω
R
787Ω
R
787Ω
R
787Ω
C
82pF
0.1μF
1/2
LT6604-2.5
V+
V
0.1μF
+
+
VIN
+
VIN
660425 TA03a
QOUT
17
19
12
8
14
10
21
24


Similar Part No. - LT6604-2.5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6604-2.5 LINER-LT6604-2.5 Datasheet
207Kb / 16P
   Dual Very Low Noise, Differential Amplifier and 2.5MHz Lowpass Filter
LT6604-2.5 LINER-LT6604-2.5_15 Datasheet
207Kb / 16P
   Dual Very Low Noise, Differential Amplifier and 2.5MHz Lowpass Filter
More results

Similar Description - LT6604-2.5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6600-2.5 LINER-LT6600-2.5_09 Datasheet
193Kb / 16P
   Very Low Noise, Differential Amplifi er and 2.5MHz Lowpass Filter
LT6600-2.5 LINER-LT6600-2.5_15 Datasheet
233Kb / 16P
   Very Low Noise, Differential Amplifi er and 2.5MHz Lowpass Filter
LT6604-5 LINER-LT6604-5 Datasheet
182Kb / 16P
   Dual Very Low Noise, Differential Amplifi er and 5MHz Lowpass Filter
LT6604-15 LINER-LT6604-15 Datasheet
202Kb / 16P
   Dual Very Low Noise, Differential Amplifi er and 15MHz Lowpass Filter
LT6604-10 LINER-LT6604-10 Datasheet
204Kb / 16P
   Dual Very Low Noise, Differential Amplifi er and 10MHz Lowpass Filter
LT6600-10 LINER-LT6600-10_15 Datasheet
204Kb / 16P
   Very Low Noise, Differential Amplifi er and 10MHz Lowpass Filter
LT6600-5 LINER-LT6600-5_15 Datasheet
160Kb / 12P
   Very Low Noise, Differential Amplifi er and 5MHz Lowpass Filter
LT6600-15 LINER-LT6600-15 Datasheet
156Kb / 12P
   Very Low Noise, Differential Amplifi er and 15MHz Lowpass Filter
LT6600-20 LINER-LT6600-20_15 Datasheet
180Kb / 12P
   Very Low Noise, Differential Amplifi er and 20MHz Lowpass Filter
LT6600-5 LINER-LT6600-5 Datasheet
153Kb / 12P
   Very Low Noise, Differential Amplifi er and 5MHz Lowpass Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com