Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT6600CS8-15-PBF Datasheet(PDF) 11 Page - Linear Technology

Part # LT6600CS8-15-PBF
Description  Very Low Noise, Differential Amplifi er and 15MHz Lowpass Filter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6600CS8-15-PBF Datasheet(HTML) 11 Page - Linear Technology

Back Button LT6600CS8-15-PBF Datasheet HTML 4Page - Linear Technology LT6600CS8-15-PBF Datasheet HTML 5Page - Linear Technology LT6600CS8-15-PBF Datasheet HTML 6Page - Linear Technology LT6600CS8-15-PBF Datasheet HTML 7Page - Linear Technology LT6600CS8-15-PBF Datasheet HTML 8Page - Linear Technology LT6600CS8-15-PBF Datasheet HTML 9Page - Linear Technology LT6600CS8-15-PBF Datasheet HTML 10Page - Linear Technology LT6600CS8-15-PBF Datasheet HTML 11Page - Linear Technology LT6600CS8-15-PBF Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
LT6600-15
11
660015fa
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no representa-
tion that the interconnection of its circuits as described herein will not infringe on existing patent rights.
S8 Package
8-Lead Plastic Small Outline (Narrow .150 Inch)
(Reference LTC DWG # 05-08-1610)
APPLICATIONS INFORMATION
Table 2. LT6600-15 SO-8 Package Thermal Resistance
COPPER AREA
TOPSIDE
(mm2)
BACKSIDE
(mm2)
BOARD AREA
(mm2)
THERMAL RESISTANCE
(JUNCTION-TO-AMBIENT)
1100
1100
2500
65°C/W
330
330
2500
85°C/W
35
35
2500
95°C/W
35
0
2500
100°C/W
0
0
2500
105°C/W
Junction temperature, TJ, is calculated from the ambient
temperature, TA, and power dissipation, PD. The power
dissipation is the product of supply voltage, VS, and
supply current, IS. Therefore, the junction temperature
is given by:
TJ = TA + (PD • θJA) = TA + (VS • IS • θJA)
where the supply current, IS, is a function of signal
level, load impedance, temperature and common mode
voltages.
For a given supply voltage, the worst-case power dis-
sipation occurs when the differential input signal is
maximum, the common mode currents are maximum
(see Applications Information regarding common mode
DC currents), the load impedance is small and the ambi-
ent temperature is maximum. To compute the junction
temperature, measure the supply current under these
worst-case conditions, estimate the thermal resistance
from Table 2, then apply the equation for TJ. For example,
using the circuit in Figure 3 with a DC differential input
voltage of 250mV, a differential output voltage of 1V, no
load resistance and an ambient temperature of 85°C, the
supply current (current into Pin 3) measures 50mA. As-
suming a PC board layout with a 35mm2 copper trace, the
θJA is 100°C/W. The resulting junction temperature is:
TJ = TA + (PD • θJA) = 85 + (5 • 0.05 • 100) = 110°C
When using higher supply voltages or when driving small
impedances, more copper may be necessary to keep TJ
below 150°C.
PACKAGE DESCRIPTION
.016 – .050
(0.406 – 1.270)
.010 – .020
(0.254 – 0.508)
× 45°
0°– 8° TYP
.008 – .010
(0.203 – 0.254)
SO8 0303
.053 – .069
(1.346 – 1.752)
.014 – .019
(0.355 – 0.483)
TYP
.004 – .010
(0.101 – 0.254)
.050
(1.270)
BSC
1
2
3
4
.150 – .157
(3.810 – 3.988)
NOTE 3
8
7
6
5
.189 – .197
(4.801 – 5.004)
NOTE 3
.228 – .244
(5.791 – 6.197)
.245
MIN
.160 ±.005
RECOMMENDED SOLDER PAD LAYOUT
.045 ±.005
.050 BSC
.030 ±.005
TYP
INCHES
(MILLIMETERS)
NOTE:
1. DIMENSIONS IN
2. DRAWING NOT TO SCALE
3. THESE DIMENSIONS DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS.
MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED .006" (0.15mm)


Similar Part No. - LT6600CS8-15-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6600CS8-10 LINER-LT6600CS8-10 Datasheet
221Kb / 12P
   Very Low Noise, Differential Amplifier and 10MHz Lowpass Filter
More results

Similar Description - LT6600CS8-15-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6604-15 LINER-LT6604-15 Datasheet
202Kb / 16P
   Dual Very Low Noise, Differential Amplifi er and 15MHz Lowpass Filter
LT6600-10 LINER-LT6600-10_15 Datasheet
204Kb / 16P
   Very Low Noise, Differential Amplifi er and 10MHz Lowpass Filter
LT6600-5 LINER-LT6600-5_15 Datasheet
160Kb / 12P
   Very Low Noise, Differential Amplifi er and 5MHz Lowpass Filter
LT6600-2.5 LINER-LT6600-2.5_09 Datasheet
193Kb / 16P
   Very Low Noise, Differential Amplifi er and 2.5MHz Lowpass Filter
LT6600-2.5 LINER-LT6600-2.5_15 Datasheet
233Kb / 16P
   Very Low Noise, Differential Amplifi er and 2.5MHz Lowpass Filter
LT6600-20 LINER-LT6600-20_15 Datasheet
180Kb / 12P
   Very Low Noise, Differential Amplifi er and 20MHz Lowpass Filter
LT6600-5 LINER-LT6600-5 Datasheet
153Kb / 12P
   Very Low Noise, Differential Amplifi er and 5MHz Lowpass Filter
LT6604-2.5 LINER-LT6604-2.5 Datasheet
200Kb / 16P
   Dual Very Low Noise, Differential Amplifi er and 2.5MHz Lowpass Filter
LT6604-5 LINER-LT6604-5 Datasheet
182Kb / 16P
   Dual Very Low Noise, Differential Amplifi er and 5MHz Lowpass Filter
LT6604-10 LINER-LT6604-10 Datasheet
204Kb / 16P
   Dual Very Low Noise, Differential Amplifi er and 10MHz Lowpass Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com