Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT6559CUD Datasheet(PDF) 1 Page - Linear Technology

Part # LT6559CUD
Description  Low Cost 5V/짹5V 300MHz Triple Video Amplifi er in 3mm3mm QFN
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6559CUD Datasheet(HTML) 1 Page - Linear Technology

  LT6559CUD Datasheet HTML 1Page - Linear Technology LT6559CUD Datasheet HTML 2Page - Linear Technology LT6559CUD Datasheet HTML 3Page - Linear Technology LT6559CUD Datasheet HTML 4Page - Linear Technology LT6559CUD Datasheet HTML 5Page - Linear Technology LT6559CUD Datasheet HTML 6Page - Linear Technology LT6559CUD Datasheet HTML 7Page - Linear Technology LT6559CUD Datasheet HTML 8Page - Linear Technology LT6559CUD Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LT6559
1
6559f
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
Low Cost 5V/±5V 300MHz
Triple Video Amplifier
in 3mm × 3mm QFN
The LT®6559 is a low cost, high speed, triple amplifier that
has been optimized for excellent video performance on a
single 5V supply, yet fits in the small footprint of a 3mm ×
3mm QFN package. With a –3dB bandwidth of 300MHz, a
0.1dB bandwidth of 150MHz, and a slew rate of 800V/µs,
the LT6559’s dynamic performance is an excellent match
for high speed RGB or YPBPR video applications.
For multiplexing applications such as KVM switches or
selectable video inputs, each channel has an independent
high speed enable/disable pin. Each amplifier will turn on
in 30ns and off in 40ns. When enabled, each amplifier
draws 3.9mA from a 5V supply. The LT6559 operates on
a single supply voltage ranging from 4V to 12V, and on
split supplies ranging from ±2V to ±6V.
The LT6559 comes in a compact 16-lead 3mm × 3mm QFN
package, and operates over a –40°C to 85°C temperature
range. The LT6559 is manufactured on Linear Technology’s
proprietary complementary bipolar process.
3-Input Video MUX Cable Driver
300MHz Bandwidth on Single 5V and ±5V
(AV = 1, 2 and –1)
0.1dB Gain Flatness: 150MHz (AV = 1, 2 and –1)
High Slew Rate: 800V/µs
Wide Supply Range:
±2V to ±6V (Dual Supply)
4V to 12V (Single Supply)
80mA Output Current
Low Supply Current: 3.9mA/Amplifier
Shutdown Mode
Fast Turn-On Time: 30ns
Fast Turn-Off Time: 40ns
Small 0.75mm Tall 16-Lead 3mm × 3mm QFN Package
RGB/YPBPR Cable Drivers
LCD Projectors
KVM Switches
A/V Receivers
MUX Amplifiers
Composite Video Cable Drivers
ADC Drivers
TIME (10ns/DIV)
OUTPUT
200mV/DIV
6559 TA02
RL = 100Ω
RF = RG = 301Ω
f = 10MHz
Square Wave Response
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
5V
–5V
5V
–5V
+
1/3 LT6559
RG
182
RF
301
A
EN A
VIN A
+
1/3 LT6559
RG
182
RF
301
EN B
VIN B
B
C
CHANNEL SELECT
100
100
5V
–5V
+
1/3 LT6559
RG
182
EN C
VIN C
100
75
VOUT
75
CABLE
RF
301


Similar Part No. - LT6559CUD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6559 LINER-LT6559 Datasheet
445Kb / 16P
   Triple Video Amplifier in 3mm 3mm QFN
LT6559 LINER-LT6559_15 Datasheet
445Kb / 16P
   Triple Video Amplifier in 3mm 3mm QFN
More results

Similar Description - LT6559CUD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6559 LINER-LT6559_15 Datasheet
445Kb / 16P
   Triple Video Amplifier in 3mm 3mm QFN
LTC3210 LINER-LTC3210 Datasheet
242Kb / 16P
   MAIN/CAM LED Controller in 3mm 횞 3mm QFN
logo
Linear Integrated Syste...
LTC3210EUD-1 LINEAR-LTC3210EUD-1 Datasheet
225Kb / 16P
   MAIN/CAM LED Controller in 3mm 3mm QFN
logo
Linear Technology
LTC3210 LINER-LTC3210_15 Datasheet
264Kb / 16P
   MAIN/CAM LED Controller in 3mm 3mm QFN
LTC3210-1 LINER-LTC3210-1 Datasheet
198Kb / 16P
   MAIN/CAM LED Controller with 64-Step Brightness Control in 3mm 횞 3mm QFN
LTC3210-2 LINER-LTC3210-2 Datasheet
214Kb / 16P
   MAIN/CAM LED Controllers with 32-Step Brightness Control in 3mm 횞 3mm QFN
LTC3409A LINER-LTC3409A Datasheet
314Kb / 16P
   600mA Low VIN Buck Regulator in 3mm 횞 3mm DFN
logo
Linear Integrated Syste...
LTC3210EUD-3 LINEAR-LTC3210EUD-3 Datasheet
225Kb / 16P
   MAIN/CAM LED Controller in 3mm x 3mm QFN
logo
Exar Corporation
SP7682 EXAR-SP7682 Datasheet
512Kb / 19P
   Backlight and Flash Driver in QFN 3mm x 3mm
logo
Micrel Semiconductor
MIC2211 MICREL-MIC2211 Datasheet
197Kb / 9P
   Dual UCap LDO in 3mm 횞 3mm MLF?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com