Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A10V20B-1CQ84I Datasheet(PDF) 1 Page - Actel Corporation

Part # A10V20B-1CQ84I
Description  ACT 1 Series FPGAs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A10V20B-1CQ84I Datasheet(HTML) 1 Page - Actel Corporation

  A10V20B-1CQ84I Datasheet HTML 1Page - Actel Corporation A10V20B-1CQ84I Datasheet HTML 2Page - Actel Corporation A10V20B-1CQ84I Datasheet HTML 3Page - Actel Corporation A10V20B-1CQ84I Datasheet HTML 4Page - Actel Corporation A10V20B-1CQ84I Datasheet HTML 5Page - Actel Corporation A10V20B-1CQ84I Datasheet HTML 6Page - Actel Corporation A10V20B-1CQ84I Datasheet HTML 7Page - Actel Corporation A10V20B-1CQ84I Datasheet HTML 8Page - Actel Corporation A10V20B-1CQ84I Datasheet HTML 9Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
April 1996
1-283
© 1996 Actel Corporation
ACT1 Series FPGAs
Features
• 5V and 3.3V Families fully compatible with JEDEC
specifications
• Up to 2000 Gate Array Gates (6000 PLD equivalent gates)
• Replaces up to 50 TTL Packages
• Replaces up to twenty 20-Pin PAL® Packages
• Design Library with over 250 Macro Functions
• Gate Array Architecture Allows Completely Automatic
Place and Route
• Up to 547 Programmable Logic Modules
• Up to 273 Flip-Flops
• Data Rates to 75 MHz
• Two In-Circuit Diagnostic Probe Pins Support Speed
Analysis to 25 MHz
• Built-In High Speed Clock Distribution Network
• I/O Drive to 10 mA (5 V), 6 mA (3.3 V)
• Nonvolatile, User Programmable
• Fabricated in 1.0 micron CMOS technology
Description
The ACT™ 1 Series of field programmable gate arrays
(FPGAs) offers a variety of package, speed, and application
combinations. Devices are implemented in silicon gate,
1-micron two-level metal CMOS, and they employ Actel’s
PLICE® antifuse technology. The unique architecture offers
gate array flexibility, high performance, and instant
turnaround through user programming. Device utilization is
typically 95 to 100 percent of available logic modules.
ACT 1 devices also provide system designers with unique
on-chip diagnostic probe capabilities, allowing convenient
testing and debugging. Additional features include an on-chip
clock driver with a hardwired distribution network. The
network provides efficient clock distribution with minimum
skew.
The user-definable I/Os are capable of driving at both TTL
and CMOS drive levels. Available packages include plastic
and ceramic J-leaded chip carriers, ceramic and plastic quad
flatpacks, and ceramic pin grid array.
A security fuse may be programmed to disable all further
programming and to protect the design from being copied or
reverse engineered.
Product Family Profile
The Designer and Designer
Advantage™ Systems
The ACT 1 device family is supported by Actel’s Designer and
Designer
Advantage
Systems,
allowing
logic
design
implementation with minimum effort. The systems offer
Microsoft® Windowsand X Windowsgraphical user
interfaces and integrate with the resident CAE system to
provide a complete gate array design environment: schematic
capture, simulation, fully automatic place and route, timing
verification, and device programming. The systems also
include the ACTmapVHDL optimization and synthesis tool
and the ACTgenMacro Builder, a powerful macro function
generator for counters, adders, and other structural blocks.
Device
A1010B
A10V10B
A1020B
A10V20B
Capacity
Gate Array Equivalent Gates
PLD Equivalent Gates
TTL Equivalent Packages
20-Pin PAL Equivalent Packages
1,200
3,000
30
12
2,000
6,000
50
20
Logic Modules
295
547
Flip-Flops (maximum)
147
273
Routing Resources
Horizontal Tracks/Channel
Vertical Tracks/Column
PLICE Antifuse Elements
22
13
112,000
22
13
186,000
User I/Os (maximum)
57
69
Packages:
44 PLCC
68 PLCC
100 PQFP
80 VQFP
84 CPGA
44 PLCC
68 PLCC
84 PLCC
100 PQFP
80 VQFP
84 CPGA
84 CQFP
Performance
5 V Data Rate (maximum)
3.3 V Data Rate (maximum)
75 MHz
55 MHz
75 MHz
55 MHz
Note:
See Product Plan on page 1-286 for package availability.


Similar Part No. - A10V20B-1CQ84I

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
A10V20B-PL84C ACTEL-A10V20B-PL84C Datasheet
1Mb / 98P
   Highly Predictable Performance with 100 Automatic Placement and Routing
More results

Similar Description - A10V20B-1CQ84I

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
A1020B-PL84C ACTEL-A1020B-PL84C Datasheet
172Kb / 24P
   ACT??1 Series FPGAs
logo
Microsemi Corporation
A1020B-PL68I MICROSEMI-A1020B-PL68I Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
logo
Actel Corporation
A1010B-2PL44I ACTEL-A1010B-2PL44I Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
A1020B-CQ84M ACTEL-A1020B-CQ84M Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
A1010B-2PLG6 ACTEL-A1010B-2PLG6 Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
A1010B-PL68C ACTEL-A1010B-PL68C Datasheet
172Kb / 24P
   ACT??1 Series FPGAs
A14100A-RQ208C ACTEL-A14100A-RQ208C Datasheet
479Kb / 68P
   Accelerator Series FPGAs - ACT 3Family
logo
Microsemi Corporation
A1280A-PL84C MICROSEMI-A1280A-PL84C Datasheet
2Mb / 54P
   ACT 2 Family FPGAs
A1240A-1PG132C MICROSEMI-A1240A-1PG132C Datasheet
2Mb / 54P
   ACT 2 Family FPGAs
A1280A-1PQ160I MICROSEMI-A1280A-1PQ160I Datasheet
2Mb / 54P
   ACT 2 Family FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com