Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EX256-FTQG100PP Datasheet(PDF) 7 Page - Actel Corporation

Part # EX256-FTQG100PP
Description  eX Family FPGAs
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

EX256-FTQG100PP Datasheet(HTML) 7 Page - Actel Corporation

Back Button EX256-FTQG100PP Datasheet HTML 3Page - Actel Corporation EX256-FTQG100PP Datasheet HTML 4Page - Actel Corporation EX256-FTQG100PP Datasheet HTML 5Page - Actel Corporation EX256-FTQG100PP Datasheet HTML 6Page - Actel Corporation EX256-FTQG100PP Datasheet HTML 7Page - Actel Corporation EX256-FTQG100PP Datasheet HTML 8Page - Actel Corporation EX256-FTQG100PP Datasheet HTML 9Page - Actel Corporation EX256-FTQG100PP Datasheet HTML 10Page - Actel Corporation EX256-FTQG100PP Datasheet HTML 11Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 49 page
background image
eX Family FPGAs
v4.3
1-3
Routing Resources
Clusters and SuperClusters can be connected through the
use of two innovative local routing resources called
FastConnect and DirectConnect, which enable extremely
fast and predictable interconnection of modules within
Clusters and SuperClusters (Figure 1-4). This routing
architecture also dramatically reduces the number of
antifuses required to complete a circuit, ensuring the
highest possible performance.
DirectConnect is a horizontal routing resource that
provides connections from a C-cell to its neighboring R-
cell in a given SuperCluster. DirectConnect uses a hard-
wired
signal
path
requiring
no
programmable
interconnection to achieve its fast signal propagation
time of less than 0.1 ns (–P speed grade).
FastConnect enables horizontal routing between any
two logic modules within a given SuperCluster and
vertical routing with the SuperCluster immediately
below it. Only one programmable connection is used in a
FastConnect
path,
delivering
maximum
pin-to-pin
propagation of 0.3 ns (–P speed grade).
In addition to DirectConnect and FastConnect, the
architecture makes use of two globally oriented routing
resources known as segmented routing and high-drive
routing. Actel’s segmented routing structure provides a
variety of track lengths for extremely fast routing
between SuperClusters. The exact combination of track
lengths and antifuses within each path is chosen by the
fully automatic place-and-route software to minimize
signal propagation delays.
Figure 1-4 • DirectConnect and FastConnect for SuperClusters
SuperClusters
DirectConnect
• No antifuses
• 0.1 ns routing delay
FastConnect
• One antifuse
• 0.5 ns routing delay
Routing Segments
• Typically 2 antifuses
• Max. 5 antifuses


Similar Part No. - EX256-FTQG100PP

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
EX256-FTQG100 ACTEL-EX256-FTQG100 Datasheet
404Kb / 44P
   eX Automotive Family FPGAs
EX256-FTQG100A ACTEL-EX256-FTQG100A Datasheet
404Kb / 44P
   eX Automotive Family FPGAs
EX256-FTQG100I ACTEL-EX256-FTQG100I Datasheet
404Kb / 44P
   eX Automotive Family FPGAs
More results

Similar Description - EX256-FTQG100PP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EX128 ETC1-EX128 Datasheet
307Kb / 36P
   eX Family FPGAs
logo
Actel Corporation
EX128-TQG100A ACTEL-EX128-TQG100A Datasheet
404Kb / 44P
   eX Automotive Family FPGAs
logo
List of Unclassifed Man...
A54SX16 ETC1-A54SX16 Datasheet
415Kb / 57P
   54SX Family FPGAs
logo
Actel Corporation
A54SX08 ACTEL-A54SX08 Datasheet
503Kb / 64P
   SX Family FPGAs
logo
Microsemi Corporation
AX250-PQ208I MICROSEMI-AX250-PQ208I Datasheet
13Mb / 262P
   Axcelerator Family FPGAs
AX500-PQ208I MICROSEMI-AX500-PQ208I Datasheet
13Mb / 262P
   Axcelerator Family FPGAs
logo
Actel Corporation
A1280A-1PG176C ACTEL-A1280A-1PG176C Datasheet
605Kb / 38P
   ACT2 Family FPGAs
A54SX32-TQ144 ACTEL-A54SX32-TQ144 Datasheet
504Kb / 64P
   SX Family FPGAs
A54SX08-TQ176 ACTEL-A54SX08-TQ176 Datasheet
504Kb / 64P
   SX Family FPGAs
AX1000-1FGG896I ACTEL-AX1000-1FGG896I Datasheet
2Mb / 226P
   Axcelerator Family FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com