Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT6411CUD Datasheet(PDF) 8 Page - Linear Technology

Part # LT6411CUD
Description  650MHz Differential ADC Driver/Dual Selectable Gain Amplifi er
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6411CUD Datasheet(HTML) 8 Page - Linear Technology

Back Button LT6411CUD Datasheet HTML 4Page - Linear Technology LT6411CUD Datasheet HTML 5Page - Linear Technology LT6411CUD Datasheet HTML 6Page - Linear Technology LT6411CUD Datasheet HTML 7Page - Linear Technology LT6411CUD Datasheet HTML 8Page - Linear Technology LT6411CUD Datasheet HTML 9Page - Linear Technology LT6411CUD Datasheet HTML 10Page - Linear Technology LT6411CUD Datasheet HTML 11Page - Linear Technology LT6411CUD Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LT6411
8
6411f
PIN FUNCTIONS
VEE (Pins 1, 2): Negative Supply Voltage. VEE pins are not
internally connected to each other and must all be con-
nected externally. Proper supply bypassing is necessary
for best performance. See the Applications Information
section.
VEE (Pins 3, 7): Negative Supply Voltage for Output Stage.
VEE pins are not internally connected to each other and
must all be connected externally. Proper supply bypassing
is necessary for best performance. See the Applications
Information section.
NC (Pin 4): This pin is not internally connected.
OUT2 (Pin 5): Output of Channel 2. The gain between the
input and the output of this channel is set by the connection
of the channel 2 input pins. See Table 1 in Applications
Information for details.
VCC (Pins 6, 9): Positive Supply Voltage for Output Stage.
VCC pins are not internally connected to each other and
must all be connected externally. Proper supply bypassing
is necessary for best performance. See the Applications
Information section.
OUT1 (Pin 8): Output of Channel 1. The gain between the
input and the output of this channel is set by the connection
of the channel 1 input pins. See Table 1 in Applications
Information for details.
VCC (Pin 10): Positive Supply Voltage. VCC pins are not
internally connected to each other and must all be con-
nected externally. Proper supply bypassing is necessary
for best performance. See the Applications Information
section.
EN (Pin 11): Enable Control Pin. An internal pull-up resis-
tor of 46k will turn the part off if the pin is allowed to float
and defines the pin’s impedance. When the pin is pulled
low, the part is enabled.
DGND (Pin 12): Digital Ground Reference for Enable Pin.
This pin is normally connected to ground.
IN1+ (Pin 13): Channel 1 Positive Input. This pin has a
nominal impedance of 400k
Ωanddoesnothaveaninternal
termination resistor.
IN1(Pin 14): This pin connects to the internal resistor
network of the channel 1 amplifier, connecting by a 370
Ω
resistor to the inverting input.
IN2(Pin 15): This pin connects to the internal resistor
network of the channel 2 amplifier, connecting by a 370
Ω
resistor to the inverting input.
IN2+ (Pin 16): Channel 2 Positive Input. This pin has a
nominal impedance of 400k
Ωanddoesnothaveaninternal
termination resistor.
Exposed Pad (Pin 17): The pad is internally connected to
VEE (Pin 1). If split supplies are used, do not tie the pad
to ground.


Similar Part No. - LT6411CUD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LT6411 ETC1-LT6411 Datasheet
61Kb / 1P
   UNDERSTANDING THE SUBJECT IS CUSTOMER SERVICE
logo
Linear Technology
LT6411 LINER-LT6411 Datasheet
223Kb / 16P
   1.3GHz Low Noise, Low Distortion Differential ADC Driver for 140MHz IF
LT6411 LINER-LT6411 Datasheet
635Kb / 16P
   50廓 Gain Block IF Amplifier n 20MHz to 1700MHz Bandwidth
LT6411 LINER-LT6411 Datasheet
213Kb / 16P
   2.4GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
LT6411 LINER-LT6411 Datasheet
367Kb / 16P
   650MHz Differential ADC Driver/Dual Selectable Gain Amplifi er
More results

Similar Description - LT6411CUD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6411 LINER-LT6411_15 Datasheet
367Kb / 16P
   650MHz Differential ADC Driver/Dual Selectable Gain Amplifi er
LT1991 LINER-LT1991 Datasheet
279Kb / 28P
   Precision, 100關A Gain Selectable Amplifi er
LT6402-12 LINER-LT6402-12 Datasheet
230Kb / 16P
   300MHz Low Distortion, Low Noise Differential Amplifi er/ ADC Driver (AV = 12dB)
LT6402-6 LINER-LT6402-6 Datasheet
236Kb / 16P
   300MHz Low Distortion, Low Noise Differential Amplifi er/ ADC Driver (AV = 6dB)
LT1993-10 LINER-LT1993-10 Datasheet
739Kb / 16P
   700MHz Low Distortion, Low Noise Differential Amplifi er/ADC Driver (AV = 10V/V)
logo
API Technologies Corp
BXMF1043 APITECH-BXMF1043 Datasheet
324Kb / 2P
   Automatic Gain Controlled Amplifi er
logo
Linear Technology
LT1993-2 LINER-LT1993-2 Datasheet
671Kb / 20P
   800MHz Low Distortion, Low Noise Differential Amplifi er/ADC Driver (AV = 2V/V)
logo
Analog Devices
ADA4950-1 AD-ADA4950-1 Datasheet
675Kb / 28P
   Low Power, Selectable Gain Differential ADC Driver, G = 1, 2, 3
REV. 0
logo
Linear Technology
LT1993-4 LINER-LT1993-4 Datasheet
720Kb / 16P
   900MHz Low Distortion, Low Noise Differential Amplifi er/ADC Driver (AV = 4V/V)
logo
Analog Devices
ADA4950-1 AD-ADA4950-1_16 Datasheet
600Kb / 26P
   Low Power, Selectable Gain Differential ADC Driver, G = 1, 2, 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com