Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT6402IUD-6-TRPBF Datasheet(PDF) 9 Page - Linear Technology

Part # LT6402IUD-6-TRPBF
Description  300MHz Low Distortion, Low Noise Differential Amplifi er/ ADC Driver (AV = 6dB)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6402IUD-6-TRPBF Datasheet(HTML) 9 Page - Linear Technology

Back Button LT6402IUD-6-TRPBF Datasheet HTML 5Page - Linear Technology LT6402IUD-6-TRPBF Datasheet HTML 6Page - Linear Technology LT6402IUD-6-TRPBF Datasheet HTML 7Page - Linear Technology LT6402IUD-6-TRPBF Datasheet HTML 8Page - Linear Technology LT6402IUD-6-TRPBF Datasheet HTML 9Page - Linear Technology LT6402IUD-6-TRPBF Datasheet HTML 10Page - Linear Technology LT6402IUD-6-TRPBF Datasheet HTML 11Page - Linear Technology LT6402IUD-6-TRPBF Datasheet HTML 12Page - Linear Technology LT6402IUD-6-TRPBF Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
64026fa
LT6402-6
VOCM (Pin 2): This pin sets the output common mode
voltage. Without additional biasing, both inputs bias to
this voltage as well. This input is high impedance.
VCCA, VCCB, VCCC (Pins 3, 10, 1): Positive Power Supply
(Normally Tied to 5V). All three pins must be tied to the
same voltage. Bypass each pin with 1000pF and 0.1μF
capacitors as close to the package as possible. Split
supplies are possible as long as the voltage between VCC
and VEE is 5V.
VEEA, VEEB, VEEC (Pins 4, 9, 12): Negative Power Supply
(Normally Tied to Ground). All three pins must be tied to
the same voltage. Split supplies are possible as long as
the voltage between VCC and VEE is 5V. If these pins are
not tied to ground, bypass each pin with 1000pF and 0.1μF
capacitors as close to the package as possible.
+OUT, –OUT (Pins 5, 8): Outputs (Unfiltered). These pins
are high bandwidth, low-impedance outputs. The DC
output voltage at these pins is set to the voltage applied
at VOCM.
+OUTFILTERED, –OUTFILTERED (Pins 6, 7): Filtered
Outputs. These pins add a series 50Ω resistor from the
unfiltered outputs and three 14pF capacitors. Each output
has 14pF to VEE, plus an additional 14pF between each pin
(See the Block Diagram). This filter has a –3dB bandwidth
of 75MHz.
ENABLE (Pin 11): This pin is a TTL logic input referenced
to the VEEC pin. If low, the LT6402-6 is enabled and draws
typically 30mA of supply current. If high, the LT6402-6 is
disabled and draws typically 250μA.
+INA, +INB (Pins 15, 16): Positive Inputs. These pins are
normally tied together. These inputs may be DC- or AC-
coupled. If the inputs are AC-coupled, they will self-bias
to the voltage applied to the VOCM pin.
–INA, –INB (Pins 14, 13): Negative Inputs. These pins are
normally tied together. These inputs may be DC- or AC-
coupled. If the inputs are AC-coupled, they will self-bias
to the voltage applied to the VOCM pin.
Exposed Pad (Pin 17): Tie the pad to VEEC (Pin 12). If split
supplies are used, DO NOT tie the pad to ground.
PIN FUNCTIONS


Similar Part No. - LT6402IUD-6-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6402IUD-12 LINER-LT6402IUD-12 Datasheet
230Kb / 16P
   300MHz Low Distortion, Low Noise Differential Amplifi er/ ADC Driver (AV = 12dB)
LT6402IUD-12-PBF LINER-LT6402IUD-12-PBF Datasheet
230Kb / 16P
   300MHz Low Distortion, Low Noise Differential Amplifi er/ ADC Driver (AV = 12dB)
LT6402IUD-12-TR LINER-LT6402IUD-12-TR Datasheet
230Kb / 16P
   300MHz Low Distortion, Low Noise Differential Amplifi er/ ADC Driver (AV = 12dB)
LT6402IUD-12-TRPBF LINER-LT6402IUD-12-TRPBF Datasheet
230Kb / 16P
   300MHz Low Distortion, Low Noise Differential Amplifi er/ ADC Driver (AV = 12dB)
LT6402IUD-20 LINER-LT6402IUD-20 Datasheet
326Kb / 16P
   300MHz Low Distortion, Low Noise Differential Amplifier/ ADC Driver (AV = 20dB)
More results

Similar Description - LT6402IUD-6-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6402-12 LINER-LT6402-12 Datasheet
230Kb / 16P
   300MHz Low Distortion, Low Noise Differential Amplifi er/ ADC Driver (AV = 12dB)
LT1993-10 LINER-LT1993-10 Datasheet
739Kb / 16P
   700MHz Low Distortion, Low Noise Differential Amplifi er/ADC Driver (AV = 10V/V)
LT1993-2 LINER-LT1993-2 Datasheet
671Kb / 20P
   800MHz Low Distortion, Low Noise Differential Amplifi er/ADC Driver (AV = 2V/V)
LT1993-4 LINER-LT1993-4 Datasheet
720Kb / 16P
   900MHz Low Distortion, Low Noise Differential Amplifi er/ADC Driver (AV = 4V/V)
LT6402-20 LINER-LT6402-20 Datasheet
326Kb / 16P
   300MHz Low Distortion, Low Noise Differential Amplifier/ ADC Driver (AV = 20dB)
LT1994 LINER-LT1994_15 Datasheet
231Kb / 20P
   Low Noise, Low Distortion Fully Differential Input/ Output Amplifi er/Driver
LT1994 LINER-LT1994 Datasheet
296Kb / 20P
   Low Noise, Low Distortion Fully Differential Input/Output Amplifi er/Driver
LTC6400-26 LINER-LTC6400-26 Datasheet
219Kb / 16P
   1.9GHz Low Noise, Low Distortion Differential ADC Driver for DC-300MHz
LTC6400-14 LINER-LTC6400-14_15 Datasheet
236Kb / 16P
   2.4GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
LTC6400-8 LINER-LTC6400-8_15 Datasheet
224Kb / 16P
   2.2GHz Low Noise, Low Distortion Differential ADC Driver for DC-300MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com