Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT6411 Datasheet(PDF) 1 Page - Linear Technology

Part # LT6411
Description  650MHz Differential ADC Driver/Dual Selectable Gain Amplifi er
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6411 Datasheet(HTML) 1 Page - Linear Technology

  LT6411 Datasheet HTML 1Page - Linear Technology LT6411 Datasheet HTML 2Page - Linear Technology LT6411 Datasheet HTML 3Page - Linear Technology LT6411 Datasheet HTML 4Page - Linear Technology LT6411 Datasheet HTML 5Page - Linear Technology LT6411 Datasheet HTML 6Page - Linear Technology LT6411 Datasheet HTML 7Page - Linear Technology LT6411 Datasheet HTML 8Page - Linear Technology LT6411 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LT6411
1
6411f
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
650MHz Differential ADC
Driver/Dual Selectable
Gain Amplifier
The LT
®6411 is a dual amplifier with individually selectable
gains of +1, +2 and –1. The amplifiers have excellent dis-
tortion performance for driving ADCs as well as excellent
bandwidth and slew rate for video, data transmission and
other high speed applications. Single-ended to differential
conversion with a system gain of 2 is particularly straight-
forward by configuring one amplifier with a gain of +1
and the other amplifier with a gain of –1. The LT6411 can
be used on split supplies as large as ±6V and on a single
supply as low as 4.5V.
Each amplifier draws only 8mA of quiescent current when
enabled. When disabled, the output pins become high
impedance and each amplifier draws less than 350µA.
The LT6411 is manufactured on Linear Technology’s
proprietary, low voltage, complimentary, bipolar process
and is available in the ultra-compact, 3mm
× 3mm, 16pin
QFN package.
650MHz –3dB Small-Signal Bandwidth
600MHz –3dB Large-Signal Bandwidth
High Slew Rate: 3300V/µs
Easily Configured for Single-Ended to Differential
Conversion
200MHz ±0.1dB Bandwidth
User Selectable Gain of +1, +2 and –1
No External Resistors Required
46.5dBm Equivalent OIP3 at 30MHz When Driving an
ADC
IM3 with 2VP-P Composite, Differential Output:
–87dBc at 30MHz, –83dBc at 70MHz
–77dB SFDR at 30MHz, 2VP-P Differential Output
6ns 0.1% Settling Time for 2V Step
Low Supply Current: 8mA per Ampifier
Differential Gain of 0.02%, Differential Phase of 0.01°
50dB Channel Separation at 100MHz
Wide Supply Range: ±2.25V (4.5V) to ±6.3V (12.6V)
3mm
× 3mm 16-Pin QFN Package
Differential ADC Driver
Single-Ended to Differential Conversion
Differential Video Line Driver
Differential ADC Driver
30MHz 2-Tone 32768 Point FFT, LT6411
Driving an LTC
®2249 14-Bit ADC
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
5V
AIN
6411 TA01a
LTC2249
14-BIT ADC
80Msps
AIN
+
+
+
VCC
VEE
DGND
EN
LT6411
30MHz
1.9VDC
1.9VDC
INPUT
370
370
24
24
370
370
FREQUENCY (MHz)
0
–140
–120
–100
–80
0
–40
5
15
20
40
6411 TA01b
–20
–60
–130
–110
–90
–10
–50
–30
–70
10
25
30
35
32768 POINT FFT
TONE 1 AT 29.5MHz, –7dBFS
TONE 2 AT 30.5MHz, –7dBFS
IM3 = –87dBc


Similar Part No. - LT6411

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LT6411 ETC1-LT6411 Datasheet
61Kb / 1P
   UNDERSTANDING THE SUBJECT IS CUSTOMER SERVICE
logo
Linear Technology
LT6411 LINER-LT6411 Datasheet
223Kb / 16P
   1.3GHz Low Noise, Low Distortion Differential ADC Driver for 140MHz IF
LT6411 LINER-LT6411 Datasheet
635Kb / 16P
   50廓 Gain Block IF Amplifier n 20MHz to 1700MHz Bandwidth
LT6411 LINER-LT6411 Datasheet
213Kb / 16P
   2.4GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
LT6411 LINER-LT6411 Datasheet
367Kb / 16P
   650MHz Differential ADC Driver/Dual Selectable Gain Amplifi er
More results

Similar Description - LT6411

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6411 LINER-LT6411_15 Datasheet
367Kb / 16P
   650MHz Differential ADC Driver/Dual Selectable Gain Amplifi er
LT1991 LINER-LT1991 Datasheet
279Kb / 28P
   Precision, 100關A Gain Selectable Amplifi er
LT6402-12 LINER-LT6402-12 Datasheet
230Kb / 16P
   300MHz Low Distortion, Low Noise Differential Amplifi er/ ADC Driver (AV = 12dB)
LT6402-6 LINER-LT6402-6 Datasheet
236Kb / 16P
   300MHz Low Distortion, Low Noise Differential Amplifi er/ ADC Driver (AV = 6dB)
LT1993-10 LINER-LT1993-10 Datasheet
739Kb / 16P
   700MHz Low Distortion, Low Noise Differential Amplifi er/ADC Driver (AV = 10V/V)
logo
API Technologies Corp
BXMF1043 APITECH-BXMF1043 Datasheet
324Kb / 2P
   Automatic Gain Controlled Amplifi er
logo
Linear Technology
LT1993-2 LINER-LT1993-2 Datasheet
671Kb / 20P
   800MHz Low Distortion, Low Noise Differential Amplifi er/ADC Driver (AV = 2V/V)
logo
Analog Devices
ADA4950-1 AD-ADA4950-1 Datasheet
675Kb / 28P
   Low Power, Selectable Gain Differential ADC Driver, G = 1, 2, 3
REV. 0
logo
Linear Technology
LT1993-4 LINER-LT1993-4 Datasheet
720Kb / 16P
   900MHz Low Distortion, Low Noise Differential Amplifi er/ADC Driver (AV = 4V/V)
logo
Analog Devices
ADA4950-1 AD-ADA4950-1_16 Datasheet
600Kb / 26P
   Low Power, Selectable Gain Differential ADC Driver, G = 1, 2, 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com