Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A10V10B-3VQ84B Datasheet(PDF) 10 Page - Actel Corporation

Part # A10V10B-3VQ84B
Description  ACT 1 Series FPGAs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A10V10B-3VQ84B Datasheet(HTML) 10 Page - Actel Corporation

Back Button A10V10B-3VQ84B Datasheet HTML 6Page - Actel Corporation A10V10B-3VQ84B Datasheet HTML 7Page - Actel Corporation A10V10B-3VQ84B Datasheet HTML 8Page - Actel Corporation A10V10B-3VQ84B Datasheet HTML 9Page - Actel Corporation A10V10B-3VQ84B Datasheet HTML 10Page - Actel Corporation A10V10B-3VQ84B Datasheet HTML 11Page - Actel Corporation A10V10B-3VQ84B Datasheet HTML 12Page - Actel Corporation A10V10B-3VQ84B Datasheet HTML 13Page - Actel Corporation A10V10B-3VQ84B Datasheet HTML 14Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
1-292
ACT 1 Timing Module*
Predictable Performance: Tight Delay
Distributions
Propagation delay between logic modules depends on the
resistive and capacitive loading of the routing tracks, the
interconnect elements, and the module inputs being driven.
Propagation delay increases as the length of routing tracks,
the number of interconnect elements, or the number of
inputs increases.
From a design perspective, the propagation delay can be
statistically correlated or modeled by the fanout (number of
loads) driven by a module. Higher fanout usually requires
some paths to have longer routing tracks.
The ACT 1 family delivers a very tight fanout delay
distribution. This tight distribution is achieved in two ways: by
decreasing the delay of the interconnect elements and by
decreasing the number of interconnect elements per path.
Actel’s
patented
PLICE
antifuse
offers
a
very
low
resistive/capacitive
interconnect.
The
ACT
1
family’s
antifuses, fabricated in 1.0 micron lithography, offer nominal
levels of 200 ohms resistance and 7.5 femtofarad (fF)
capacitance per antifuse.
The ACT 1 fanout distribution is also tight due to the low
number of antifuses required for each interconnect path. The
ACT 1 family’s proprietary architecture limits the number of
antifuses per path to a maximum of four, with 90% of
interconnects using two antifuses.
Timing Characteristics
Timing characteristics for ACT 1 devices fall into three
categories: family dependent, device dependent, and design
dependent. The input and output buffer characteristics are
common to all ACT 1 family members. Internal routing delays
are device dependent. Design dependency means actual delays
are not determined until after placement and routing of the
user design is complete. Delay values may then be determined
by using the DirectTime Analyzer utility or performing
simulation with post-layout delays.
Critical Nets and Typical Nets
Propagation delays are expressed only for typical nets, which
are used for initial design performance evaluation. Critical
net delays can then be applied to the most time-critical paths.
Critical nets are determined by net property assignment prior
to placement and routing. Up to 6% of the nets in a design may
be designated as critical, while 90% of the nets in a design are
typical.
Long Tracks
Some nets in the design use long tracks. Long tracks are
special routing resources that span multiple rows, columns, or
modules.
Long tracks employ three and sometimes four
antifuse connections. This increases capacitance and
resistance, resulting in longer net delays for macros
connected to long tracks. Typically, up to 6% of nets in a fully
utilized device require long tracks. Long tracks contribute
approximately 5 ns to 10 ns delay. This additional delay is
represented statistically in higher fanout (FO=8) routing
delays in the data sheet specifications section.
* Values shown for ACT 1 ‘–3 speed’ devices at worst-case commercial conditions.
Output Delay
Input Delay
I/O Module
tINYL = 3.1 ns
tIRD2 = 1.4 ns
Logic Module
tPD = 2.9 ns
I/O Module
tRD1 = 0.9 ns
tDLH = 6.7 ns
ARRAY
CLOCK
FMAX = 70 MHz
tRD4 = 3.1 ns
tRD8 = 6.6 ns
Predicted
Routing
Delays
tCKH = 5.6 ns
FO = 128
tIRD1 = 0.9 ns
tIRD4 = 3.1 ns
tIRD8 = 6.6 ns
tCO = 2.9 ns
tENHZ = 11.6 ns
tRD2 = 1.4 ns
Internal Delays


Similar Part No. - A10V10B-3VQ84B

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
A10V10B ACTEL-A10V10B Datasheet
172Kb / 24P
   5V and 3.3V Families fully compatible with JEDEC specifications
logo
Microsemi Corporation
A10V10B MICROSEMI-A10V10B Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
More results

Similar Description - A10V10B-3VQ84B

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
A1020B-PL84C ACTEL-A1020B-PL84C Datasheet
172Kb / 24P
   ACT??1 Series FPGAs
logo
Microsemi Corporation
A1020B-PL68I MICROSEMI-A1020B-PL68I Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
logo
Actel Corporation
A1010B-2PL44I ACTEL-A1010B-2PL44I Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
A1020B-CQ84M ACTEL-A1020B-CQ84M Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
A1010B-2PLG6 ACTEL-A1010B-2PLG6 Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
A1010B-PL68C ACTEL-A1010B-PL68C Datasheet
172Kb / 24P
   ACT??1 Series FPGAs
A14100A-RQ208C ACTEL-A14100A-RQ208C Datasheet
479Kb / 68P
   Accelerator Series FPGAs - ACT 3Family
logo
Microsemi Corporation
A1280A-PL84C MICROSEMI-A1280A-PL84C Datasheet
2Mb / 54P
   ACT 2 Family FPGAs
A1240A-1PG132C MICROSEMI-A1240A-1PG132C Datasheet
2Mb / 54P
   ACT 2 Family FPGAs
A1280A-1PQ160I MICROSEMI-A1280A-1PQ160I Datasheet
2Mb / 54P
   ACT 2 Family FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com