Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT5581 Datasheet(PDF) 9 Page - Linear Technology

Part # LT5581
Description  6GHz RMS Power Detector with 40dB Dynamic Range
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5581 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT5581 Datasheet HTML 5Page - Linear Technology LT5581 Datasheet HTML 6Page - Linear Technology LT5581 Datasheet HTML 7Page - Linear Technology LT5581 Datasheet HTML 8Page - Linear Technology LT5581 Datasheet HTML 9Page - Linear Technology LT5581 Datasheet HTML 10Page - Linear Technology LT5581 Datasheet HTML 11Page - Linear Technology LT5581 Datasheet HTML 12Page - Linear Technology LT5581 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LT5581
9
5581f
PIN FUNCTIONS
VCC (Pin 1): Power Supply, 2.7V to 5.25V. VCC
should be bypassed with a 0.1μF ceramic capacitor.
EN (Pin 2): Chip Enable. A logic low or no-connect on the
enable pin shuts down the part. A logic high enables the
part. An internal 500k pull-down resistor ensures the part is
off when the enable driver is in a three-state condition.
VOUT (Pin 3): Detector Output.
GND (Pins 4, 5, 6): Ground.
RFIN(Pin7):RFInput.ShouldbeDC-blockedwithcoupling
capacitor; 1000pF recommended. This pin has an internal
200Ω termination.
CSQ (Pin 8): Optional Low Frequency Range Extension
Capacitor. This pin is for frequencies below 250MHz. Use
0.01μF from pin to ground for 10MHz operation.
Exposed Pad (Pin 9): Ground. The Exposed Pad must
be soldered to the PCB. For high frequency oper-
ation, the backside ground connection should have a low
inductance connection to the PCB ground, using many
through-hole vias. See the layout information in the Ap-
plications Information section.
BLOCK DIAGRAM
LT5581
7
EXPOSED
PAD
OUTPUT
BUFFER
9
VOUT
RFIN
5581 BD
EN
VCC
3
2
CSQ
8
1
4
5
6
150kHz LPF
300Ω
GND
RMS
DETECTOR
BIAS


Similar Part No. - LT5581

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5581 LINER-LT5581_15 Datasheet
513Kb / 18P
   6GHz RMS Power Detector with 40dB Dynamic Range
More results

Similar Description - LT5581

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5581 LINER-LT5581_15 Datasheet
513Kb / 18P
   6GHz RMS Power Detector with 40dB Dynamic Range
LTC5505-1 LINER-LTC5505-1_15 Datasheet
152Kb / 8P
   RF Power Detector with Buffered Output and 40dB Dynamic Range
LTC5505-2 LINER-LTC5505-2_15 Datasheet
152Kb / 8P
   RF Power Detector with Buffered Output and 40dB Dynamic Range
LTC5505-1 LINER-LTC5505-1 Datasheet
147Kb / 8P
   RF Power Detector with Buffered Output and >40dB Dynamic Range
LTC5582 LINER-LTC5582_15 Datasheet
399Kb / 16P
   40MHz to 10GHz RMS Power Detector with 57dB Dynamic Range
LTC5582 LINER-LTC5582 Datasheet
395Kb / 16P
   40MHz to 10GHz RMS Power Detector with 57dB Dynamic Range
logo
Texas Instruments
LMH2120 TI1-LMH2120 Datasheet
1Mb / 34P
[Old version datasheet]   6 GHz Linear RMS Power Detector with 40 dB Dynamic Range
logo
National Semiconductor ...
LMH2110 NSC-LMH2110 Datasheet
161Kb / 4P
   8 GHz Logarithmic RMS Power Detector with 45 dB Dynamic Range
logo
Texas Instruments
LMH2110 TI1-LMH2110_16 Datasheet
1Mb / 36P
[Old version datasheet]   8-GHz Logarithmic RMS Power Detector with 45-dB Dynamic Range
logo
Linear Technology
LTC5583 LINER-LTC5583_15 Datasheet
1Mb / 28P
   Matched Dual-Channel 6GHz RMS Power Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com