Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT5558 Datasheet(PDF) 9 Page - Linear Technology

Part # LT5558
Description  600MHz to 1100MHz High Linearity Direct Quadrature Modulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5558 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT5558 Datasheet HTML 5Page - Linear Technology LT5558 Datasheet HTML 6Page - Linear Technology LT5558 Datasheet HTML 7Page - Linear Technology LT5558 Datasheet HTML 8Page - Linear Technology LT5558 Datasheet HTML 9Page - Linear Technology LT5558 Datasheet HTML 10Page - Linear Technology LT5558 Datasheet HTML 11Page - Linear Technology LT5558 Datasheet HTML 12Page - Linear Technology LT5558 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LT5558
9
5558fa
APPLICATIONS INFORMATION
BALUN
GND
1.3k
1.8P
1.8P
1.3k
RF
VCC = 5V
BBPI
BBMI
LOMI
VREF = 0.5V
LOPI
C
CM
200
200
FROM Q
LT5558
5558 F01
5558 F02
2.1VDC
1.05VCC
GENERATOR
50
50
+
2.1VDC
2.1VDC
GENERATOR
50
+
2.1VDC
LT5558
1.5k
+
5558 F03
2.1VDC
2.1VDC
2.1VDC
2.1VDC
VCC RF
LT5558
EN
BBPI
BBPQ
BBMI
BBMQ
GND
LO
BB
SOURCE
BB
SOURCE
2, 4, 6, 9, 10,
12, 15, 17
14
8, 13 11
1
16
7
5
C1
C2
RF OUT
4.5V TO 5.25V
3
C5
C3
C4
VCC
If the I/Q signals are DC-coupled to the LT5558, it is
important that the applied common-mode voltage level
of the I and Q inputs is about 2.1V in order to properly
bias the LT5558. Some I/Q generators allow setting the
common-mode voltage independently. In this case, the
common-mode voltage of those generators must be set to
1.05V to match the LT5558 internal bias where the internal
DC voltage of the signal generators is set to 2.1V due to
the source-load voltage division (See Figure 2).
The LT5558 baseband inputs should be driven differen-
tially, otherwise, the even-order distortion products will
degrade the overall linearity severely. Typically, a DAC
will be the signal source for the LT5558. A pulse-shaping
filter should be placed between the DAC outputs and the
LT5558’s baseband inputs.
An AC-coupled baseband interface with the LT5558 is
drawn in Figure 3. Capacitors C1 to C4 will introduce a
low-frequency high-pass corner together with the LT5558’s
differential input impedance of 3k
Ω. Usually, capacitors
C1 to C4 will be chosen equal and in such a way that the
–3dB corner frequency f–3dB = 1/(π • RIN,DIFF • C1) is much
lower than the lowest baseband frequency.
DC coupling between the DAC outputs and the LT5558
baseband inputs is recommended, because AC coupling
will introduce a low-frequency time constant that may affect
the signal integrity. Active level shifters may be required to
adapt the common mode level of the DAC outputs to the
common mode input voltage of the LT5558. Such circuits
may, however, suffer degraded LO leakage performance
as small DC offsets and variations over temperature
accumulate. A better scheme is shown in Figure 16, where
feedback is used to track out these variations.
LO Section
The internal LO input amplifier performs single-ended to
differential conversion of the LO input signal. Figure 4
shows the equivalent circuit schematic of the LO input.
The internal, differential LO signal is split into in-phase
and quadrature (90° phase shifted) signals that drive
LO buffer sections. These buffers drive the double bal-
anced I and Q mixers. The phase relationship between
Figure 1. Simplifed Circuit Schematic of the LT5558
(Only I-Half is Drawn)
Figure 2. DC Voltage Levels for a Generator Programmed at
1.05VDC for a 50
Ω Load and the LT5558 as a Load
Figure 3. AC-Coupled Baseband Interface
LO
INPUT
20pF
≈ 50Ω
5558 F04
VCC
Figure 4. Equivalent Circuit Schematic of the LO Input


Similar Part No. - LT5558

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5558 LINER-LT5558 Datasheet
307Kb / 16P
   800MHz to 2.7GHz High Linearity Direct Conversion Quadrature Demodulator
LT5558 LINER-LT5558 Datasheet
685Kb / 30P
   200MHz to 6000MHz Quadrature Modulator with Ultrahigh OIP3
LT5558 LINER-LT5558_15 Datasheet
325Kb / 16P
   600MHz to 1100MHz High Linearity Direct Quadrature Modulator
More results

Similar Description - LT5558

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5558 LINER-LT5558_15 Datasheet
325Kb / 16P
   600MHz to 1100MHz High Linearity Direct Quadrature Modulator
LT5571 LINER-LT5571_15 Datasheet
325Kb / 16P
   620MHz ??1100MHz High Linearity Direct Quadrature Modulator
LT5571 LINER-LT5571 Datasheet
319Kb / 16P
   620MHz - 1100MHz High Linearity Direct Quadrature Modulator
LT5572 LINER-LT5572 Datasheet
326Kb / 16P
   1.5GHz to 2.5GHz High Linearity Direct Quadrature Modulator
LTC5598 LINER-LTC5598 Datasheet
289Kb / 16P
   5MHz to 1600MHz High Linearity Direct Quadrature Modulator
LT5528 LINER-LT5528_15 Datasheet
319Kb / 16P
   1.5GHz to 2.4GHz High Linearity Direct Quadrature Modulator
LT5572 LINER-LT5572_15 Datasheet
332Kb / 16P
   1.5GHz to 2.5GHz High Linearity Direct Quadrature Modulator
LT5528 LINER-LT5528 Datasheet
313Kb / 16P
   1.5GHz to 2.4GHz High Linearity Direct Quadrature Modulator
LTC5598 LINER-LTC5598_15 Datasheet
293Kb / 16P
   5MHz to 1600MHz High Linearity Direct Quadrature Modulator
LT5518 LINER-LT5518_15 Datasheet
383Kb / 16P
   1.5GHz??.4GHz High Linearity Direct Quadrature Modulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com