Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT5554IUH-TRPBF Datasheet(PDF) 5 Page - Linear Technology

Part # LT5554IUH-TRPBF
Description  Broadband Ultra Low Distortion 7-Bit Digitally Controlled VGA
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5554IUH-TRPBF Datasheet(HTML) 5 Page - Linear Technology

  LT5554IUH-TRPBF Datasheet HTML 1Page - Linear Technology LT5554IUH-TRPBF Datasheet HTML 2Page - Linear Technology LT5554IUH-TRPBF Datasheet HTML 3Page - Linear Technology LT5554IUH-TRPBF Datasheet HTML 4Page - Linear Technology LT5554IUH-TRPBF Datasheet HTML 5Page - Linear Technology LT5554IUH-TRPBF Datasheet HTML 6Page - Linear Technology LT5554IUH-TRPBF Datasheet HTML 7Page - Linear Technology LT5554IUH-TRPBF Datasheet HTML 8Page - Linear Technology LT5554IUH-TRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
LT5554
5
5554f
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Normal Operating Conditions
VCC
Supply Voltage
4.75
5
5.25
V
VCCO
OUT+, OUTOutput Pin DC Common Mode
Voltage
(Note 4)
5
6
V
Shutdown DC Characteristics, ENB = 0.6V
VIN(BIAS)
DEC, IN+, INBias Voltage
2
2.15
V
IIL(PG)
PGx, STR Input Current
VIN = 0.6V
0
μA
IIH(PG)
PGx, STR Input Current
VIN = 5V
210
μA
IOUT
OUT+, OUTCurrent
20
μA
ICC
VCC Supply Current
4
5.1
mA
Enable Input DC Characteristics
VIL(EN)
ENB Input LOW Voltage
Disable
0.6
V
VIH(EN)
ENB Input HIGH Voltage
Enable
3
VCC
V
IIL(EN)
ENB Input Current
VIN = 0.6V
20
μA
IIH(EN)
ENB Input Current
VIN = 3V
70
μA
IIH(EN)
ENB Input Current
VIN = 5V
220
300
μA
DC ELECTRICAL CHARACTERISTICS Specifications are at T
A = 25°C. VCC = 5V, VCCO = 5V, ENB = 3V,
MODE = 5V, unless otherwise noted. (Note 3) (Test circuit shown in Figure 16), unless otherwise noted.
Timing Diagram
PG0, 1, 2, 3, 4, 5, 6
INPUTS
STROBE
INPUTS
5554 TD01
OUT SIGNAL
TLATENCY
TSU
STATE (i)
DATA
TRANSPARENT
DATA
LATCH
STATE (i + 1)
STATE (i + 2)
THOLD
TPW
TGLITCH
AC ELECTRICAL CHARACTERISTICS (Timing Diagram)


Similar Part No. - LT5554IUH-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5554 LINER-LT5554 Datasheet
355Kb / 20P
   Dual 600MHz to 1.7GHz High Dynamic Range Downconverting Mixer
LT5554 LINER-LT5554 Datasheet
1Mb / 32P
   1.6GHz Low Noise High Linearity Differential Buffer/ 16-Bit ADC Driver with Fast Clamp
logo
Analog Devices
LT5554 AD-LT5554 Datasheet
2Mb / 26P
   1.5GHz to 7GHz Dual Programmable Gain Downconverting Mixer
logo
Linear Technology
LT5554 LINER-LT5554_15 Datasheet
610Kb / 32P
   Broadband Ultra Low Distortion 7-Bit Digitally Controlled VGA
More results

Similar Description - LT5554IUH-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5554 LINER-LT5554_15 Datasheet
610Kb / 32P
   Broadband Ultra Low Distortion 7-Bit Digitally Controlled VGA
logo
Analog Devices
AD8376 AD-AD8376 Datasheet
620Kb / 12P
   Ultra Low Distortion IF Dual VGA
Rev. PrD March 13, 2007
AD8369 AD-AD8369_17 Datasheet
856Kb / 24P
   45 dB Digitally Controlled VGA
logo
Linear Technology
LT5524 LINER-LT5524_15 Datasheet
190Kb / 16P
   Low Distortion IF Amplifier/ADC Driver with Digitally Controlled Gain
logo
Analog Devices
AD8370-EVALZ AD-AD8370-EVALZ Datasheet
774Kb / 28P
   LF to 750 MHz, Digitally Controlled VGA
REV. B
AD8370ARE AD-AD8370ARE Datasheet
1Mb / 28P
   LF to 750 MHz Digitally Controlled VGA
REV. 0
logo
Linear Technology
LT5524 LINER-LT5524 Datasheet
184Kb / 16P
   Low Distortion IF Amplifier/ADC Driver with Digitally Controlled Gain
logo
Analog Devices
AD8370 AD-AD8370_15 Datasheet
774Kb / 28P
   LF to 750 MHz, Digitally Controlled VGA
REV. B
AD8370 AD-AD8370_05 Datasheet
826Kb / 28P
   LF to 750 MHz, Digitally Controlled VGA
REV. A
ADL5202 AD-ADL5202_17 Datasheet
1Mb / 29P
   Wide Dynamic Range, High Speed Digitally Controlled VGA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com