Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT5538IDD-PBF Datasheet(PDF) 8 Page - Linear Technology

Part # LT5538IDD-PBF
Description  40MHz to 3.8GHz RF Power Detector with 75dB Dynamic Range
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5538IDD-PBF Datasheet(HTML) 8 Page - Linear Technology

Back Button LT5538IDD-PBF Datasheet HTML 4Page - Linear Technology LT5538IDD-PBF Datasheet HTML 5Page - Linear Technology LT5538IDD-PBF Datasheet HTML 6Page - Linear Technology LT5538IDD-PBF Datasheet HTML 7Page - Linear Technology LT5538IDD-PBF Datasheet HTML 8Page - Linear Technology LT5538IDD-PBF Datasheet HTML 9Page - Linear Technology LT5538IDD-PBF Datasheet HTML 10Page - Linear Technology LT5538IDD-PBF Datasheet HTML 11Page - Linear Technology LT5538IDD-PBF Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
LT5538
8
5538f
The LT5538 is a 40MHz to 3.8 GHz logarithmic RF power
detector. It consists of cascaded limiting amplifiers and
RF detectors. The output currents from every RF detector
are combined and low-pass filtered before applied to the
output buffer amplifier. As a result, the final DC output
voltage approximates the logarithm of the amplitude of the
input signal. The LT5538 is able to accurately measure an
RF signal over a 70dB dynamic range (–68dBm to 2dBm
at 2.1GHz) with 50Ω single-ended input impedance. The
slope of linear to log transfer function is about 17.7mV/dB
at 2.1GHz. Within the linear dynamic range, very stable
output is achieved over the full temperature range from
–40°C to 85°C and over the full operating frequency
range from 40MHz to 3.8GHz. The absolute variation over
temperature is typically within ±1dB over 65dB dynamic
range at 2.1GHz.
RF INPUT
The simplified schematic of the input circuit is shown in
Figure 1. The IN+ and INpins are internally biased to
VCC –0.5V. The INpin is internally coupled to ground via
20pF capacitor. An external capacitor of 1nF is needed to
connect this pin to ground for low frequency operation.
The impedance between IN+ and INis about 394Ω. The
RF input pin IN+ should be DC blocked when connected
to ground or other matching components. A 56Ω resistor
(R1) connected to ground will provide better than 10dB
input return loss over the operating frequency range up
to 1.5GHz. At higher operating frequency, additional LC
matching elements are needed for a proper impedance
matching to a 50Ω source as shown in Figure 2. Refer to
Figure 6 for the circuit schematic of the input matching
network. The input impedance vs frequency of the RF input
port IN+ is detailed in Table 1.
Table 1. RF Input Impedance
FREQUENCY
(MHz)
RF INPUT
IMPEDANCE (Ω)
S11
MAG
ANGLE(°)
40
47.3 + j129.7
0.800
38.5
100
246.6 + j210.7
0.790
11.5
200
408.7 – j37.8
0.785
–1.5
400
192.9 – j190.9
0.772
–14.9
600
105.6 – j158.4
0.756
–25.3
800
69.3 – j127.4
0.737
–34.4
1000
51.8 – j106.2
0.720
–42.7
1200
41.5 – j90.9
0.707
–50.6
1400
34.2 – j78.7
0.697
–58.2
1600
29.2 – j60.0
0.687
–65.6
1800
25.4 – j60.7
0.678
–73.1
2000
22.6 – j53.8
0.669
–80.4
2200
20.5 – j47.7
0.659
–87.7
2400
18.9 – j42.4
0.649
–94.6
2600
17.9 – j37.6
0.638
–101.5
2800
17.1 – j33.4
0.627
–108.2
3000
16.4 – j29.5
0.615
–114.7
3200
16.1 – j26.0
0.602
–121.0
3400
15.9 – j22.8
0.589
–127.0
3600
15.9 – j20.0
0.574
–132.8
3800
15.9 – j17.5
0.560
–137.9
APPLICATIONS INFORMATION
5.3k
394
IN+
IN
20p
5.3k
VCC
+
5538 F01
Figure 1. Simplified Schematic of the Input Circuit
Figure 2. Input Return Loss with Additional LC Matching Network
5538 F02
FREQUENCY (GHz)
0
0.4 0.8 1.2 1.6
2
2.4 2.8 3.2 3.6 4.0
–30
–25
–20
–15
–10
0
–5
W/O L1 AND C8
L1 = 1.5nH, C8 = 1pF
C4, C11 = 12pF, C8 = 0.7pF


Similar Part No. - LT5538IDD-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5538 LINER-LT5538 Datasheet
240Kb / 12P
   40MHz to 3.8GHz RF Power Detector with 75dB Dynamic Range
LT5538 LINER-LT5538_15 Datasheet
240Kb / 12P
   40MHz to 3.8GHz RF Power Detector with 75dB Dynamic Range
More results

Similar Description - LT5538IDD-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5538 LINER-LT5538_15 Datasheet
240Kb / 12P
   40MHz to 3.8GHz RF Power Detector with 75dB Dynamic Range
LTC5582 LINER-LTC5582 Datasheet
395Kb / 16P
   40MHz to 10GHz RMS Power Detector with 57dB Dynamic Range
LTC5582 LINER-LTC5582_15 Datasheet
399Kb / 16P
   40MHz to 10GHz RMS Power Detector with 57dB Dynamic Range
LT5534 LINER-LT5534 Datasheet
191Kb / 8P
   50MHz to 3GHz RF Power Detector with 60dB Dynamic Range
LT5534 LINER-LT5534_15 Datasheet
1Mb / 10P
   50MHz to 3GHz RF Power Detector with 60dB Dynamic Range
LTC5505-1 LINER-LTC5505-1_15 Datasheet
152Kb / 8P
   RF Power Detector with Buffered Output and 40dB Dynamic Range
LTC5505-2 LINER-LTC5505-2_15 Datasheet
152Kb / 8P
   RF Power Detector with Buffered Output and 40dB Dynamic Range
LTC5505-1 LINER-LTC5505-1 Datasheet
147Kb / 8P
   RF Power Detector with Buffered Output and >40dB Dynamic Range
LT5537 LINER-LT5537_15 Datasheet
313Kb / 16P
   Wide Dynamic Range RF/IF Log Detector
LT5537 LINER-LT5537 Datasheet
307Kb / 16P
   Wide Dynamic Range RF/IF Log Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com