Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT5538 Datasheet(PDF) 2 Page - Linear Technology

Part # LT5538
Description  40MHz to 3.8GHz RF Power Detector with 75dB Dynamic Range
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5538 Datasheet(HTML) 2 Page - Linear Technology

  LT5538 Datasheet HTML 1Page - Linear Technology LT5538 Datasheet HTML 2Page - Linear Technology LT5538 Datasheet HTML 3Page - Linear Technology LT5538 Datasheet HTML 4Page - Linear Technology LT5538 Datasheet HTML 5Page - Linear Technology LT5538 Datasheet HTML 6Page - Linear Technology LT5538 Datasheet HTML 7Page - Linear Technology LT5538 Datasheet HTML 8Page - Linear Technology LT5538 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LT5538
2
5538f
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Power Supply Voltage ..............................................5.5V
Enable Voltage .....................................–0.3V, VCC + 0.3V
RF Input Power ....................................................15dBm
Operating Ambient Temperature ............ –40°C to +85°C
Storage Temperature Range................. –65°C to +125°C
Maximum Junction Temperature........................... 150°C
(Note 1)
ORDER INFORMATION
ELECTRICAL CHARACTERISTICS The denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C, VCC = 5V, ENBL = 5V. (Note 2)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RF Input
Input Frequency Range
40 to 3800
MHz
DC Common Mode Voltage
VCC –0.5
V
Input Resistance
394
Ω
fRF = 40 MHZ
RF Input Power Range
–75 to 10
dBm
Linear Dynamic Range
±1dB Linearity Error (Note 3)
76
dB
Output Slope
19.9
mV/dB
Logarithmic Intercept
(Note 5)
–87.5
dBm
Sensitivity
–72
dBm
Output Variation vs Temperature
Normalized to Output at 25°C
PIN = –50dBm; –40°C < TA < 85°C
PIN = –30dBm; –40°C < TA < 85°C
PIN = –10dBm; –40°C < TA < 85°C
0.1/0.6
–0.1/0.6
–0.2/0.6
dB
dB
dB
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT5538IDD#PBF
LT5538IDD#TRPBF
LCVG
8-Lead (3mm × 3mm) Plastic DFN
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
TOP VIEW
DD PACKAGE
8-LEAD (3mm × 3mm) PLASTIC DFN
5
6
7
8
4
3
2
1
ENBL
IN+
IN
GND
OUT
CAP+
CAP
VCC
θJA = 43°C/W
EXPOSED PAD (PIN 9) SHOULD BE SOLDERED TO PCB


Similar Part No. - LT5538

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5538 LINER-LT5538 Datasheet
240Kb / 12P
   40MHz to 3.8GHz RF Power Detector with 75dB Dynamic Range
LT5538 LINER-LT5538_15 Datasheet
240Kb / 12P
   40MHz to 3.8GHz RF Power Detector with 75dB Dynamic Range
More results

Similar Description - LT5538

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5538 LINER-LT5538_15 Datasheet
240Kb / 12P
   40MHz to 3.8GHz RF Power Detector with 75dB Dynamic Range
LTC5582 LINER-LTC5582 Datasheet
395Kb / 16P
   40MHz to 10GHz RMS Power Detector with 57dB Dynamic Range
LTC5582 LINER-LTC5582_15 Datasheet
399Kb / 16P
   40MHz to 10GHz RMS Power Detector with 57dB Dynamic Range
LT5534 LINER-LT5534 Datasheet
191Kb / 8P
   50MHz to 3GHz RF Power Detector with 60dB Dynamic Range
LT5534 LINER-LT5534_15 Datasheet
1Mb / 10P
   50MHz to 3GHz RF Power Detector with 60dB Dynamic Range
LTC5505-1 LINER-LTC5505-1_15 Datasheet
152Kb / 8P
   RF Power Detector with Buffered Output and 40dB Dynamic Range
LTC5505-2 LINER-LTC5505-2_15 Datasheet
152Kb / 8P
   RF Power Detector with Buffered Output and 40dB Dynamic Range
LTC5505-1 LINER-LTC5505-1 Datasheet
147Kb / 8P
   RF Power Detector with Buffered Output and >40dB Dynamic Range
LT5537 LINER-LT5537_15 Datasheet
313Kb / 16P
   Wide Dynamic Range RF/IF Log Detector
LT5537 LINER-LT5537 Datasheet
307Kb / 16P
   Wide Dynamic Range RF/IF Log Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com