Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1553BBC-UR Datasheet(PDF) 10 Page - Actel Corporation

Part # 1553BBC-UR
Description  Core1553BBC MIL-STD-1553B Bus Controller
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

1553BBC-UR Datasheet(HTML) 10 Page - Actel Corporation

Back Button 1553BBC-UR Datasheet HTML 6Page - Actel Corporation 1553BBC-UR Datasheet HTML 7Page - Actel Corporation 1553BBC-UR Datasheet HTML 8Page - Actel Corporation 1553BBC-UR Datasheet HTML 9Page - Actel Corporation 1553BBC-UR Datasheet HTML 10Page - Actel Corporation 1553BBC-UR Datasheet HTML 11Page - Actel Corporation 1553BBC-UR Datasheet HTML 12Page - Actel Corporation 1553BBC-UR Datasheet HTML 13Page - Actel Corporation 1553BBC-UR Datasheet HTML 14Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
Core1553BBC MIL-STD-1553B Bus Controller
10
v4.0
110
STACKPTR
RW
[15:0]
BC stack pointer
This is the internal stack pointer register; it is used for the CALL and
RETURN instructions. When the bus controller is started, the STACKPTR
is set to FFFF. The upper eight bits are fixed to FF, and the lower eight
bits will count down and up. This allows up to 255 addresses to be
stored in the stack memory.
111
INTERRUPT
RW
[15:0]
Interrupt Register
Table 9 • Setup Register
Bits
Name
Type
Reset
Function
15
FORCEORUN
RW
0
'1': If a BC-RT message with a word count between 1 and 31 is carried out, the BC will
transmit for greater than 680µs. This will cause the transmitter timer to trigger and the
BC to shutdown.
'0': Normal operation
14
CLOCKEN
RW
0
Enables the internal CLOCK to count
'0': Internal CLOCK will not count
'1': Internal CLOCK enabled
The clock is automatically enabled by the WAITC instruction.
13:12
CLKFREQ
RW
01
Tells the core what the external clock frequency is
00: 12 MHz
01: 16 MHz
10: 20 MHz
11: 24 MHz
11
RETRYMODE
WR
0
Sets how the retry system works
'0': Retries on the same bus for the number of times set by the reties setting in the
message block, then on the alternate bus for the number of times set by the alternate
bus reties in the message block.
'1': Reties alternates between the two buses. The total number of retries is the number
of reties plus alternative bus retries as set in the message block.
10
INTENABLE
RW
0
Enables the external interrupt pin
'1': The INTPENDING bit will drive the INTOUT pin
'0': The INTOUT pin is held at a '0'
9
AUTOCLOCK
RW
1
'1': Sets the CLOCK register to 0000 when the BC is started
'0': The CLOCK register is not reset when the BC is started
8
AUTOSTACK
RW
1
'1': Sets the STACKPTR register to FFFF when the BC is started
'0': The STACKPTR register is not reset when the BC is started. This allows the BC to be
restarted when previously stopped.
7:6
CLKRATE
RW
00
Sets the rate at which the TIMER and CLOCK count
00: 1
µs
01: 4
µs
10: 8
µs
11: 32
µs
5:4
IMG
RW
00
Sets the default minimum inter-message GAP
00: 4
µs
01: 8
µs
10: 16
µs
11: 32
µs
Note: The actual inter-message GAP is a function of the memory access times. Typically,
six memory accesses need to take place in the inter-message gap.
Table 8 • Bus Controller Registers
Address
Name
Type
Size
Function


Similar Part No. - 1553BBC-UR

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1553BBK HAMMOND-1553BBK Datasheet
474Kb / 1P
   Purchas ed as sembly includes top and bottom cover, and 4 cover screws .
1553BBK HAMMOND-1553BBK Datasheet
355Kb / 1P
   Enclosure m olded from GP ABS (UL94-HB) plastic.
logo
BusBoard Prototype Syst...
1553BBK BUSBOARD-1553BBK Datasheet
1Mb / 5P
   A Hammond 1553B soft-side plastic enclosure packaged with a matching ProtoBoard 2-hole per strip PCB.
Rev 4.00
More results

Similar Description - 1553BBC-UR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DK-621-0912-S MACOM-DK-621-0912-S Datasheet
129Kb / 5P
   Data Bus (MIL-STD-1553B) Components
D-500-0463-612 MACOM-D-500-0463-612 Datasheet
339Kb / 5P
   Data Bus (MIL-STD-1553B) Components
Revised 12-03
logo
Aeroflex Circuit Techno...
CT2565 AEROFLEX-CT2565 Datasheet
356Kb / 31P
   CT2565 Bus Controller, Remote Terminal and BUS Monitor FOR MIL-STD-1553B
CT2561 AEROFLEX-CT2561 Datasheet
103Kb / 9P
   CT2561 Bus Controller, Remote Terminal and BUS Monitor FOR MIL-STD-1553B
CT1999 AEROFLEX-CT1999 Datasheet
259Kb / 25P
   CT1999 Remote Terminal and/or Bus Controller for MIL-STD-1553B
CT19901 AEROFLEX-CT19901 Datasheet
232Kb / 29P
   MIL-STD-1553B Remote Terminal, Bus Controller, or Passive Monitor Hybrid with Status Word Control
CT1995 AEROFLEX-CT1995 Datasheet
277Kb / 25P
   MIL-STD-1553B Remote Terminal, Bus Controller, or Passive Monitor Hybrid with Status Word Control
logo
Dynex Semiconductor
MA3690 DYNEX-MA3690 Datasheet
426Kb / 41P
   1553B Bus Controller/Remote Terminal
logo
Aeroflex Circuit Techno...
ACT3492 AEROFLEX-ACT3492 Datasheet
360Kb / 49P
   MIL-STD-1553B Remote Terminal, BUS Controller, or Passive Monitor Hybrid with Status Word Control Dual Low Power Monolithic BUS Tranceivers
CT2542 AEROFLEX-CT2542 Datasheet
313Kb / 17P
   CT 2542 Dual Redundant Remote Terminal FOR MIL-STD-1553B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com