Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AX125-PQ896 Datasheet(PDF) 8 Page - Actel Corporation

Part # AX125-PQ896
Description  Axcelerator Family FPGAs
Download  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

AX125-PQ896 Datasheet(HTML) 8 Page - Actel Corporation

Back Button AX125-PQ896 Datasheet HTML 4Page - Actel Corporation AX125-PQ896 Datasheet HTML 5Page - Actel Corporation AX125-PQ896 Datasheet HTML 6Page - Actel Corporation AX125-PQ896 Datasheet HTML 7Page - Actel Corporation AX125-PQ896 Datasheet HTML 8Page - Actel Corporation AX125-PQ896 Datasheet HTML 9Page - Actel Corporation AX125-PQ896 Datasheet HTML 10Page - Actel Corporation AX125-PQ896 Datasheet HTML 11Page - Actel Corporation AX125-PQ896 Datasheet HTML 12Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 226 page
background image
Axcelerator Family FPGAs
1- 2
v2.7
Logic Modules
Actel's Axcelerator family provides two types of logic
modules: the register cell (R-cell) and the combinatorial
cell (C-cell). The
can implement more than 4,000 combinatorial functions
of up to five inputs (Figure 1-3 on page 1-3).
The R-cell contains a flip-flop featuring asynchronous
clear, asynchronous preset, and active-low enable control
signals (Figure 1-3 on page 1-3). The R-cell registers
feature programmable clock polarity selectable on a
register-by-register
basis.
This
provides
additional
flexibility (e.g., easy mapping of dual-data-rate functions
into the FPGA) while conserving valuable clock resources.
The clock source for the R-cell can be chosen from the
hardwired clocks, routed clocks, or internal logic.
Two C-cells, a single R-cell, and two Transmit (TX) and two
Receive (RX) routing buffers form a Cluster, while two
Clusters comprise a SuperCluster (Figure 1-4 on page 1-3).
Each SuperCluster also contains an independent Buffer (B)
module, which supports buffer insertion on high-fanout
nets by the place-and-route tool, minimizing system
delays while improving logic utilization.
The logic modules within the SuperCluster are arranged
so that two combinatorial modules are side-by-side,
giving a C–C–R – C–C–R pattern to the SuperCluster. This
C–C–R
pattern
enables
efficient
implementation
(minimum delay) of two-bit carry logic for improved
arithmetic performance (Figure 1-5 on page 1-3).
The AX architecture is fully fracturable, meaning that if
one or more of the logic modules in a SuperCluster are
used by a particular signal path, the other logic modules
are still available for use by other paths.
At the chip level, SuperClusters are organized into core
tiles, which are arrayed to build up the full chip. For
example, the AX1000 is composed of a 3x3 array of nine
core tiles. Surrounding the array of core tiles are blocks
of I/O Clusters and the I/O bank ring (Table 1-1 on
page 1-3). Each core tile consists of an array of 336
SuperClusters and four SRAM blocks (176 SuperClusters
and three SRAM blocks for the AX250). The SRAM blocks
are arranged in a column on the west side of the tile
(Figure 1-6 on page 1-4).
Figure 1-2 • Axcelerator Family Interconnect Elements


Similar Part No. - AX125-PQ896

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
AX125 MICROSEMI-AX125 Datasheet
13Mb / 262P
   Axcelerator Family FPGAs
AX125 MICROSEMI-AX125 Datasheet
13Mb / 262P
   Axcelerator Family FPGAs
logo
Axiomtek Co., Ltd.
AX12500 AXIOMTEK-AX12500 Datasheet
200Kb / 1P
   Flexible expansion through MiniPCI
More results

Similar Description - AX125-PQ896

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
AX250-PQ208I MICROSEMI-AX250-PQ208I Datasheet
13Mb / 262P
   Axcelerator Family FPGAs
AX500-PQ208I MICROSEMI-AX500-PQ208I Datasheet
13Mb / 262P
   Axcelerator Family FPGAs
logo
List of Unclassifed Man...
A54SX16 ETC1-A54SX16 Datasheet
415Kb / 57P
   54SX Family FPGAs
logo
Actel Corporation
A54SX08 ACTEL-A54SX08 Datasheet
503Kb / 64P
   SX Family FPGAs
EX128-PTQG100 ACTEL-EX128-PTQG100 Datasheet
433Kb / 49P
   eX Family FPGAs
logo
List of Unclassifed Man...
EX128 ETC1-EX128 Datasheet
307Kb / 36P
   eX Family FPGAs
logo
Actel Corporation
A1280A-1PG176C ACTEL-A1280A-1PG176C Datasheet
605Kb / 38P
   ACT2 Family FPGAs
A54SX32-TQ144 ACTEL-A54SX32-TQ144 Datasheet
504Kb / 64P
   SX Family FPGAs
A54SX08-TQ176 ACTEL-A54SX08-TQ176 Datasheet
504Kb / 64P
   SX Family FPGAs
A54SX16-P2PQG208 ACTEL-A54SX16-P2PQG208 Datasheet
504Kb / 64P
   SX Family FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com