Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A10V10B-1PG84C Datasheet(PDF) 6 Page - Actel Corporation

Part # A10V10B-1PG84C
Description  ACT 1 Series FPGAs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A10V10B-1PG84C Datasheet(HTML) 6 Page - Actel Corporation

Back Button A10V10B-1PG84C Datasheet HTML 2Page - Actel Corporation A10V10B-1PG84C Datasheet HTML 3Page - Actel Corporation A10V10B-1PG84C Datasheet HTML 4Page - Actel Corporation A10V10B-1PG84C Datasheet HTML 5Page - Actel Corporation A10V10B-1PG84C Datasheet HTML 6Page - Actel Corporation A10V10B-1PG84C Datasheet HTML 7Page - Actel Corporation A10V10B-1PG84C Datasheet HTML 8Page - Actel Corporation A10V10B-1PG84C Datasheet HTML 9Page - Actel Corporation A10V10B-1PG84C Datasheet HTML 10Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
1-288
Electrical Specifications (5V)
Symbol
Parameter
Commercial
Industrial
Military
Units
Min.
Max.
Min.
Max.
Min.
Max.
VOH
1
(IOH = –10 mA)
2
2.4
V
(IOH = –6 mA)
3.84
V
(IOH = –4 mA)
3.7
3.7
V
VOL
1
(IOL = 10 mA)
2
0.5
V
(IOL = 6 mA)
0.33
0.40
0.40
V
VIL
–0.3
0.8
–0.3
0.8
–0.3
0.8
V
VIH
2.0
VCC + 0.3
2.0
VCC + 0.3
2.0
VCC + 0.3
V
Input Transition Time tR, tF
2
500
500
500
ns
CIO I/O Capacitance
2, 3
10
10
10
pF
Standby Current, ICC
4 (typical = 1 mA)
3
10
20
mA
Leakage Current5
–10
10
–10
10
–10
10
µA
Notes:
1.
Only one output tested at a time. VCC = min.
2.
Not tested, for information only.
3.
Includes worst-case 84-pin PLCC package capacitance. VOUT = 0 V, f = 1 MHz.
4.
Typical standby current = 1 mA. All outputs unloaded. All inputs = VCC or GND.
5.
VO , VIN = VCC or GND.
Electrical Specifications (3.3V)
Parameter
Commercial
Units
Min.
Max.
VOH
1
(IOH = –4 mA)
2.15
V
(IOH = –3.2 mA)
2.4
V
VOL
1
(IOL = 6 mA)
0.4
V
VIL
–0.3
0.8
V
VIH
2.0
VCC + 0.3
V
Input Transition Time tR, tF
2
500
ns
CIO I/O Capacitance
2, 3
10
pF
Standby Current, ICC
4 (typical = 0.3 mA)
0.75
mA
Leakage Current5
–10
10
µA
Notes:
1.
Only one output tested at a time. VCC = min.
2.
Not tested, for information only.
3.
Includes worst-case 84-pin PLCC package capacitance. VOUT = 0 V, f = 1 MHz.
4.
Typical standby current = 0.3 mA. All outputs unloaded. All inputs = VCC or GND.
5.
VO, VIN = VCC or GND


Similar Part No. - A10V10B-1PG84C

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
A10V10B ACTEL-A10V10B Datasheet
172Kb / 24P
   5V and 3.3V Families fully compatible with JEDEC specifications
logo
Microsemi Corporation
A10V10B MICROSEMI-A10V10B Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
More results

Similar Description - A10V10B-1PG84C

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
A1020B-PL84C ACTEL-A1020B-PL84C Datasheet
172Kb / 24P
   ACT??1 Series FPGAs
logo
Microsemi Corporation
A1020B-PL68I MICROSEMI-A1020B-PL68I Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
logo
Actel Corporation
A1010B-2PL44I ACTEL-A1010B-2PL44I Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
A1020B-CQ84M ACTEL-A1020B-CQ84M Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
A1010B-2PLG6 ACTEL-A1010B-2PLG6 Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
A1010B-PL68C ACTEL-A1010B-PL68C Datasheet
172Kb / 24P
   ACT??1 Series FPGAs
A14100A-RQ208C ACTEL-A14100A-RQ208C Datasheet
479Kb / 68P
   Accelerator Series FPGAs - ACT 3Family
logo
Microsemi Corporation
A1280A-PL84C MICROSEMI-A1280A-PL84C Datasheet
2Mb / 54P
   ACT 2 Family FPGAs
A1240A-1PG132C MICROSEMI-A1240A-1PG132C Datasheet
2Mb / 54P
   ACT 2 Family FPGAs
A1280A-1PQ160I MICROSEMI-A1280A-1PQ160I Datasheet
2Mb / 54P
   ACT 2 Family FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com