Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EX128-FTQG100I Datasheet(PDF) 11 Page - Actel Corporation

Part # EX128-FTQG100I
Description  eX Automotive Family FPGAs
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

EX128-FTQG100I Datasheet(HTML) 11 Page - Actel Corporation

Back Button EX128-FTQG100I Datasheet HTML 7Page - Actel Corporation EX128-FTQG100I Datasheet HTML 8Page - Actel Corporation EX128-FTQG100I Datasheet HTML 9Page - Actel Corporation EX128-FTQG100I Datasheet HTML 10Page - Actel Corporation EX128-FTQG100I Datasheet HTML 11Page - Actel Corporation EX128-FTQG100I Datasheet HTML 12Page - Actel Corporation EX128-FTQG100I Datasheet HTML 13Page - Actel Corporation EX128-FTQG100I Datasheet HTML 14Page - Actel Corporation EX128-FTQG100I Datasheet HTML 15Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
eX Automotive Family FPGAs
v3.2
1-7
Figure 1-10 • Total Dynamic Power (mW)
Figure 1-11 • System Power at 5%, 10%, and 15% Duty Cycle
0
20
40
60
80
100
120
140
160
180
0
25
50
75
100
125
150
175
200
Frequency (MHz)
32-bit Decoder
8 x 8-bit Counters
SDRAM Controller
0
0
2
4
6
8
10
12
10
20
30
40
50
60
Frequency (MHz)
5% DC
10% DC
15% DC


Similar Part No. - EX128-FTQG100I

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
EX128-FTQG100I ACTEL-EX128-FTQG100I Datasheet
433Kb / 49P
   eX Family FPGAs
More results

Similar Description - EX128-FTQG100I

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
EX128-PTQG100 ACTEL-EX128-PTQG100 Datasheet
433Kb / 49P
   eX Family FPGAs
logo
List of Unclassifed Man...
EX128 ETC1-EX128 Datasheet
307Kb / 36P
   eX Family FPGAs
logo
Actel Corporation
A3P1000-1FGG144T ACTEL-A3P1000-1FGG144T Datasheet
4Mb / 136P
   Automotive ProASIC3 Flash Family FPGAs
A54SX16A-PQG208A ACTEL-A54SX16A-PQG208A Datasheet
515Kb / 68P
   SX-A Automotive Family FPGAs
APA1000-FG896A ACTEL-APA1000-FG896A Datasheet
85Kb / 10P
   Automotive-Grade ProASIC Flash Family FPGAs
logo
List of Unclassifed Man...
A54SX16 ETC1-A54SX16 Datasheet
415Kb / 57P
   54SX Family FPGAs
logo
Actel Corporation
A54SX08 ACTEL-A54SX08 Datasheet
503Kb / 64P
   SX Family FPGAs
logo
Microsemi Corporation
AX250-PQ208I MICROSEMI-AX250-PQ208I Datasheet
13Mb / 262P
   Axcelerator Family FPGAs
AX500-PQ208I MICROSEMI-AX500-PQ208I Datasheet
13Mb / 262P
   Axcelerator Family FPGAs
logo
Actel Corporation
A1280A-1PG176C ACTEL-A1280A-1PG176C Datasheet
605Kb / 38P
   ACT2 Family FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com