Electronic Components Datasheet Search |
|
2030-EUJF-1TDA Datasheet(PDF) 9 Page - Allen-Bradley |
|
2030-EUJF-1TDA Datasheet(HTML) 9 Page - Allen-Bradley |
9 / 20 page Safety Isolation System 12-9 ElectroGuard Combination Systems with Fusible Disconnect Switch Product Selection for Outside North America (see page 12-19 for Ordering Instructions) To order the Time Delay feature, add the following Cat. String to the end of the Catalogue Number shown in the table: Example: Catalogue Number 2032-C0180P ⊗-29B becomes Catalogue Number 2032-C0180P⊗-29B-1TD to include the time delay feature. * Input Power Feed Catalogue Number Code The Catalogue Number as listed is incomplete. Select an Input Power Feed Code from the table below. Example: Catalogue Number 2032*-C0630P ⊗-31B becomes Catalogue Number 2032T-C0630P⊗-31B for a “Top Feed” input power requirement. ! Bussing Designation The Catalogue Number as listed is incomplete. Select a Bussing Designation Code from the table below. Example: Catalogue Number 2032-!0085H ⊗-27D becomes Catalogue Number 2032-E0085H⊗-27D for “600A Line Side Incoming Bus and Outgoing Power Cables” bussing designation. ⊗ Input Line Voltage Code The Catalogue Number as listed is incomplete. Select an Input Line Voltage Code from the table below. Example: Catalogue Number 2032-C0085W ⊗-26B becomes Catalogue Number 2032-C0085WN-26B for a 380V 50Hz Input Line Voltage application. Product Selection: Remote Lockout Station ➍ ➊ Power fuses are not included with the disconnect switch. Select power fuses in accordance with applicable local codes. ➋ Optional Time Delay Feature. The Safety Isolation System may be ordered with a factory set time delay feature (30 seconds) in order to allow time for the machine operator to shut-down drives or other equipment that requires a controlled stop, after the operating handle on a Remote Lockout Station has been moved to the “Off ” position. Consult your local Rockwell Automation sales office for other time settings. ➌ Bus Type: Copper with tin plating. Consult factory for other types of bussing. ➍ Safety Isolation Systems rated up through 85A can support a maximum of four (4) Remote Lockout Stations (RLS). Systems rated from 110A - 1200A can support a maximum of six (6) RLS. If additional RLS are required, order the optional Expansion Module(s) (see page 12-16). Ampere Rating (AC-3) 3-Phase Max. kW Rating (50Hz) Fuse Clip Rating/ Type ➊ Catalogue Number ➋ 230V 400V 500V 600V IP 30 Enclosure IP 54 Enclosure IP 54 Motor Control Centre Type Enclosure (with bussing) IP 65 Enclosure 630 200 355 450 500 630A DIN 2032*-C0630P ⊗-30D 2032*-C0630H ⊗-30D 2032-!0630H ⊗30D 2032*-C0630W ⊗-30D 800A BS 88 2032*-C0630P⊗-31B 2032*-C0630H ⊗-31B 2032-!0630H ⊗-31B 2032*-C0630W ⊗-31B 1600A DIN 2032*-C0630P⊗-31D 2032*-C0630H ⊗-31D 2032-!0630H ⊗-31D 2032*-C0630W ⊗-31D 860 250 500 560 600 800A BS 88 2032*-C0860P⊗-31B 2032*-C0860H ⊗-31B 2032-!0860H ⊗-31B 2032*-C0860W ⊗-31B 1250A BS 88 2032*-C0860P ⊗-32B 2032*-C0860H ⊗-32B 2032-!0860H ⊗-32B 2032*-C0860W ⊗-32B 1600A DIN 2032*-C0860P⊗-31D 2032*-C0860H ⊗-31D 2032-!0860H ⊗-31D 2032*-C0860W ⊗-31D 1200 391 710 888 1043 1250A BS 88 2032*-C1200P ⊗-32B 2032*-C1200H ⊗-32B 2032-!1200H ⊗-32B 2032*-C1200W ⊗-32B 1600A DIN 2032*-C1200P ⊗-31D 2032*-C1200H ⊗-31D 2032-!1200H ⊗-31D 2032*-C1200W ⊗-31D Factory set 30 second time delay feature: -1TD Input Power Feed Catalogue Number Code Top Feed T Bottom Feed B Type of Bussing ➌ Catalogue Number Code 600A Line Side Incoming Bus and Outgoing Power Cables E 1200A Line Side Incoming Bus and Outgoing Power Cables D Line Side Incoming Power Cables and 600A Load Side Outgoing Bus H Line Side Incoming Power Cables and 1200A Load Side Outgoing Bus R Input Line Voltage 220V 50Hz 380-400V 50Hz 400-415V 50Hz 440V 50Hz 500V 50Hz 550V 50Hz Voltage Code for Catalogue Number AN G B M C “System Isolated” Light Colour Catalogue Number IP 30 Enclosure IP 54 Enclosure IP 65 Enclosure Green 2030-RLSPG 2030-RLSHG 2030-RLSWG |
Similar Part No. - 2030-EUJF-1TDA |
|
Similar Description - 2030-EUJF-1TDA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |