Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A54SX32A-1CQ208B Datasheet(PDF) 1 Page - Actel Corporation

Part # A54SX32A-1CQ208B
Description  HiRel SX-A Family FPGAs
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A54SX32A-1CQ208B Datasheet(HTML) 1 Page - Actel Corporation

  A54SX32A-1CQ208B Datasheet HTML 1Page - Actel Corporation A54SX32A-1CQ208B Datasheet HTML 2Page - Actel Corporation A54SX32A-1CQ208B Datasheet HTML 3Page - Actel Corporation A54SX32A-1CQ208B Datasheet HTML 4Page - Actel Corporation A54SX32A-1CQ208B Datasheet HTML 5Page - Actel Corporation A54SX32A-1CQ208B Datasheet HTML 6Page - Actel Corporation A54SX32A-1CQ208B Datasheet HTML 7Page - Actel Corporation A54SX32A-1CQ208B Datasheet HTML 8Page - Actel Corporation A54SX32A-1CQ208B Datasheet HTML 9Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
Nove mber 2006
i
© 2006 Actel Corporation
See the Actel website for the latest version of the datasheet.
HiRel SX-A Family FPGAs
Features and Benefits
Leading Edge Performance
215 MHz System Performance (Military Temperature)
5.3 ns Clock-to-Out (Pin-to-Pin) (Military Temperature)
240 MHz Internal Performance (Military Temperature)
Specifications
48,000 to 108,000 Available System Gates
Up to 228 User-Programmable I/O Pins
Up to 2,012 Dedicated Flip-Flops
0.25/0.22 µ CMOS Process Technology
Features
Hot-Swap Compliant I/Os
Power-Up/Down Friendly (no sequencing required
for supply voltages)
Class B Level Devices
Three Standard Hermetic Package Options
Product Profile
Actel
Secure
Programming
Technology
with
FuseLock™ Prevents Reverse Engineering and Design
Theft
Cold-Sparing Capability
Individual Output Slew Rate Control
QML Certified Devices
100% Military Temperature Tested (–55°C to +125°C)
33 MHz PCI Compliant
CPLD and FPGA Integration
Single-Chip Solution
Configurable I/O Support for 3.3 V/5 V PCI, LVTTL,
and TTL
Configurable Weak Resistor Pull-Up or Pull-Down for
Tristated Outputs during Power-Up
Up to 100% Resource Utilization and 100% Pin
Locking
2.5 V, 3.3 V, and 5 V Mixed Voltage Operation with
5 V Input Tolerance and 5 V Drive Strength
Very Low Power Consumption
Deterministic, User-Controllable Timing
Unique
In-System
Diagnostic
and
Verification
Capability with Silicon Explorer II
Boundary-Scan Testing in Compliance with IEEE
1149.1 (JTAG)
Device
A54SX32A
A54SX72A
Capacity
Typical Gates
System Gates
32,000
48,000
72,000
108,000
Logic Modules
Combinatorial Cells
2,880
1,800
6,036
4,024
Register Cells
Dedicated Flip-Flops
Maximum Flip-Flops
1,080
1,980
2,012
4,024
Maximum User I/Os
228
213
Global Clocks
33
Quadrant Clocks
04
Boundary-Scan Testing
Yes
Yes
3.3 V / 5 V PCI
Yes
Yes
Clock-to-Out
5.3 ns
6.7 ns
Input Set-Up (External)
0 ns
0 ns
Speed Grades
Std, –1
Std, –1
Package (by Pin Count)
CQFP
84, 208, 256
208, 256
v2.0


Similar Part No. - A54SX32A-1CQ208B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A54SX32A-1CQ208B ETC1-A54SX32A-1CQ208B Datasheet
720Kb / 108P
   SX-A Family FPGAs
logo
Actel Corporation
A54SX32A-1CQ208B ACTEL-A54SX32A-1CQ208B Datasheet
818Kb / 108P
   SX-A Family FPGAs
More results

Similar Description - A54SX32A-1CQ208B

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
RT54SX32-1CQ256B ACTEL-RT54SX32-1CQ256B Datasheet
393Kb / 46P
   SX Family FPGAs RadTolerant and HiRel
A54SX08A-FTQG144 ACTEL-A54SX08A-FTQG144 Datasheet
823Kb / 108P
   SX-A Family FPGAs
A54SX08A-FTQ144 ACTEL-A54SX08A-FTQ144 Datasheet
828Kb / 108P
   SX-A Family FPGAs
logo
List of Unclassifed Man...
A54SX08A ETC1-A54SX08A Datasheet
720Kb / 108P
   SX-A Family FPGAs
logo
Actel Corporation
A54SX72A-CQ256 ACTEL-A54SX72A-CQ256 Datasheet
823Kb / 108P
   SX-A Family FPGAs
A54SX16A2PQG208 ACTEL-A54SX16A2PQG208 Datasheet
818Kb / 108P
   SX-A Family FPGAs
A54SX16A-TQ100 ACTEL-A54SX16A-TQ100 Datasheet
824Kb / 108P
   SX-A Family FPGAs
A54SX08 ACTEL-A54SX08 Datasheet
503Kb / 64P
   SX Family FPGAs
A54SX16A-PQG208A ACTEL-A54SX16A-PQG208A Datasheet
515Kb / 68P
   SX-A Automotive Family FPGAs
A54SX32-TQ144 ACTEL-A54SX32-TQ144 Datasheet
504Kb / 64P
   SX Family FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com