Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EX128-PCS100 Datasheet(PDF) 2 Page - Actel Corporation

Part # EX128-PCS100
Description  eX Family FPGAs
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

EX128-PCS100 Datasheet(HTML) 2 Page - Actel Corporation

  EX128-PCS100 Datasheet HTML 1Page - Actel Corporation EX128-PCS100 Datasheet HTML 2Page - Actel Corporation EX128-PCS100 Datasheet HTML 3Page - Actel Corporation EX128-PCS100 Datasheet HTML 4Page - Actel Corporation EX128-PCS100 Datasheet HTML 5Page - Actel Corporation EX128-PCS100 Datasheet HTML 6Page - Actel Corporation EX128-PCS100 Datasheet HTML 7Page - Actel Corporation EX128-PCS100 Datasheet HTML 8Page - Actel Corporation EX128-PCS100 Datasheet HTML 9Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 49 page
background image
eX Family FPGAs
ii
v4.3
Ordering Information
Plastic Device Resources
Temperature Grade Offerings
Speed Grade and Temperature Grade Matrix
Contact your local Actel representative for device availability.
eX128
TQ
Part Number
Package Type
TQ = Thin Quad Flat Pack (0.5 mm pitch)
CS = Chip-Scale Package (0.8 mm pitch)
G
100
Package Lead Count
Application (Ambient Temperature Range)
I = Industrial (-40˚C to 85˚C)
A = Automotive (-40˚C to 125˚C)
PP = Pre-production
Blank = Commercial (0˚C to 70˚C)
Speed Grade
64 Dedicated Flip-Flops (3,000 System Gates)
eX64 =
eX128
128 Dedicated Flip-Flops (6,000 System Gates)
=
eX256
256 Dedicated Flip-Flops (12,000 System Gates)
=
Standard Speed
Blank=
P
Approximately 30% Faster than Standard
=
F
Approximately 40% Slower than Standard
=
P
Lead-Free Packaging
Blank = Standard Packaging
G = RoHS Compliant Packaging
User I/Os (Including Clock Buffers)
Device
TQFP 64-Pin
TQFP 100-Pin
CSP 49-Pin
CSP 128-Pin
CSP 180-Pin
eX64
41
56
36
84
eX128
467036
100
eX256
81
100
132
Note: Package Definitions:TQFP = Thin Quad Flat Pack, CSP = Chip Scale Package
Device\Package
TQFP 64-Pin
TQFP 100-Pin
CSP 49-Pin
CSP 128-Pin
CSP 180-Pin
eX64
C, I, A
C, I, A
C, I, A
C, I, A
C, I, A
eX128
C, I, A
C, I, A
C, I, A
C, I, A
C, I, A
eX256
C, I, A
C, I, A
C, I, A
C, I, A
C, I, A
Notes:
C = Commercial
I = Industrial
A = Automotive
–F
Std
–P
C
✓✓✓
I
✓✓
A
Notes:
P = Approximately 30% faster than Standard
–F = Approximately 40% slower than Standard
Refer to the eX Automotive Family FPGAs datasheet for details on automotive temperature offerings.


Similar Part No. - EX128-PCS100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EX128-PCS100 ETC1-EX128-PCS100 Datasheet
307Kb / 36P
   eX Family FPGAs
logo
Actel Corporation
EX128-PCS100 ACTEL-EX128-PCS100 Datasheet
404Kb / 44P
   eX Automotive Family FPGAs
EX128-PCS100A ACTEL-EX128-PCS100A Datasheet
404Kb / 44P
   eX Automotive Family FPGAs
logo
List of Unclassifed Man...
EX128-PCS100I ETC1-EX128-PCS100I Datasheet
307Kb / 36P
   eX Family FPGAs
logo
Actel Corporation
EX128-PCS100I ACTEL-EX128-PCS100I Datasheet
404Kb / 44P
   eX Automotive Family FPGAs
More results

Similar Description - EX128-PCS100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EX128 ETC1-EX128 Datasheet
307Kb / 36P
   eX Family FPGAs
logo
Actel Corporation
EX128-TQG100A ACTEL-EX128-TQG100A Datasheet
404Kb / 44P
   eX Automotive Family FPGAs
logo
List of Unclassifed Man...
A54SX16 ETC1-A54SX16 Datasheet
415Kb / 57P
   54SX Family FPGAs
logo
Actel Corporation
A54SX08 ACTEL-A54SX08 Datasheet
503Kb / 64P
   SX Family FPGAs
logo
Microsemi Corporation
AX250-PQ208I MICROSEMI-AX250-PQ208I Datasheet
13Mb / 262P
   Axcelerator Family FPGAs
AX500-PQ208I MICROSEMI-AX500-PQ208I Datasheet
13Mb / 262P
   Axcelerator Family FPGAs
logo
Actel Corporation
A1280A-1PG176C ACTEL-A1280A-1PG176C Datasheet
605Kb / 38P
   ACT2 Family FPGAs
A54SX32-TQ144 ACTEL-A54SX32-TQ144 Datasheet
504Kb / 64P
   SX Family FPGAs
A54SX08-TQ176 ACTEL-A54SX08-TQ176 Datasheet
504Kb / 64P
   SX Family FPGAs
AX1000-1FGG896I ACTEL-AX1000-1FGG896I Datasheet
2Mb / 226P
   Axcelerator Family FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com