Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EX128-CS100A Datasheet(PDF) 6 Page - Actel Corporation

Part # EX128-CS100A
Description  eX Automotive Family FPGAs
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

EX128-CS100A Datasheet(HTML) 6 Page - Actel Corporation

Back Button EX128-CS100A Datasheet HTML 2Page - Actel Corporation EX128-CS100A Datasheet HTML 3Page - Actel Corporation EX128-CS100A Datasheet HTML 4Page - Actel Corporation EX128-CS100A Datasheet HTML 5Page - Actel Corporation EX128-CS100A Datasheet HTML 6Page - Actel Corporation EX128-CS100A Datasheet HTML 7Page - Actel Corporation EX128-CS100A Datasheet HTML 8Page - Actel Corporation EX128-CS100A Datasheet HTML 9Page - Actel Corporation EX128-CS100A Datasheet HTML 10Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
eX Automotive Family FPGAs
1- 2
v3.2
Module Organization
C-cell and R-cell logic modules are arranged into
horizontal banks called Clusters, each of which contains
two C-cells and one R-cell in a C-R-C configuration.
Clusters are further organized into modules called
SuperClusters for improved design efficiency and device
performance, as shown in Figure 1-3 on page 1-3. Each
SuperCluster is a two-wide grouping of Clusters.
Routing Resources
Clusters and SuperClusters can be connected through the
use of two innovative local routing resources called
FastConnect and DirectConnect, which enable extremely
fast and predictable interconnection of modules within
Clusters and SuperClusters (Figure 1-4 on page 1-3). This
routing architecture also dramatically reduces the
number of antifuses required to complete a circuit,
ensuring the highest possible performance.
DirectConnect is a horizontal routing resource that
provides connections from a C-cell to its neighboring R-cell
in a given SuperCluster. DirectConnect uses a hardwired
signal path requiring no programmable interconnection to
achieve its fast signal propagation time of less than 0.1 ns.
FastConnect enables horizontal routing between any
two logic modules within a given SuperCluster and
vertical routing with the SuperCluster immediately
below it. Only one programmable connection is used in a
FastConnect
path,
delivering
maximum
pin-to-pin
propagation of 0.6 ns.
In addition to DirectConnect and FastConnect, the
architecture makes use of two globally oriented routing
resources, known as segmented routing and high-drive
routing. Actel’s segmented routing structure provides a
variety of track lengths for extremely fast routing
between SuperClusters. The exact combination of track
lengths and antifuses within each path is chosen by the
fully automatic place-and-route software to minimize
signal propagation delays.
Figure 1-2 • C-Cell
D0
D1
D2
D3
DB
A0 B0
A1 B1
Sa
Sb
Y


Similar Part No. - EX128-CS100A

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
EX128-CS100A ACTEL-EX128-CS100A Datasheet
433Kb / 49P
   eX Family FPGAs
More results

Similar Description - EX128-CS100A

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
EX128-PTQG100 ACTEL-EX128-PTQG100 Datasheet
433Kb / 49P
   eX Family FPGAs
logo
List of Unclassifed Man...
EX128 ETC1-EX128 Datasheet
307Kb / 36P
   eX Family FPGAs
logo
Actel Corporation
A3P1000-1FGG144T ACTEL-A3P1000-1FGG144T Datasheet
4Mb / 136P
   Automotive ProASIC3 Flash Family FPGAs
A54SX16A-PQG208A ACTEL-A54SX16A-PQG208A Datasheet
515Kb / 68P
   SX-A Automotive Family FPGAs
APA1000-FG896A ACTEL-APA1000-FG896A Datasheet
85Kb / 10P
   Automotive-Grade ProASIC Flash Family FPGAs
logo
List of Unclassifed Man...
A54SX16 ETC1-A54SX16 Datasheet
415Kb / 57P
   54SX Family FPGAs
logo
Actel Corporation
A54SX08 ACTEL-A54SX08 Datasheet
503Kb / 64P
   SX Family FPGAs
logo
Microsemi Corporation
AX250-PQ208I MICROSEMI-AX250-PQ208I Datasheet
13Mb / 262P
   Axcelerator Family FPGAs
AX500-PQ208I MICROSEMI-AX500-PQ208I Datasheet
13Mb / 262P
   Axcelerator Family FPGAs
logo
Actel Corporation
A1280A-1PG176C ACTEL-A1280A-1PG176C Datasheet
605Kb / 38P
   ACT2 Family FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com