Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M7AFS600-1PQ256ES Datasheet(PDF) 9 Page - Actel Corporation

Part # M7AFS600-1PQ256ES
Description  Actel Fusion Mixed-Signal FPGAs
Download  318 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

M7AFS600-1PQ256ES Datasheet(HTML) 9 Page - Actel Corporation

Back Button M7AFS600-1PQ256ES Datasheet HTML 5Page - Actel Corporation M7AFS600-1PQ256ES Datasheet HTML 6Page - Actel Corporation M7AFS600-1PQ256ES Datasheet HTML 7Page - Actel Corporation M7AFS600-1PQ256ES Datasheet HTML 8Page - Actel Corporation M7AFS600-1PQ256ES Datasheet HTML 9Page - Actel Corporation M7AFS600-1PQ256ES Datasheet HTML 10Page - Actel Corporation M7AFS600-1PQ256ES Datasheet HTML 11Page - Actel Corporation M7AFS600-1PQ256ES Datasheet HTML 12Page - Actel Corporation M7AFS600-1PQ256ES Datasheet HTML 13Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 318 page
background image
Actel Fusion Mixed-Signal FPGAs
Pr el iminar y v1 .7
1-5
With Fusion, Actel also introduces the Analog Quad I/O structure (Figure 1-1 on page 1-5). Each
quad consists of three analog inputs and one gate driver. Each quad can be configured in various
built-in circuit combinations, such as three prescaler circuits, three digital input circuits, a current
monitor circuit, or a temperature monitor circuit. Each prescaler has multiple scaling factors
programmed by FPGA signals to support a large range of analog inputs with positive or negative
polarity. When the current monitor circuit is selected, two adjacent analog inputs measure the
voltage drop across a small external sense resistor. Built-in operational amplifiers amplify small
voltage signals (2 mV sensitivity) for accurate current measurement. One analog input in each quad
can be connected to an external temperature monitor diode and achieves detection accuracy of
±3ºC. In addition to the external temperature monitor diode(s), a Fusion device can monitor an
internal temperature diode using dedicated channel 31 of the ADCMUX.
Figure 1-1 on page 1-5 illustrates a typical use of the Analog Quad I/O structure. The Analog Quad
shown is configured to monitor and control an external power supply. The AV pad measures the
source of the power supply. The AC pad measures the voltage drop across an external sense resistor
to calculate current. The AG MOSFET gate driver pad turns the external MOSFET on and off. The AT
pad measures the load-side voltage level.
Embedded Memories
Flash Memory Blocks
The flash memory available in each Fusion device is composed of one to four flash blocks, each 2
Mbits in density. Each block operates independently with a dedicated flash controller and
interface. Fusion flash memory blocks combine fast access times (60 ns random access and 10 ns
access in Read-Ahead mode) with a configurable 8-, 16-, or 32-bit datapath, enabling high-speed
Figure 1-1 • Analog Quad
Analog Quad
AV
AC
AT
Voltage
Monitor Block
Current
Monitor Block
AG
Power
Line Side
Load Side
Pre-
scaler
Digital
Input
Power
MOSFET
Gate Driver
Current
Monitor/Instr
Amplifier
Temperature
Monitor
Digital
Input
Digital
Input
Pre-
scaler
Pre-
scaler
Pads
To Analog MUX
To Analog MUX
To Analog MUX
To FPGA
(DAVOUTx)
To FPGA
(DACOUTx)
To FPGA
(DATOUTx)
On-Chip
Gate
Driver
Temperature
Monitor Block
Off-Chip
Rpullup
From FPGA
(GDONx)


Similar Part No. - M7AFS600-1PQ256ES

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
M7A HY-M7A Datasheet
309Kb / 3P
   Surface Mount Glass Passivated Rectifiers
logo
List of Unclassifed Man...
M7A1 ETC1-M7A1 Datasheet
179Kb / 2P
   MEDIUM CURRENT SILICON RECTIFIERS
M7A5 ETC1-M7A5 Datasheet
179Kb / 2P
   MEDIUM CURRENT SILICON RECTIFIERS
logo
Edal Industries, Inc.
M7A5 EDAL-M7A5 Datasheet
1Mb / 2P
   SILICON GENERAL PURPOSE 6.0 AMP DIODES
logo
List of Unclassifed Man...
M7A9 ETC1-M7A9 Datasheet
179Kb / 2P
   MEDIUM CURRENT SILICON RECTIFIERS
More results

Similar Description - M7AFS600-1PQ256ES

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
U1AFS600-FGG256I ACTEL-U1AFS600-FGG256I Datasheet
8Mb / 17P
   Actel Fusion Mixed-Signal FPGA
logo
Microsemi Corporation
M1AFS600-PQ208 MICROSEMI-M1AFS600-PQ208 Datasheet
18Mb / 334P
   Fusion Family of Mixed Signal FPGAs
AFS600-FGG484 MICROSEMI-AFS600-FGG484 Datasheet
18Mb / 334P
   Fusion Family of Mixed Signal FPGAs
AFS1500-FGG484 MICROSEMI-AFS1500-FGG484 Datasheet
18Mb / 334P
   Fusion Family of Mixed Signal FPGAs
AFS090 MICROSEMI-AFS090 Datasheet
17Mb / 334P
   Fusion Family of Mixed Signal FPGAs
logo
Texas Instruments
MSP430F11X TI-MSP430F11X Datasheet
473Kb / 29P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X31X TI-MSP430X31X Datasheet
399Kb / 30P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLERS
MSP430F249-EP TI-MSP430F249-EP Datasheet
1Mb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_11 Datasheet
981Kb / 99P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42X TI-MSP430FE42X_10 Datasheet
975Kb / 51P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com